Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMR10A3 Datasheet(PDF) 1 Page - SunLED Corporation

Part # DMR10A3
Description  10.2mm (0.4) THREE DIGIT NUMERIC DISPLAY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNLED [SunLED Corporation]
Direct Link  http://www.sunled.com
Logo SUNLED - SunLED Corporation

DMR10A3 Datasheet(HTML) 1 Page - SunLED Corporation

  DMR10A3 Datasheet HTML 1Page - SunLED Corporation DMR10A3 Datasheet HTML 2Page - SunLED Corporation DMR10A3 Datasheet HTML 3Page - SunLED Corporation DMR10A3 Datasheet HTML 4Page - SunLED Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.SunLED.com
Published Date : MAR 12,2008
Drawing No : SDSA2245
V4
Checked : Shin Chi
P.1/4
Part Number:
DMR10A3
10.2mm (0.4”) THREE DIGIT NUMERIC DISPLAY
Part
Number
Emitting
Color
Emitting
Material
Luminous
Intensity
(IF=10mA)
ucd
Wavelength
nm
λ P
Description
min.
typ.
DMR10A3
Red
GaAlAs
4700
17990
660
Common Anode
Features
● 0.4 INCH DIGIT HEIGHT.
●LOW CURRENT OPERATION.
●EXCELLENT CHARACTER APPEARANCE.
●EASY MOUNTING ON P.C. BOARDS OR SOCKETS.
●I.C. COMPATIBLE.
●MECHANICALLY RUGGED.
●STANDARD : GRAY FACE, WHITE SEGMENT.
●RoHS COMPLIANT.
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ± 0.25(0.01") unless otherwise noted.
3. Specifications are subject to change without notice.
Absolute Maximum Ratings
(TA=25°C)
MR
(GaAlAs)
Unit
Reverse Voltage
VR
5
V
Forward Current
IF
30
mA
Forward Current (Peak)
1/10 Duty Cycle
0.1ms Pulse Width
iFS
155
mA
Power Dissipation
PT
75
mW
Operating Temperature
TA
-40 ~ +85
°C
Storage Temperature
Tstg
-40 ~ +85
Lead Solder Temperature
[2mm Below Package Base]
260°C For 3 –5Seconds
MR
(GaAlAs)
Unit
Forward Voltage (Typ.)
(IF=10mA)
VF
1.8
V
Forward Voltage (Max.)
(IF=10mA)
VF
2.5
V
Reverse Current (Max.)
(VR=5V)
IR
10
uA
Wavelength Of Peak
Emission (Typ.)
(IF=10mA)
λ p
660
nm
Wavelength Of Dominant
Emission (Typ.)
(IF=10mA)
λ D
640
nm
Spectral Line Full Width At
Half-Maximum (Typ.)
(IF=10mA)
Δλ
20
nm
Capacitance (Typ.)
(VF=0V, f=1MHz)
C
45
pF
Operating Characteristics
(TA=25°C)
R.
CHEN
數位簽署者:R.CHEN
DN:cn=R.CHEN,
o=SPEC專用, ou=SPEC專
用, email=fangdh@cn.
kingbright.com, c=<無>
日期︰2008.03.12 18:04:04
+08'00'


Similar Part No. - DMR10A3

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
DMR10A3-A SUNLED-DMR10A3-A Datasheet
191Kb / 4P
   10.2mm (0.4) THREE DIGIT NUMERIC DISPLAY
More results

Similar Description - DMR10A3

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
DMR10A3-A SUNLED-DMR10A3-A Datasheet
191Kb / 4P
   10.2mm (0.4) THREE DIGIT NUMERIC DISPLAY
DUR10C3-A SUNLED-DUR10C3-A Datasheet
193Kb / 4P
   10.2mm (0.4?? THREE DIGIT NUMERIC DISPLAY
DUY10A3 SUNLED-DUY10A3 Datasheet
192Kb / 4P
   10.2mm (0.4?? THREE DIGIT NUMERIC DISPLAY
DUG10C3-A SUNLED-DUG10C3-A Datasheet
193Kb / 4P
   10.2mm (0.4) THREE DIGIT NUMERIC DISPLAY
DUY10C3-A SUNLED-DUY10C3-A Datasheet
195Kb / 4P
   10.2mm (0.4?? THREE DIGIT NUMERIC DISPLAY
DUY10A3-A SUNLED-DUY10A3-A Datasheet
194Kb / 4P
   10.2mm (0.4?? THREE DIGIT NUMERIC DISPLAY
DUG10A3 SUNLED-DUG10A3 Datasheet
190Kb / 4P
   10.2mm (0.4?? THREE DIGIT NUMERIC DISPLAY
DMR10C3 SUNLED-DMR10C3 Datasheet
191Kb / 4P
   10.2mm (0.4) THREE DIGIT NUMERIC DISPLAY
DMR10C3-A SUNLED-DMR10C3-A Datasheet
192Kb / 4P
   10.2mm (0.4) THREE DIGIT NUMERIC DISPLAY
DUR10A3 SUNLED-DUR10A3 Datasheet
190Kb / 4P
   10.2mm (0.4?? THREE DIGIT NUMERIC DISPLAY
DUG10A3-A SUNLED-DUG10A3-A Datasheet
193Kb / 4P
   10.2mm (0.4) THREE DIGIT NUMERIC DISPLAY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com