Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HTS2030SMD Datasheet(PDF) 3 Page - Humirel

Part # HTS2030SMD
Description  TEMPERATURE AND RELATIVE HUMIDITY SENSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUMIREL [Humirel]
Direct Link  http://www.humirel.com
Logo HUMIREL - Humirel

HTS2030SMD Datasheet(HTML) 3 Page - Humirel

  HTS2030SMD Datasheet HTML 1Page - Humirel HTS2030SMD Datasheet HTML 2Page - Humirel HTS2030SMD Datasheet HTML 3Page - Humirel HTS2030SMD Datasheet HTML 4Page - Humirel  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TECHNICAL
DATA
HUMIREL HPC055 Rev0 June 2004
HTS2030SMD
3
Temp °C
Resistance
(Ohm)
Max.
deviation
Temp °C
Resistance (Ohm)
Max.
deviation
Temp °C
Resistance (Ohm)
Max.
deviation
Temp °C
Resistance (Ohm)
Max.
deviation
-40
262960
35403
-5
38279
2756
30
8178
296
65
2304
171
-39
247217
32777
-4
36455
2568
31
7866
294
66
2229
168
-38
232539
30358
-3
34731
2393
32
7568
292
67
2158
165
-37
218845
28130
-2
33100
2230
33
7283
290
68
2089
161
-36
206064
26075
-1
31557
2078
34
7011
287
69
2022
158
-35
194110
24178
0
30029
1932
35
6734
284
70
1960
155
-34
182852
22416
1
28627
1799
36
6484
281
71
1898
152
-33
172332
20791
2
27299
1675
37
6244
278
72
1839
149
-32
162498
19290
3
26042
1560
38
6015
275
73
1782
146
-31
153299
17905
4
24852
1452
39
5796
271
74
1727
143
-30
144790
16636
5
23773
1355
40
5575
267
75
1673
140
-29
136664
15444
6
22708
1261
41
5373
264
76
1622
138
-28
129054
14343
7
21698
1174
42
5180
260
77
1573
135
-27
121925
13325
8
20739
1093
43
4995
257
78
1526
132
-26
115243
12383
9
19829
1017
44
4817
253
79
1480
130
-25
109030
11516
10
18959
946
45
4636
248
80
1432
127
-24
103115
10705
11
18128
879
46
4473
245
81
1390
124
-23
97565
9953
12
17338
817
47
4316
241
82
1349
122
-22
92354
9257
13
16588
759
48
4166
237
83
1310
119
-21
87460
8612
14
15876
705
49
4021
233
84
1272
117
-20
82923
8020
15
15207
654
50
3874
229
85
1235
115
-19
78581
7463
16
14569
607
51
3737
225
86
1199
112
-18
74497
6947
17
13962
563
52
3606
221
87
1163
110
-17
70655
6468
18
13384
522
53
3481
217
88
1130
108
-16
67039
6023
19
12834
484
54
3360
213
89
1097
106
-15
63591
5606
20
12280
447
55
3237
208
90
1067
104
-14
60381
5222
21
11777
413
56
3126
204
91
1038
102
-13
57356
4865
22
11297
382
57
3019
200
92
1009
100
-12
54503
4533
23
10840
353
58
2917
197
93
982
98
-11
51813
4225
24
10404
325
59
2819
193
94
955
96
-10
49204
3932
25
10000
300
60
2720
189
95
927
94
-9
46767
3662
26
9600
300
61
2629
185
96
901
92
-8
44467
3411
27
9218
300
62
2542
182
97
877
90
-7
42296
3177
28
8853
299
63
2458
178
98
853
89
-6
40247
2960
29
8506
297
64
2378
175
99
830
87
Temperature look-up table
SUGGESTED FREQUENCY OUTPUT CIRCUITS
Note: R22=499kΩ /
R4=49.9kΩ / R1=1 kΩ /
RV1=50 kΩ potentiometer /
C1=10nF / C2=2.2nF / C3=100nF
Typical response look-up table (Humidity output)
RH (%)
0
5
10
15
20
25
30
35
40
45
50
Fout (Hz)
7155
7080
7010
6945
6880
6820
6760
6705
6650
RH (%)
55
60
65
70
75
80
85
90
95
100
Fout (Hz)
6600
6550
6500
6450
6400
6355
6305
6260
6210


Similar Part No. - HTS2030SMD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HTS2030SMD ETC2-HTS2030SMD Datasheet
214Kb / 5P
   Temperature and Relative Humidity Sensor
More results

Similar Description - HTS2030SMD

ManufacturerPart #DatasheetDescription
logo
Humirel
HTS2010SMD HUMIREL-HTS2010SMD Datasheet
573Kb / 4P
   TEMPERATURE AND RELATIVE HUMIDITY SENSOR
logo
List of Unclassifed Man...
HTS2030SMD ETC2-HTS2030SMD Datasheet
214Kb / 5P
   Temperature and Relative Humidity Sensor
logo
Renesas Technology Corp
HS310X RENESAS-HS310X Datasheet
819Kb / 21P
   High Performance Relative Humidity and Temperature Sensor
Aug 10, 2021
logo
List of Unclassifed Man...
RHT04 ETC-RHT04 Datasheet
445Kb / 5P
   Digital relative humidity & temperature sensor
RHT05 ETC-RHT05 Datasheet
419Kb / 5P
   Digital relative humidity & temperature sensor
logo
Renesas Technology Corp
HS3101 RENESAS-HS3101_V01 Datasheet
789Kb / 21P
   High Performance Relative Humidity and Temperature Sensor
Aug 10, 2021
logo
List of Unclassifed Man...
RHT03 ETC-RHT03 Datasheet
436Kb / 5P
   Digital relative humidity & temperature sensor
RHT01 ETC-RHT01 Datasheet
442Kb / 5P
   Digital relative humidity & temperature sensor
logo
Renesas Technology Corp
HS3001 RENESAS-HS3001 Datasheet
785Kb / 21P
   High Performance Relative Humidity and Temperature Sensor
HS300X RENESAS-HS300X Datasheet
733Kb / 21P
   High Performance Relative Humidity and Temperature Sensor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com