Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C505A Datasheet(PDF) 10 Page - Siemens Semiconductor Group

Part # C505A
Description  8-Bit CMOS Microcontroller
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

C505A Datasheet(HTML) 10 Page - Siemens Semiconductor Group

Back Button C505A Datasheet HTML 6Page - Siemens Semiconductor Group C505A Datasheet HTML 7Page - Siemens Semiconductor Group C505A Datasheet HTML 8Page - Siemens Semiconductor Group C505A Datasheet HTML 9Page - Siemens Semiconductor Group C505A Datasheet HTML 10Page - Siemens Semiconductor Group C505A Datasheet HTML 11Page - Siemens Semiconductor Group C505A Datasheet HTML 12Page - Siemens Semiconductor Group C505A Datasheet HTML 13Page - Siemens Semiconductor Group C505A Datasheet HTML 14Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 76 page
background image
Semiconductor Group
1-7
Introduction
C505A
P4.0
P4.1
6
28
I/O
I/O
Port 4
is a 2-bit quasi-bidirectional port with internal pull-up
arrangement. Port 4 pins that have 1’s written to them are
pulled high by the internal pull-up transistors and in that
state can be used as inputs. As inputs, port 4 pins being
externally pulled low will source current (IIL, in the DC
characteristics) because of the internal pullup transistors.
The output latch corresponding to the secondary function
RXDC must be programmed to a one (1) for that function to
operate. The secondary functions are assigned to the two
pins of port 4 as follows (C505CA only) :
P4.0 / TXDC
Transmitter output of CAN controller
P4.1 / RXDC
Receiver input of CAN controller
XTAL2
14
O
XTAL2
Output of the inverting oscillator amplifier.
XTAL1
15
I
XTAL1
Input to the inverting oscillator amplifier and input to the
internal clock generator circuits.
To drive the device from an external clock source, XTAL1
should be driven, while XTAL2 is left unconnected. To
operate above a frequency of 16 MHz, a duty cycle of the
etxernal clock signal of 50 % should be maintained.
Minimum and maximum high and low times as well as rise/
fall times specified in the AC characteristics must be
observed.
*) I = Input
O = Output
Table 1-1 :
Pin Definitions and Functions (cont’d)
Symbol
Pin Number
I/O
*)
Function


Similar Part No. - C505A

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
C505A INFINEON-C505A Datasheet
1Mb / 88P
   8-Bit Single-Chip Microcontroller
Dec. 2000
C505A-2R INFINEON-C505A-2R Datasheet
1Mb / 88P
   8-Bit Single-Chip Microcontroller
Dec. 2000
C505A-4E INFINEON-C505A-4E Datasheet
1Mb / 88P
   8-Bit Single-Chip Microcontroller
Dec. 2000
logo
Siemens Semiconductor G...
C505A-4EM SIEMENS-C505A-4EM Datasheet
335Kb / 85P
   8-Bit CMOS Microcontroller
logo
Infineon Technologies A...
C505A-4R INFINEON-C505A-4R Datasheet
1Mb / 88P
   8-Bit Single-Chip Microcontroller
Dec. 2000
More results

Similar Description - C505A

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP87CH34BN TOSHIBA-TMP87CH34BN Datasheet
7Mb / 138P
   CMOS 8-BIT MICROCONTROLLER
logo
Siemens Semiconductor G...
C509-L SIEMENS-C509-L Datasheet
1Mb / 74P
   8-Bit CMOS Microcontroller
C515C SIEMENS-C515C Datasheet
1Mb / 69P
   8-Bit CMOS Microcontroller
logo
Toshiba Semiconductor
TMP86CS64F TOSHIBA-TMP86CS64F Datasheet
564Kb / 12P
   CMOS 8-Bit Microcontroller
TMP86CH21F TOSHIBA-TMP86CH21F Datasheet
603Kb / 11P
   CMOS 8-Bit Microcontroller
TMP86PH06U TOSHIBA-TMP86PH06U Datasheet
513Kb / 13P
   CMOS 8 BIT MICROCONTROLLER
logo
Samsung semiconductor
S3P830A SAMSUNG-S3P830A Datasheet
1Mb / 342P
   8-Bit CMOS Microcontroller
logo
Toshiba Semiconductor
TMP87CS71F TOSHIBA-TMP87CS71F Datasheet
4Mb / 84P
   CMOS 8-BIT MICROCONTROLLER
TMP86C846N TOSHIBA-TMP86C846N Datasheet
537Kb / 10P
   CMOS 8-bit MICROCONTROLLER
logo
Infineon Technologies A...
C515 INFINEON-C515 Datasheet
268Kb / 55P
   8-Bit CMOS Microcontroller
1997-08-01
logo
Toshiba Semiconductor
TMP86FS27FG TOSHIBA-TMP86FS27FG Datasheet
399Kb / 32P
   CMOS 8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com