Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

C505_9708 Datasheet(PDF) 14 Page - Siemens Semiconductor Group

Part No. C505_9708
Description  8-Bit CMOS Microcontroller
Download  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

C505_9708 Datasheet(HTML) 14 Page - Siemens Semiconductor Group

Back Button C505_9708 Datasheet HTML 10Page - Siemens Semiconductor Group C505_9708 Datasheet HTML 11Page - Siemens Semiconductor Group C505_9708 Datasheet HTML 12Page - Siemens Semiconductor Group C505_9708 Datasheet HTML 13Page - Siemens Semiconductor Group C505_9708 Datasheet HTML 14Page - Siemens Semiconductor Group C505_9708 Datasheet HTML 15Page - Siemens Semiconductor Group C505_9708 Datasheet HTML 16Page - Siemens Semiconductor Group C505_9708 Datasheet HTML 17Page - Siemens Semiconductor Group C505_9708 Datasheet HTML 18Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 227 page
background image
Introduction
C505 / C505C
Semiconductor Group
1-8
1997-08-01
P2.0-P2.7
18-25
I/O
Port 2
is a an 8-bit quasi-bidirectional I/O port with internal pullup
resistors. Port 2 pins that have 1’s written to them are pulled
high by the internal pullup resistors, and in that state can be
used as inputs. As inputs, port 2 pins being externally pulled
low will source current (IIL, in the DC characteristics)
because of the internal pullup resistors. Port 2 emits the
high-order address byte during fetches from external
program memory and during accesses to external data
memory that use 16-bit addresses (MOVX @DPTR). In this
application it uses strong internal pullup transistors when
issuing 1s. During accesses to external data memory that
use 8-bit addresses (MOVX @Ri), port 2 issues the
contents of the P2 special function register and uses only
the internal pullup resistors.
PSEN
26
O
The Program Store Enable
output is a control signal that enables the external program
memory to the bus during external fetch operations. It is
activated every three oscillator periods except during
external data memory accesses. Remains high during
internal program execution. This pin should not be driven
during reset operation.
ALE
27
O
The Address Latch Enable
output is used for latching the low-byte of the address into
external memory during normal operation. It is activated
every three oscillator periodes except during an external
data memory access. When instructions are executed from
internal ROM (EA=1) the ALE generation can be disabled
by bit EALE in SFR SYSCON. This pin should not be driven
during reset operation.
*) I = Input
O = Output
Table 1-1
Pin Definitions and Functions
Symbol
Pin Number
I/O*)
Function


Similar Part No. - C505_9708

ManufacturerPart No.DatasheetDescription
Infineon Technologies AG
Infineon Technologies A...
C505-2R INFINEON-C505-2R Datasheet
1Mb / 88P
   8-Bit Single-Chip Microcontroller
Dec. 2000
Siemens Semiconductor Group
Siemens Semiconductor G...
C505-2RM SIEMENS-C505-2RM Datasheet
335Kb / 85P
   8-Bit CMOS Microcontroller
Infineon Technologies AG
Infineon Technologies A...
C505-L INFINEON-C505-L Datasheet
1Mb / 88P
   8-Bit Single-Chip Microcontroller
Dec. 2000
Siemens Semiconductor Group
Siemens Semiconductor G...
C505-LM SIEMENS-C505-LM Datasheet
335Kb / 85P
   8-Bit CMOS Microcontroller
Infineon Technologies AG
Infineon Technologies A...
C505A INFINEON-C505A Datasheet
1Mb / 88P
   8-Bit Single-Chip Microcontroller
Dec. 2000
More results

Similar Description - C505_9708

ManufacturerPart No.DatasheetDescription
Toshiba Semiconductor
Toshiba Semiconductor
TMP87CH34BN TOSHIBA-TMP87CH34BN Datasheet
7Mb / 138P
   CMOS 8-BIT MICROCONTROLLER
Siemens Semiconductor Group
Siemens Semiconductor G...
C509-L SIEMENS-C509-L Datasheet
1Mb / 74P
   8-Bit CMOS Microcontroller
Toshiba Semiconductor
Toshiba Semiconductor
TMP86PM47AUG TOSHIBA-TMP86PM47AUG Datasheet
755Kb / 14P
   CMOS 8-Bit Microcontroller
TMP86PM47U TOSHIBA-TMP86PM47U Datasheet
738Kb / 14P
   CMOS 8-Bit Microcontroller
TMP88CP77F TOSHIBA-TMP88CP77F Datasheet
627Kb / 12P
   CMOS 8-BIT Microcontroller
Siemens Semiconductor Group
Siemens Semiconductor G...
C515C_9711 SIEMENS-C515C_9711 Datasheet
1Mb / 268P
   8-Bit CMOS Microcontroller
C517A SIEMENS-C517A_99 Datasheet
1Mb / 218P
   8-Bit CMOS Microcontroller
C504 SIEMENS-C504_97 Datasheet
2Mb / 225P
   8-Bit CMOS Microcontroller
Toshiba Semiconductor
Toshiba Semiconductor
TMP87PM53F TOSHIBA-TMP87PM53F Datasheet
589Kb / 16P
   CMOS 8-BIT MICROCONTROLLER
TMP87PS68DF TOSHIBA-TMP87PS68DF Datasheet
569Kb / 16P
   CMOS 8-BIT MICROCONTROLLER
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz