Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C501G-L Datasheet(PDF) 8 Page - Siemens Semiconductor Group

Part # C501G-L
Description  8-Bit Single-Chip Microcontroller
Download  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

C501G-L Datasheet(HTML) 8 Page - Siemens Semiconductor Group

Back Button C501G-L Datasheet HTML 4Page - Siemens Semiconductor Group C501G-L Datasheet HTML 5Page - Siemens Semiconductor Group C501G-L Datasheet HTML 6Page - Siemens Semiconductor Group C501G-L Datasheet HTML 7Page - Siemens Semiconductor Group C501G-L Datasheet HTML 8Page - Siemens Semiconductor Group C501G-L Datasheet HTML 9Page - Siemens Semiconductor Group C501G-L Datasheet HTML 10Page - Siemens Semiconductor Group C501G-L Datasheet HTML 11Page - Siemens Semiconductor Group C501G-L Datasheet HTML 12Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 121 page
background image
Semiconductor Group
1-2
Introduction
C501
Listed below is a summary of the main features of the C501:
Fully compatible to standard 8051 microcontroller
Versions for 12/24/40 MHz operating frequency
Program memory : completely external (C501-L)
8K
× 8 ROM (C501-1R)
8K
× 8 OTP memory (C501-1E)
256
× 8 RAM
Four 8-bit ports
Three 16-bit timers / counters (timer 2 with up/down counter feature)
USART
Six interrupt sources, two priority levels
Power saving modes
Quick Pulse programming algorithm (C501-1E only)
2-Level program memory lock (C501-1E only)
P-DIP-40, P-LCC-44, and P-MQFP-44 package
Temperature ranges :
SAB-C501
T
A
: 0 ˚C to 70 ˚C
SAF-C501
T
A
: – 40 ˚C to 85 ˚C
Figure 1-2
Logic Symbol
MCL03217
8-Bit Digital
CC
VV
SS
Ι /O
C501
Port 0
Port 1
/O
Ι
8-Bit Digital
Port 2
/O
Ι
8-Bit Digital
Port 3
/O
Ι
8-Bit Digital
XTAL1
XTAL2
RESET
EA
ALE/PROG
PSEN
PP
V
/


Similar Part No. - C501G-L

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
C501 SIEMENS-C501 Datasheet
319Kb / 48P
   8-Bit CMOS Microcontroller
logo
Infineon Technologies A...
C501 INFINEON-C501 Datasheet
319Kb / 48P
   8-Bit CMOS Microcontroller
04.97
logo
Powerbox
C501 POWERBOX-C501 Datasheet
405Kb / 1P
   250 WATTS (AC) DC/D CSINGLE OUTPUT
logo
List of Unclassifed Man...
C501100002 ETC2-C501100002 Datasheet
112Kb / 3P
   CAT5E Patch Cord, Bonded-Pair, 4 Pair, 24 AWG Solid, CMR, T568A/B-T568A/B, Gray, 10 ft. (3.0 m).
C501100004 ETC2-C501100004 Datasheet
112Kb / 3P
   CAT5E Patch Cord, Bonded-Pair, 4 Pair, 24 AWG Solid, CMR, T568A/B-T568A/B, Gray, 10 ft. (3.0 m).
More results

Similar Description - C501G-L

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC863232 SANYO-LC863232 Datasheet
654Kb / 20P
   8-Bit Single Chip Microcontroller
LC863264 SANYO-LC863264 Datasheet
656Kb / 20P
   8-Bit Single Chip Microcontroller
logo
List of Unclassifed Man...
MAB84X1 ETC-MAB84X1 Datasheet
977Kb / 31P
   SINGLE CHIP 8 BIT MICROCONTROLLER
logo
Sanyo Semicon Device
LC863432A SANYO-LC863432A Datasheet
627Kb / 19P
   8-Bit Single-Chip Microcontroller
LC864164B SANYO-LC864164B Datasheet
315Kb / 20P
   8-Bit Single Chip Microcontroller?
LC864332A SANYO-LC864332A Datasheet
325Kb / 20P
   8-Bit Single-Chip Microcontroller?
LC86P4164 SANYO-LC86P4164 Datasheet
351Kb / 19P
   8-Bit Single Chip Microcontroller??????
LC86P5032 SANYO-LC86P5032 Datasheet
430Kb / 22P
   8-Bit Single Chip Microcontroller?????????
LC8766C8A SANYO-LC8766C8A Datasheet
681Kb / 23P
   8-Bit Single Chip Microcontroller
logo
NEC
UPD178023 NEC-UPD178023 Datasheet
261Kb / 56P
   8-BIT SINGLE-CHIP MICROCONTROLLER
UPD178076 NEC-UPD178076 Datasheet
366Kb / 72P
   8-BIT SINGLE-CHIP MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com