Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT24C05TDI-3 Datasheet(PDF) 3 Page - Catalyst Semiconductor

Part # CAT24C05TDI-3
Description  2-Kb and 4-Kb I2C Serial EEPROM with Partial Array Write Protection
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT24C05TDI-3 Datasheet(HTML) 3 Page - Catalyst Semiconductor

  CAT24C05TDI-3 Datasheet HTML 1Page - Catalyst Semiconductor CAT24C05TDI-3 Datasheet HTML 2Page - Catalyst Semiconductor CAT24C05TDI-3 Datasheet HTML 3Page - Catalyst Semiconductor CAT24C05TDI-3 Datasheet HTML 4Page - Catalyst Semiconductor CAT24C05TDI-3 Datasheet HTML 5Page - Catalyst Semiconductor CAT24C05TDI-3 Datasheet HTML 6Page - Catalyst Semiconductor CAT24C05TDI-3 Datasheet HTML 7Page - Catalyst Semiconductor CAT24C05TDI-3 Datasheet HTML 8Page - Catalyst Semiconductor CAT24C05TDI-3 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
CAT24C03/05
3
Doc No. 1116, Rev. B
© 2006 by Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
A.C. CHARACTERISTICS(1)
VCC = 1.8 V to 5.5 V, TA = -40°C to 85°C.
Symbol
Parameter
Standard
Fast
Units
Min
Max
Min
Max
FSCL
Clock Frequency
100
400
kHz
tHD:STA
START Condition Hold Time
4
0.6
μs
tLOW
Low Period of SCL Clock
4.7
1.3
μs
tHIGH
High Period of SCL Clock
4
0.6
μs
tSU:STA
START Condition Setup Time
4.7
0.6
μs
tHD:DAT
Data In Hold Time
0
0
μs
tSU:DAT
Data In Setup Time
250
100
ns
tR
SDA and SCL Rise Time
1000
300
ns
tF(2)
SDA and SCL Fall Time
300
300
ns
tSU:STO
STOP Condition Setup Time
4
0.6
μs
tBUF
Bus Free Time Between STOP and START
4.7
1.3
μs
tAA
SCL Low to Data Out Valid
3.5
0.9
μs
tDH
Data Out Hold Time
100
100
ns
Ti(2)
Noise Pulse Filtered at SCL and SDA Inputs
100
100
ns
tSU:WP
WP Setup Time
0
0
μs
tHD:WP
WP Hold Time
2.5
2.5
μs
tWR
Write Cycle Time
5
5
ms
tPU(2, 3)
Power-up to Ready Mode
1
1
ms
Note:
(1) Test conditions according to “A.C. Test Conditions” table.
(2) Tested initially and after a design or process change that affects this parameter.
(3) tPU is the delay between the time VCC is stable and the device is ready to accept commands.
A.C. TEST CONDITIONS
Input Levels
0.2 x VCC to 0.8 x VCC
Input Rise and Fall Times
50 ns
Input Reference Levels
0.3 x VCC, 0.7 x VCC
Output Reference Levels
0.5 x VCC
Output Load
Current Source: IOL = 3 mA (VCC
2.5 V); IOL = 1 mA (VCC < 2.5 V); CL = 100 pF


Similar Part No. - CAT24C05TDI-3

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT24C05TDI-GT3 CATALYST-CAT24C05TDI-GT3 Datasheet
434Kb / 18P
   2-Kb and 4-Kb I2C Serial EEPROM with Partial Array Write Protection
logo
ON Semiconductor
CAT24C05TDI-GT3 ONSEMI-CAT24C05TDI-GT3 Datasheet
165Kb / 14P
   2-Kb and 4-Kb I2C Serial EEPROM with Partial Array Write Protection
August, 2009 ??Rev. 3
CAT24C05TDI-T3 ONSEMI-CAT24C05TDI-T3 Datasheet
165Kb / 14P
   2-Kb and 4-Kb I2C Serial EEPROM with Partial Array Write Protection
August, 2009 ??Rev. 3
More results

Similar Description - CAT24C05TDI-3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT24C03 ONSEMI-CAT24C03 Datasheet
165Kb / 14P
   2-Kb and 4-Kb I2C Serial EEPROM with Partial Array Write Protection
August, 2009 ??Rev. 3
logo
Catalyst Semiconductor
CAT24C05 CATALYST-CAT24C05 Datasheet
434Kb / 18P
   2-Kb and 4-Kb I2C Serial EEPROM with Partial Array Write Protection
CAT24C03 CATALYST-CAT24C03 Datasheet
401Kb / 20P
   2-Kb I2C CMOS Serial EEPROM with Partial Array Write Protection
logo
ON Semiconductor
CAT24WC66 ONSEMI-CAT24WC66 Datasheet
147Kb / 11P
   64-Kb I2C Serial EEPROM with Partial Array Write Protection
August, 2009 ??Rev. 10
logo
Catalyst Semiconductor
CAT24WC66 CATALYST-CAT24WC66_06 Datasheet
155Kb / 13P
   64K-bit I2C Serial EEPROM with Partial Array Write Protection
logo
ON Semiconductor
CAV24C02 ONSEMI-CAV24C02_15 Datasheet
122Kb / 15P
   2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
November, 2015 ??Rev. 4
N24C02 ONSEMI-N24C02 Datasheet
95Kb / 10P
   2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
June, 2016 ??Rev. 1
CAV24C02YE-GT3 ONSEMI-CAV24C02YE-GT3 Datasheet
148Kb / 11P
   2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
May, 2011 ??Rev. 2
CAV24C02 ONSEMI-CAV24C02 Datasheet
151Kb / 11P
   2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
April, 2011 ??Rev. 1
CAT24C01 ONSEMI-CAT24C01_16 Datasheet
182Kb / 23P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
November, 2016 ??Rev. 31
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com