Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSD4235F3V-C-20M Datasheet(PDF) 11 Page - STMicroelectronics

Part # PSD4235F3V-C-20M
Description  Flash In-System Programmable ISP Peripherals For 16-bit MCUs 5V Supply
Download  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD4235F3V-C-20M Datasheet(HTML) 11 Page - STMicroelectronics

Back Button PSD4235F3V-C-20M Datasheet HTML 7Page - STMicroelectronics PSD4235F3V-C-20M Datasheet HTML 8Page - STMicroelectronics PSD4235F3V-C-20M Datasheet HTML 9Page - STMicroelectronics PSD4235F3V-C-20M Datasheet HTML 10Page - STMicroelectronics PSD4235F3V-C-20M Datasheet HTML 11Page - STMicroelectronics PSD4235F3V-C-20M Datasheet HTML 12Page - STMicroelectronics PSD4235F3V-C-20M Datasheet HTML 13Page - STMicroelectronics PSD4235F3V-C-20M Datasheet HTML 14Page - STMicroelectronics PSD4235F3V-C-20M Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 89 page
background image
11/89
PSD4235G2
PIN DESCRIPTION
Table 5 describes the signal names and signal
functions of the PSD. Those that have multiple
names or functions are defined using PSDsoft Ex-
press.
Table 5. Pin Description (for the TQFP package)
Pin Name
Pin
Type
Description
ADIO0-
ADIO7
3-7
10-12
I/O
This is the lower Address/Data port. Connect your MCU address or address/data bus
according to the following rules:
1. If your MCU has a multiplexed address/data bus where the data is multiplexed with
the lower address bits, connect AD0-AD7 to this port.
2. If your MCU does not have a multiplexed address/data bus, connect A0-A7 to this
port.
3. If you are using an 80C51XA in burst mode, connect A4/D0 through A11/D7 to this
port.
ALE or AS latches the address. The PSD drives data out only if the read signal is active
and one of the PSD functional blocks has been selected. The addresses on this port
are passed to the PLDs.
ADIO8-
ADIO15
13-20
I/O
This is the upper Address/Data port. Connect your MCU address or address/data bus
according to the following rules:
1. If your MCU has a multiplexed address/data bus where the data is multiplexed with
the upper address bits, connect A8-A15 to this port.
2. If your MCU does not have a multiplexed address/data bus, connect A8-A15 to this
port.
3. If you are using an 80C51XA in burst mode, connect A12/D8 through A19/D15 to this
port.
ALE or AS latches the address. The PSD drives data out only if the read signal is active
and one of the PSD functional blocks has been selected. The addresses on this port
are passed to the PLDs.
CNTL0
59
I
The following control signals can be connected to this pin, based on your MCU:
1. WR – active Low, Write Strobe input.
2. R_W – active High, read/active Low write input.
3. WRL – active Low, Write to Low-byte.
This pin is connected to the PLDs. Therefore, these signals can be used in decode and
other logic equations.
CNTL1
60
I
The following control signals can be connected to this pin, based on your MCU:
1. RD – active Low, Read Strobe input.
2. E – E clock input.
3. DS – active Low, Data Strobe input.
4. LDS – active Low, Strobe for low data byte.
This pin is connected to the PLDs. Therefore, these signals can be used in decode and
other logic equations.
CNTL2
40
I
Read or other Control input pin, with multiple configurations. Depending on the MCU
interface selected, this pin can be:
1. PSEN – Program Select Enable, active Low in code fetch bus cycle (80C51XA
mode).
2. BHE – High-byte enable, 16-bit data bus.
3. UDS – active Low, Strobe for high data byte, 16-bit data bus mode.
4. SIZ0 – Byte enable input.
5. LSTRB – Low Strobe input.
This pin is also connected to the PLDs.
Reset
39
I
Active Low input. Resets I/O Ports, PLD Macrocells and some of the Configuration
Registers and JTAG registers. Must be Low at Power-up. Reset also aborts any Flash
memory Program or Erase cycle that is currently in progress.


Similar Part No. - PSD4235F3V-C-20M

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
PSD4235F3V-C-20M STMICROELECTRONICS-PSD4235F3V-C-20M Datasheet
503Kb / 93P
   Flash In-System-Programmable Peripherals for 16-Bit MCUs
PSD4235F3V-C-20MI STMICROELECTRONICS-PSD4235F3V-C-20MI Datasheet
503Kb / 93P
   Flash In-System-Programmable Peripherals for 16-Bit MCUs
More results

Similar Description - PSD4235F3V-C-20M

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
PSD4256G6V STMICROELECTRONICS-PSD4256G6V Datasheet
756Kb / 100P
   Flash In-System Programmable (ISP) Peripherals for 16-bit MCUs
PSD813F1 STMICROELECTRONICS-PSD813F1 Datasheet
1Mb / 110P
   Flash In-System Programmable (ISP) Peripherals for 8-bit MCUs, 5V
PSD813F2 STMICROELECTRONICS-PSD813F2 Datasheet
1Mb / 110P
   Flash In-System Programmable (ISP) Peripherals for 8-bit MCUs, 5V
June 2004
PSD4235G2V STMICROELECTRONICS-PSD4235G2V_09 Datasheet
917Kb / 124P
   Flash in-system programmable (ISP) peripherals for 16-bit MCUs (3.3 V supply)
PSD813F2 STMICROELECTRONICS-PSD813F2 Datasheet
1Mb / 103P
   Flash In-System Programmable ISP Peripherals For 8-bit MCUs
PSD813F1-A STMICROELECTRONICS-PSD813F1-A Datasheet
563Kb / 120P
   Flash In-System Programmable ISP Peripherals For 8-bit MCUs
PSD913F2 STMICROELECTRONICS-PSD913F2 Datasheet
476Kb / 94P
   Flash In-System Programmable ISP Peripherals For 8-bit MCUs
PSD4135G2 STMICROELECTRONICS-PSD4135G2 Datasheet
503Kb / 93P
   Flash In-System-Programmable Peripherals for 16-Bit MCUs
PSD813F1V STMICROELECTRONICS-PSD813F1V Datasheet
1Mb / 110P
   Flash In-System Programmable (ISP) Peripherals for 8-bit MCUs, 3.3V
PSD813F2V STMICROELECTRONICS-PSD813F2V_09 Datasheet
914Kb / 109P
   Flash in-system programmable (ISP) peripherals for 8-bit MCUs, 3.3 V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com