Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STE24NA100 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STE24NA100
Description  N - CHANNEL 1000V - 0.35ohm - 24A - ISOTOP FAST POWER MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE24NA100 Datasheet(HTML) 4 Page - STMicroelectronics

  STE24NA100 Datasheet HTML 1Page - STMicroelectronics STE24NA100 Datasheet HTML 2Page - STMicroelectronics STE24NA100 Datasheet HTML 3Page - STMicroelectronics STE24NA100 Datasheet HTML 4Page - STMicroelectronics STE24NA100 Datasheet HTML 5Page - STMicroelectronics STE24NA100 Datasheet HTML 6Page - STMicroelectronics STE24NA100 Datasheet HTML 7Page - STMicroelectronics STE24NA100 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Output Characteristics
Transconductance
Gate Charge vs Gate-source Voltage
Transfer Characteristics
Static Drain-source On Resistance
Capacitance Variations
STE24NA100
4/8


Similar Part No. - STE24NA100

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
STE240-125T4MI VISHAY-STE240-125T4MI Datasheet
128Kb / 7P
   SuperTan® Wet Tantalum Capacitors With Hermetic Seal, Extended Range
05-Jul-2022
More results

Similar Description - STE24NA100

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STE26NA90 STMICROELECTRONICS-STE26NA90 Datasheet
92Kb / 8P
   N - CHANNEL 900V - 0.25ohm- 26A - ISOTOP FAST POWER MOSFET
logo
Unisonic Technologies
24N50 UTC-24N50_12 Datasheet
213Kb / 6P
   24A, 500V N-CHANNEL POWER MOSFET
logo
STMicroelectronics
STB30NE06L STMICROELECTRONICS-STB30NE06L Datasheet
47Kb / 6P
   N - CHANNEL 60V - 0.35ohm - 30A - D2PAK STripFET] POWER MOSFET
logo
Unisonic Technologies
UT7410 UTC-UT7410 Datasheet
286Kb / 7P
   30V, 24A N-CHANNEL ENHANCEMENT MODE POWER MOSFET
9N100 UTC-9N100 Datasheet
184Kb / 5P
   9A, 1000V N-CHANNEL POWER MOSFET
4N100-FC UTC-4N100-FC Datasheet
621Kb / 9P
   null4.0A, 1000V N-CHANNEL POWER MOSFET
logo
KIA Semiconductor Techn...
24N50H KIA-24N50H Datasheet
290Kb / 5P
   24A竊?00V N-CHANNEL MOSFET
logo
Fairchild Semiconductor
FQD2N100TM FAIRCHILD-FQD2N100TM Datasheet
736Kb / 9P
   1000V N-Channel MOSFET
FQD2N100 FAIRCHILD-FQD2N100 Datasheet
622Kb / 9P
   1000V N-Channel MOSFET
logo
Kersemi Electronic Co.,...
KSMD2N100 KERSEMI-KSMD2N100 Datasheet
1Mb / 8P
   1000V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com