Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAB-1.9-4.7 Datasheet(PDF) 1 Page - Nuvotem Talema

Part # CAB-1.9-4.7
Description  Common Mode Toroidal Chokes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TALEMA [Nuvotem Talema]
Direct Link  http://www.nuvotem.com
Logo TALEMA - Nuvotem Talema

CAB-1.9-4.7 Datasheet(HTML) 1 Page - Nuvotem Talema

  CAB-1.9-4.7 Datasheet HTML 1Page - Nuvotem Talema CAB-1.9-4.7 Datasheet HTML 2Page - Nuvotem Talema CAB-1.9-4.7 Datasheet HTML 3Page - Nuvotem Talema  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CA Series common mode toroidal chokes provide an efficient
means of filtering supply lines having in-phase signals of equal
amplitude thus allowing equipment to meet stringent electrical
radiation specifications. Wide frequency ranges can be filtered
by using high and low inductance Common Mode toroids in
series. Differential mode signals can be attenuated substantially
when used together with input and output capacitors.
Features
• Separated windings for minimum capacitance
• Meets requitements of EN138100, VDE 0565, part2: 1997-03
and UL1283
• Competitive pricing due to high volume production
• Manufactured in ISO-9001:2000, TS-16949:2002 and
ISO-14001:2004 certified Talema facility
• Fully RoHS compliant
CA Series • Common Mode Toroidal Chokes
r
e
b
m
u
N
t
r
a
P
I
C
D
p
m
A
L
O
)
H
m
(
%
0
3
±
)
x
2
(
R
C
D
m
h
O
m
)
x
2
(
e
z
i
S
l
i
o
C
.
t
H
x
.
D
.
O
)
l
a
n
i
m
o
N
(
e
l
y
t
S
.
g
t
M
e
z
i
S
r
e
b
m
u
N
t
r
a
P
I
C
D
p
m
A
L
O
)
H
m
(
%
0
3
±
)
x
2
(
R
C
D
m
h
O
m
)
x
2
(
e
z
i
S
l
i
o
C
.
t
H
x
.
D
.
O
)
l
a
n
i
m
o
N
(
e
l
y
t
S
.
g
t
M
e
z
i
S
BX
/
VF
B
X
/
VF
7
2
-
5
.
0
-
_
_
A
C
5
.
0
7
2
9
7
1
,
1
8
x
4
1
3
2
2
0
0
1
-
4
.
0
-
_
_
A
C4
.
00
0
17
0
8
,
27
x
8
13
3
3
7
2
-
8
.
0
-
_
_
A
C8
.
07
24
7
67
x
8
13
3
3
0
0
1
-
5
.
0
-
_
_
A
C
5
.
0
0
0
1
4
4
0
,
2
1
1
x
3
2
5
4
4
7
2
-
0
.
1
-
_
_
A
C
0
.
1
7
2
7
3
5
1
1
x
3
2
5
4
4
0
0
1
-
6
.
0
-
_
_
A
C6
.
00
0
13
4
5
,
13
1
x
9
25
A
46
7
2
-
4
.
1
-
_
_
A
C4
.
17
29
7
24
1
x
0
35
A
46
0
0
1
-
4
.
1
-
_
_
A
C
4
.
1
0
0
1
4
8
4
6
1
x
5
3
8
9
9
7
2
-
2
.
3
-
_
_
A
C
2
.
3
7
2
7
8
7
1
x
7
3
8
9
9
2
2
-
5
.
0
-
_
_
A
C5
.
02
20
6
98
x
4
13
2
2
2
8
-
4
.
0
-
_
_
A
C
4
.
0
2
8
7
6
1
,
1
8
x
5
1
3
3
3
2
2
-
9
.
0
-
_
_
A
C
9
.
0
2
2
2
4
5
7
x
8
1
3
3
3
2
8
-
5
.
0
-
_
_
A
C5
.
02
81
5
8
,
11
1
x
3
25
4
4
2
2
-
0
.
1
-
_
_
A
C0
.
12
25
8
41
1
x
3
25
4
4
2
8
-
6
.
0
-
_
_
A
C
6
.
0
2
8
7
9
3
,
1
3
1
x
9
2
5
A
4
6
2
2
-
5
.
1
-
_
_
A
C
5
.
1
2
2
7
2
2
4
1
x
0
3
5
A
4
6
2
8
-
6
.
1
-
_
_
A
C6
.
12
80
5
36
1
x
5
38
9
9
2
2
-
6
.
3
-
_
_
A
C6
.
32
20
77
1
x
7
38
9
9
8
6
-
3
.
0
-
_
_
A
C
3
.
0
8
6
2
9
6
,
3
8
x
5
1
3
2
2
8
1
-
6
.
0
-
_
_
A
C
6
.
0
8
1
8
6
8
8
x
4
1
3
2
2
8
6
-
5
.
0
-
_
_
A
C5
.
08
63
5
8
,
17
x
8
13
3
3
8
1
-
0
.
1
-
_
_
A
C0
.
18
19
3
47
x
8
13
3
3
8
6
-
6
.
0
-
_
_
A
C
6
.
0
8
6
3
5
3
,
1
1
1
x
3
2
5
4
4
8
1
-
1
.
1
-
_
_
A
C
1
.
1
8
1
8
8
3
1
1
x
3
2
5
4
4
8
6
-
7
.
0
-
_
_
A
C7
.
08
68
0
1
,
13
1
x
9
25
A
46
8
1
-
6
.
1
-
_
_
A
C6
.
18
15
0
24
1
x
0
35
A
46
8
6
-
8
.
1
-
_
_
A
C
8
.
1
8
6
7
7
2
6
1
x
5
3
8
9
9
8
1
-
9
.
3
-
_
_
A
C
9
.
3
8
1
7
5
7
1
x
6
3
8
9
9
6
5
-
3
.
0
-
_
_
A
C3
.
06
56
2
1
,
38
x
4
13
2
2
5
1
-
6
.
0
-
_
_
A
C6
.
05
13
9
78
x
4
13
2
2
6
5
-
5
.
0
-
_
_
A
C
5
.
0
6
5
8
1
5
,
1
7
x
8
1
3
3
3
5
1
-
0
.
1
-
_
_
A
C
0
.
1
5
1
1
0
4
7
x
8
1
3
3
3
6
5
-
6
.
0
-
_
_
A
C6
.
06
58
7
3
,
11
1
x
3
25
4
4
5
1
-
2
.
1
-
_
_
A
C2
.
15
15
1
31
1
x
3
25
4
4
6
5
-
8
.
0
-
_
_
A
C
8
.
0
6
5
7
0
8
3
1
x
9
2
5
A
4
6
5
1
-
8
.
1
-
_
_
A
C
8
.
1
5
1
7
6
1
4
1
x
0
3
5
A
4
6
6
5
-
0
.
2
-
_
_
A
C0
.
26
58
2
26
1
x
5
38
9
9
5
1
-
3
.
4
-
_
_
A
C3
.
45
17
47
1
x
6
38
9
9
7
4
-
4
.
0
-
_
_
A
C
4
.
0
7
4
2
4
9
,
1
8
x
4
1
3
2
2
2
1
-
7
.
0
-
_
_
A
C
7
.
0
2
1
9
0
7
8
x
4
1
3
2
2
7
4
-
5
.
0
-
_
_
A
C5
.
07
40
9
3
,
17
x
8
13
3
3
2
1
-
1
.
1
-
_
_
A
C1
.
12
18
5
37
x
8
13
3
3
7
4
-
6
.
0
-
_
_
A
C
6
.
0
7
4
1
0
0
,
1
1
1
x
3
2
5
4
4
2
1
-
4
.
1
-
_
_
A
C
4
.
1
2
1
3
5
2
1
1
x
3
2
5
4
4
7
4
-
9
.
0
-
_
_
A
C9
.
07
48
5
63
1
x
9
25
A
46
2
1
-
9
.
1
-
_
_
A
C9
.
12
19
4
13
1
x
0
35
A
46
7
4
-
2
.
2
-
_
_
A
C
2
.
2
7
4
5
8
1
6
1
x
5
3
8
9
9
2
1
-
9
.
4
-
_
_
A
C
9
.
4
2
1
7
3
7
1
x
6
3
8
9
9
9
3
-
4
.
0
-
_
_
A
C4
.
09
39
6
7
,
18
x
4
13
2
2
0
1
-
7
.
0
-
_
_
A
C7
.
00
17
4
68
x
4
13
2
2
9
3
-
5
.
0
-
_
_
A
C
5
.
0
9
3
7
6
2
,
1
7
x
8
1
3
3
3
0
1
-
2
.
1
-
_
_
A
C
2
.
1
0
1
5
8
2
7
x
8
1
3
3
3
9
3
-
6
.
0
-
_
_
A
C6
.
09
32
1
91
1
x
3
25
4
4
0
1
-
6
.
1
-
_
_
A
C6
.
10
13
0
21
1
x
3
25
4
4
9
3
-
0
.
1
-
_
_
A
C
0
.
1
9
3
7
3
5
3
1
x
9
2
5
A
4
6
0
1
-
0
.
2
-
_
_
A
C
0
.
2
0
1
6
3
1
3
1
x
9
2
5
A
4
6
9
3
-
5
.
2
-
_
_
A
C5
.
29
30
5
17
1
x
6
38
9
9
0
1
-
0
.
5
-
_
_
A
C0
.
50
14
37
1
x
6
38
9
9
3
3
-
4
.
0
-
_
_
A
C
4
.
0
3
3
8
2
6
,
1
8
x
4
1
3
2
2
8
.
6
-
1
.
1
-
_
_
A
C
1
.
1
8
.
6
2
4
3
8
x
4
1
3
2
2
3
3
-
6
.
0
-
_
_
A
C6
.
03
37
3
87
x
8
13
3
3
8
.
6
-
3
.
1
-
_
_
A
C3
.
18
.
65
3
27
x
8
13
3
3
3
3
-
7
.
0
-
_
_
A
C
7
.
0
3
3
1
5
7
1
1
x
3
2
5
4
4
8
.
6
-
0
.
2
-
_
_
A
C
0
.
2
8
.
6
8
4
1
1
1
x
3
2
5
4
4
3
3
-
1
.
1
-
_
_
A
C1
.
13
34
3
43
1
x
9
25
5
6
8
.
6
-
6
.
2
-
_
_
A
C6
.
28
.
69
73
1
x
0
35
A
46
3
3
-
7
.
2
-
_
_
A
C
7
.
2
3
3
4
2
1
7
1
x
6
3
8
9
9
8
.
6
-
5
.
5
-
_
_
A
C
5
.
5
9
.
6
8
2
6
1
x
5
3
8
9
9
Electrical Specifications @ 25°C
Test frequency: Inductance measured at 0.10VAC @ 10kHz
Test voltage between windings: 1,500 VAC for 60 seconds
Operating temperature: -40°C to +125°C
Climatic category: IEC68-1 40/125/56
THE TALEMA GROUP • Magnetic Components for Universal Applications


Similar Part No. - CAB-1.9-4.7

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
CAB-10087 SPARKFUN-CAB-10087 Datasheet
91Kb / 1P
   OBD-II to DB9 Cable
10/22/2015
CAB-11515 SPARKFUN-CAB-11515 Datasheet
100Kb / 2P
   SparkFun Cerberus USB Cable - 6ft (Sale)
10/8/2015
CAB-11579 SPARKFUN-CAB-11579 Datasheet
102Kb / 1P
   SparkFun Hydra Power Cable - 6ft
10/8/2015
CAB-12016 SPARKFUN-CAB-12016 Datasheet
99Kb / 1P
   SparkFun Cerberus USB Cable - 6ft
10/20/2015
CAB-12970 SPARKFUN-CAB-12970 Datasheet
163Kb / 1P
   Sensor Cable - Electrode Pads (3 connector)
3/28/2017
More results

Similar Description - CAB-1.9-4.7

ManufacturerPart #DatasheetDescription
logo
Nuvotem Talema
CMPS-1.22-1.17 TALEMA-CMPS-1.22-1.17 Datasheet
105Kb / 2P
   Common Mode Toroidal Chokes
logo
XFMRS Inc.
XF1506AB XFMRS-XF1506AB Datasheet
46Kb / 1P
   Common Mode Chokes
logo
Murata Manufacturing Co...
KMP_5100 MURATA-KMP_5100 Datasheet
144Kb / 3P
   Common Mode Chokes
KMP_5200 MURATA-KMP_5200 Datasheet
146Kb / 3P
   Common Mode Chokes
logo
XFMRS Inc.
XF0103-AD1 XFMRS-XF0103-AD1 Datasheet
34Kb / 1P
   COMMON MODE CHOKES
XF0043D-CMC160 XFMRS-XF0043D-CMC160_15 Datasheet
95Kb / 2P
   COMMON MODE CHOKES
XF0044-VPCMC2 XFMRS-XF0044-VPCMC2_15 Datasheet
37Kb / 1P
   COMMON MODE CHOKES
XF0093-AD3 XFMRS-XF0093-AD3 Datasheet
37Kb / 1P
   COMMON MODE CHOKES
XF0013-CMC160 XFMRS-XF0013-CMC160_15 Datasheet
114Kb / 2P
   COMMON MODE CHOKES
XF0036-3SM XFMRS-XF0036-3SM_15 Datasheet
40Kb / 1P
   COMMON MODE CHOKES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com