Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962G9563801QQYC Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # 5962G9563801QQYC
Description  Radiation-Hardened MicroController
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

5962G9563801QQYC Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button 5962G9563801QQYC Datasheet HTML 6Page - List of Unclassifed Manufacturers 5962G9563801QQYC Datasheet HTML 7Page - List of Unclassifed Manufacturers 5962G9563801QQYC Datasheet HTML 8Page - List of Unclassifed Manufacturers 5962G9563801QQYC Datasheet HTML 9Page - List of Unclassifed Manufacturers 5962G9563801QQYC Datasheet HTML 10Page - List of Unclassifed Manufacturers 5962G9563801QQYC Datasheet HTML 11Page - List of Unclassifed Manufacturers 5962G9563801QQYC Datasheet HTML 12Page - List of Unclassifed Manufacturers 5962G9563801QQYC Datasheet HTML 13Page - List of Unclassifed Manufacturers 5962G9563801QQYC Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
10
6.0 AC CHARACTERISTICS READ CYCLE (Post-Radiation)*
(VDD = 5.0V ±10%; -55°C < TC < +125°C)
Note:
* Post-radiation performance guaranteed at 25
°C per MIL-STD-883 Method 1019 at 1.0E6 rads(Si).
1. Guaranteed, but not tested.
SYMBOL
PARAMETER
MINIMUM
MAXIMUM
UNIT
tCLCL
Clock Period
50
ns
1/tCLCL
Oscillator Frequency
20
MHz
tLHLL
ALE Pulse Width
2 tCLCL-40
ns
tAVLL
Address Valid to ALE Low
tCLCL-40
ns
tLLAX
1
Address Hold after ALE Low
tCLCL-30
ns
tLLIV
ALE Low to Valid Instruction
4 tCLCL-100
ns
tLLPL
ALE Low to PSEN Low
tCLCL-30
ns
tPLPH
PSEN Pulse Width
3 tCLCL-45
ns
tPLIV
PSEN Low to Valid Instruction In
3 tCLCL-105
ns
tPXIX
1
Input Instruction Hold after PSEN
0
ns
tPXIZ
1
Input Instruction Float after PSEN
tCLCL-25
ns
tAVIV
Address to Valid Instruction In
5 tCLCL-105
ns
tPLAZ
1
PSEN Low to Address Float
10
ns
tRLRH
RD Pulse Width
6 tCLCL-100
ns
tWLWH
WR Pulse Width
6 tCLCL-100
ns
tRLDV
RD Low to Valid Data In
5 tCLCL-165
ns
tRHDX
1
Data Hold After RD High
0
ns
tRHDZ
1
Data Float After RD High
2 tCLCL-60
ns
tLLDV
ALE Low Valid Data In
8 tCLCL-150
ns
tAVDV
Address to Valid Data In
9 tCLCL-165
ns
tLLWL
ALE Low to RD or WR Low
3 tCLCL-50
3 tCLCL+50
ns
tAVWL
Address Valid to WR Low
4 tCLCL-130
ns
tQVWX
Data Valid Before WR High
tCLCL-33
ns
tWHQX
Data Hold After WR High
tCLCL-33
ns
tQVWH
Data Valid to WR High
7 tCLCL-150
ns
tRLAZ
1
RD Low to Address Float
0
ns
tWHLH
RD or WR High to ALE High
tCLCL-40
tCLCL+40
ns


Similar Part No. - 5962G9563801QQYC

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
5962G9563801QQA AEROFLEX-5962G9563801QQA Datasheet
347Kb / 19P
   Radiation-Hardened MicroController
5962G9563801QQC AEROFLEX-5962G9563801QQC Datasheet
347Kb / 19P
   Radiation-Hardened MicroController
5962G9563801QQX AEROFLEX-5962G9563801QQX Datasheet
347Kb / 19P
   Radiation-Hardened MicroController
More results

Similar Description - 5962G9563801QQYC

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
UT69RH051 AEROFLEX-UT69RH051 Datasheet
347Kb / 19P
   Radiation-Hardened MicroController
logo
Texas Instruments
MSP430FR5969-SP TI1-MSP430FR5969-SP_18 Datasheet
1Mb / 128P
[Old version datasheet]   Radiation Hardened Mixed-Signal Microcontroller
MSP430FR5969-SP TI1-MSP430FR5969-SP Datasheet
1Mb / 126P
[Old version datasheet]   Radiation Hardened Mixed-Signal Microcontroller
logo
Microchip Technology
SAMRH707 MICROCHIP-SAMRH707 Datasheet
11Mb / 1389P
   Radiation-Hardened 32-bit Microcontroller with Advanced Radiation-Hardened 32-bit Microcontroller with Advanced
2021
logo
Intersil Corporation
HS-RTX2010RH INTERSIL-HS-RTX2010RH Datasheet
406Kb / 36P
   Radiation Hardened Real Time Express??Microcontroller
logo
Xilinx, Inc
DS692 XILINX-DS692 Datasheet
1Mb / 41P
   Radiation-Hardened
logo
Microsemi Corporation
2N3498 MICROSEMI-2N3498_1 Datasheet
111Kb / 3P
   RADIATION HARDENED
2N2906A MICROSEMI-2N2906A_1 Datasheet
105Kb / 6P
   RADIATION HARDENED
2N3634 MICROSEMI-2N3634_1 Datasheet
233Kb / 5P
   RADIATION HARDENED
2N2221A MICROSEMI-2N2221A_1 Datasheet
144Kb / 7P
   RADIATION HARDENED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com