Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS87C320-ECD Datasheet(PDF) 4 Page - Dallas Semiconductor

Part # DS87C320-ECD
Description  High-Speed Microcontroller User Guide
Download  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS87C320-ECD Datasheet(HTML) 4 Page - Dallas Semiconductor

  DS87C320-ECD Datasheet HTML 1Page - Dallas Semiconductor DS87C320-ECD Datasheet HTML 2Page - Dallas Semiconductor DS87C320-ECD Datasheet HTML 3Page - Dallas Semiconductor DS87C320-ECD Datasheet HTML 4Page - Dallas Semiconductor DS87C320-ECD Datasheet HTML 5Page - Dallas Semiconductor DS87C320-ECD Datasheet HTML 6Page - Dallas Semiconductor DS87C320-ECD Datasheet HTML 7Page - Dallas Semiconductor DS87C320-ECD Datasheet HTML 8Page - Dallas Semiconductor DS87C320-ECD Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 175 page
background image
High-Speed Microcontroller User’s Guide
4 of 175
retains the value which software writes. In general, during a read operation, software reads the state of
the external pin. Each port is represented by a SFR location.
Timer/Counters
Three 16-bit Timer/Counters are available in the High-Speed Microcontroller. Each timer is contained in
two SFR locations that can be written or read by software. The timers are controlled by other SFRs
described in Section 4.
UARTs
The High-Speed Microcontroller provides one or two UARTs. These are controlled and accessed as
SFRs. Each UART has an address that is used to read or write the UART. The same address is used for
both read and write operations. The microcontroller distinguishes between a read and a write by the
instruction. Each UART is controlled by its own SFR control register.
SCRATCHPAD REGISTERS (RAM)
The High-Speed Core provides 256 bytes of Scratchpad RAM for general purpose data and variable
storage. The first 128 bytes are directly available to software. The second 128 are available through
indirect addressing discussed below. Selected portions of this RAM have other optional functions.
Stack
The stack is a RAM area that the microcontroller uses to store return address information during Calls
and Interrupts.
The user can also place variables on the stack when necessary.
The Stack Pointer
mentioned above designates the RAM location that is the top of the stack. Thus, depending on the value
of the Stack Pointer, the stack can be located anywhere in the 256 bytes of RAM. A common location
would be in the upper 128 bytes of RAM, as these are accessible through indirect addressing only.
Working Registers
The first thirty-two bytes of the Scratchpad RAM can be used as four banks of eight Working Registers
for high speed data movement.
Using four banks, software can quickly change context by simply
changing to a different bank. In addition to the Accumulator, the Working Registers are commonly used
as data source or destination. Some of the Working Registers can also be used as pointers to other RAM
locations (indirect addressing).
PROGRAM COUNTER
The Program Counter (PC) is a 16-bit value that designates the next program address to be fetched. On-
chip hardware automatically increments the PC value to move to the next ROM location.
ADDRESS/DATA BUS
The High-Speed Microcontroller addresses a 64KB program and 64KB data memory area.
In the
ROMless versions, all memory is outside. Other versions use a combination of internal and external
memory. When external memory is accessed, Ports 0 and 2 are used as a multiplexed address and data
bus. Port 2 provides the address MSB. Even versions with internal memory can use the bus on Ports 0
and 2 to access more memory.
WATCHDOG TIMER
The Watchdog Timer provides a supervisory function for applications that cannot afford to run out of
control. The Watchdog Timer is a programmable free running timer. If allowed to reach the termination
of its count, if enabled, the Watchdog will reset the CPU. Software must prevent this by cleaning or
resetting the Watchdog prior to its time-out.


Similar Part No. - DS87C320-ECD

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS87C520 DALLAS-DS87C520 Datasheet
1Mb / 45P
   EPROM/ROM High-Speed Micro
DS87C520 DALLAS-DS87C520 Datasheet
877Kb / 44P
   EPROM/ROM High-Speed Microcontrollers
DS87C520 DALLAS-DS87C520 Datasheet
1Mb / 42P
   EPROM/ROM High-Speed Micro
DS87C520 DALLAS-DS87C520 Datasheet
715Kb / 43P
   EPROM/ROM High-Speed Microcontrollers
logo
Maxim Integrated Produc...
DS87C520 MAXIM-DS87C520 Datasheet
715Kb / 43P
   EPROM/ROM High-Speed Microcontrollers
REV: 022207
More results

Similar Description - DS87C320-ECD

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS80C390 DALLAS-DS80C390_00 Datasheet
769Kb / 155P
   High-Speed Microcontroller User?셲 Guide Supplement
logo
Maxim Integrated Produc...
DS89C420-QCL MAXIM-DS89C420-QCL Datasheet
6Mb / 139P
   Ultra-High-Speed Flash Microcontroller User?셲 Guide
2004
UG5796 MAXIM-UG5796 Datasheet
2Mb / 240P
   Optical Microcontroller User?셲 Guide
Rev 0; 12/13
logo
List of Unclassifed Man...
DOC1925 ETC1-DOC1925 Datasheet
2Mb / 61P
   User Guide
logo
Texas Instruments
ADS1232REF TI1-ADS1232REF Datasheet
667Kb / 30P
[Old version datasheet]   USER GUIDE
logo
STMicroelectronics
ST9 STMICROELECTRONICS-ST9 Datasheet
1Mb / 146P
   USER GUIDE
logo
Motorola, Inc
MC9S12H256 MOTOROLA-MC9S12H256 Datasheet
2Mb / 130P
   Device User Guide
logo
Freescale Semiconductor...
MC9S12DG128MPVE FREESCALE-MC9S12DG128MPVE Datasheet
2Mb / 128P
   Device User Guide
MC9S12DT128 FREESCALE-MC9S12DT128 Datasheet
6Mb / 142P
   Device User Guide
MC9S12DT128_1002 FREESCALE-MC9S12DT128_1002 Datasheet
1Mb / 140P
   Device User Guide
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com