Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STE180N10 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STE180N10
Description  N - CHANNEL 100V - 5.5 mohm - 180A - ISOTOP POWER MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE180N10 Datasheet(HTML) 6 Page - STMicroelectronics

  STE180N10 Datasheet HTML 1Page - STMicroelectronics STE180N10 Datasheet HTML 2Page - STMicroelectronics STE180N10 Datasheet HTML 3Page - STMicroelectronics STE180N10 Datasheet HTML 4Page - STMicroelectronics STE180N10 Datasheet HTML 5Page - STMicroelectronics STE180N10 Datasheet HTML 6Page - STMicroelectronics STE180N10 Datasheet HTML 7Page - STMicroelectronics STE180N10 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Fig. 1: Unclamped Inductive Load Test Circuit
Fig. 3: Switching Times Test Circuits For
Resistive Load
Fig. 2: Unclamped Inductive Waveform
Fig. 4: Gate Charge test Circuit
Fig. 5: Test Circuit For Inductive Load Switching
And Diode Recovery Times
STE180N10
6/8


Similar Part No. - STE180N10

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STE180N05 STMICROELECTRONICS-STE180N05 Datasheet
159Kb / 8P
   N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR IN ISOTOP PACKAGE
STE180NE10 STMICROELECTRONICS-STE180NE10 Datasheet
89Kb / 8P
   N-CHANNEL 100V - 4.5 mohm - 180A ISOTOP STripFET] POWER MOSFET
STE180NE10 STMICROELECTRONICS-STE180NE10 Datasheet
247Kb / 12P
   N-channel 100V - 4.5m廓 - 180A - ISOTOP STripFET??Power MOSFET
logo
Inchange Semiconductor ...
STE180NE10 ISC-STE180NE10 Datasheet
562Kb / 3P
   N-Channel MOSFET
logo
STMicroelectronics
STE180NE10 STMICROELECTRONICS-STE180NE10_07 Datasheet
247Kb / 12P
   N-channel 100V - 4.5m廓 - 180A - ISOTOP STripFET??Power MOSFET
More results

Similar Description - STE180N10

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STE180NE10 STMICROELECTRONICS-STE180NE10 Datasheet
89Kb / 8P
   N-CHANNEL 100V - 4.5 mohm - 180A ISOTOP STripFET] POWER MOSFET
STE180NE10 STMICROELECTRONICS-STE180NE10_07 Datasheet
247Kb / 12P
   N-channel 100V - 4.5m廓 - 180A - ISOTOP STripFET??Power MOSFET
STE250NS10 STMICROELECTRONICS-STE250NS10_06 Datasheet
262Kb / 12P
   N-channel 100V - 0.0045廓 - 220A - ISOTOP STripFET??Power MOSFET
STE250NS10 STMICROELECTRONICS-STE250NS10 Datasheet
297Kb / 8P
   N-CHANNEL 100V - 0.0045 W - 220A ISOTOP STripFET POWER MOSFET
logo
Thinki Semiconductor Co...
TSP01H18 THINKISEMI-TSP01H18 Datasheet
2Mb / 6P
   100V,180A N-Channel Shielded Gate Trench MOSFETs
logo
Fairchild Semiconductor
IRF510-513 FAIRCHILD-IRF510-513 Datasheet
151Kb / 5P
   N-Channel Power MOSFETs, 5.5 A, 60-100V
logo
Shindengen Electric Mfg...
P180FP4SN SHINDENGEN-P180FP4SN Datasheet
1Mb / 7P
   Power MOSFETs 40V, 180A, N-channel
P180FP6SN SHINDENGEN-P180FP6SN Datasheet
1Mb / 7P
   Power MOSFETs 60V, 180A, N-channel
logo
Taiwan Semiconductor Co...
TSM35N10 TSC-TSM35N10 Datasheet
356Kb / 6P
   100V N-Channel Power MOSFET
logo
DIYI Electronic Technol...
15N10 DYELEC-15N10 Datasheet
1Mb / 8P
   100V N-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com