Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C515C-8E Datasheet(PDF) 8 Page - Siemens Semiconductor Group

Part # C515C-8E
Description  8-Bit CMOS Microcontroller
Download  268 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

C515C-8E Datasheet(HTML) 8 Page - Siemens Semiconductor Group

Back Button C515C-8E Datasheet HTML 4Page - Siemens Semiconductor Group C515C-8E Datasheet HTML 5Page - Siemens Semiconductor Group C515C-8E Datasheet HTML 6Page - Siemens Semiconductor Group C515C-8E Datasheet HTML 7Page - Siemens Semiconductor Group C515C-8E Datasheet HTML 8Page - Siemens Semiconductor Group C515C-8E Datasheet HTML 9Page - Siemens Semiconductor Group C515C-8E Datasheet HTML 10Page - Siemens Semiconductor Group C515C-8E Datasheet HTML 11Page - Siemens Semiconductor Group C515C-8E Datasheet HTML 12Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 268 page
background image
Semiconductor Group
1-1
1997-11-01
Introduction
C515C
1
Introduction
The C515C is an enhanced, upgraded version of the SAB 80C515A 8-bit microcontroller which
additionally provides a full CAN interface, a SPI compatible synchronous serial interface, extended
power save provisions, additional on-chip RAM, 64K byte of on-chip program memory, two new
external interrupts and RFI related improvements. With a maximum external clock rate of 10 MHz
it achieves a 600 ns instruction cycle time (1
µs at 6 MHz).
The C515C-8R contains a non-volatile 64k byte read-only program memory. The C515C-L is
identical to the C515C-8R, except that it lacks the on-chip program memory The C515C-8E is the
OTP version in the C515C microcontroller with a 64k byte one-time programmable (OTP) program
memory. With the C515C-8E fast programming cycles are achieved (1 byte in 100
µsec). Also
several levels of OTP memory protection can be selected. If compared to the C515C-8R and
C515C-L, the C515C-8E OTP version additionally provides two features :
– the wake-up from software power down mode can, additionally to the external pin P3.2/INT0
wake-up capability, also be triggered alternatively by a second pin P4.7/RXDC.
– for power consumption reasons the on-chip CAN controller can be switched off
The term C515C refers to all versions within this documentation unless otherwise noted.
Figure 1-1 shows the different functional units of the C515C and figure 1-2 shows the simplified
logic symbol of the C515C.
Figure 1-1
C515C Functional Units
MCA03646
Port 0
Port 1
Port 2
Port 3
RAM
256 x 8
XRAM
CPU
T0
T1
USART
I/O
I/O
I/O
I/O
8 Datapointer
Port 7
Port 6
Port 5
Port 4
Capture/Compare Unit
Timer 2
Full-CAN
Controller
10 Bit ADC
(8 inputs)
Oscillator
Watchdog
Save Modes
Idle/
Power down
Slow down
SSC (SPI)
Interface
I/O
I/O
I/O
Analog/
Digital
Input
Power
Bit
8
2k x 8
C515C-8R : 64k x 8 ROM
Program Memory
C515C-8E : 64k x 8 OTP


Similar Part No. - C515C-8E

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
C515C-8EM INFINEON-C515C-8EM Datasheet
1Mb / 96P
   8-Bit Single-Chip Microcontroller
Feb. 2003
More results

Similar Description - C515C-8E

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP87CH34BN TOSHIBA-TMP87CH34BN Datasheet
7Mb / 138P
   CMOS 8-BIT MICROCONTROLLER
logo
Siemens Semiconductor G...
C509-L SIEMENS-C509-L Datasheet
1Mb / 74P
   8-Bit CMOS Microcontroller
C515C SIEMENS-C515C Datasheet
1Mb / 69P
   8-Bit CMOS Microcontroller
logo
Toshiba Semiconductor
TMP86CS64F TOSHIBA-TMP86CS64F Datasheet
564Kb / 12P
   CMOS 8-Bit Microcontroller
TMP86CH21F TOSHIBA-TMP86CH21F Datasheet
603Kb / 11P
   CMOS 8-Bit Microcontroller
TMP86PH06U TOSHIBA-TMP86PH06U Datasheet
513Kb / 13P
   CMOS 8 BIT MICROCONTROLLER
logo
Samsung semiconductor
S3P830A SAMSUNG-S3P830A Datasheet
1Mb / 342P
   8-Bit CMOS Microcontroller
logo
Toshiba Semiconductor
TMP87CS71F TOSHIBA-TMP87CS71F Datasheet
4Mb / 84P
   CMOS 8-BIT MICROCONTROLLER
TMP86C846N TOSHIBA-TMP86C846N Datasheet
537Kb / 10P
   CMOS 8-bit MICROCONTROLLER
logo
Infineon Technologies A...
C515 INFINEON-C515 Datasheet
268Kb / 55P
   8-Bit CMOS Microcontroller
1997-08-01
logo
Toshiba Semiconductor
TMP86FS27FG TOSHIBA-TMP86FS27FG Datasheet
399Kb / 32P
   CMOS 8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com