Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STE100 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STE100
Description  PCI 10/100 ETHERNET CONTROLLER WITH INTEGRATED PHY 5V
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE100 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STE100 Datasheet HTML 3Page - STMicroelectronics STE100 Datasheet HTML 4Page - STMicroelectronics STE100 Datasheet HTML 5Page - STMicroelectronics STE100 Datasheet HTML 6Page - STMicroelectronics STE100 Datasheet HTML 7Page - STMicroelectronics STE100 Datasheet HTML 8Page - STMicroelectronics STE100 Datasheet HTML 9Page - STMicroelectronics STE100 Datasheet HTML 10Page - STMicroelectronics STE100 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 66 page
background image
7/66
STE10/100
LED display & Miscellaneous
90
LED M1-
LK/Act
or
LED M2-
Act
O
This pin can be programmed as mode 1 or mode 2:
For mode 1:
LED display for Link and Activity status. This pin will be driven on continually
when a good Link test is detected. This pin will be driven at a 10 Hz blinking
frequency when either effective receiving or transmitting is detected.
For mode 2:
LED display for Activity status. This pin will be driven at a 10 Hz blinking
frequency when either effective receiving or transmitting is detected.
92
LED M1-
Speed
or
LED M2-
100 Link
O
This pin can be programmed as mode 1 or mode 2:
For mode 1:
LED display for 100M b/s or 10M b/s speed. This pin will be driven on continually
when the 100M b/s network operating speed is detected.
For mode 2:
LED display for 100Ms/s link status. This pin will be driven on continually when
100Mb/s network operating spped is detected.
91
LED M1-
Fd/Col
or
LED M2-
10 Link
O
This pin can be programmed as mode 1 or mode 2:
For mode 1:
LED display for Full Duplex or Collision status. This pin will be driven on
continually when a full duplex configuration is detected. This pin will be driven at
a 20 Hz blinking frequency when a collision status is detected in the half duplex
configuration.
For mode 2:
LED display for 10Ms/s link status. This pin will be driven on continually when
10Mb/s network operating speed is detected.
89
Vaux-
detect
I
When this pin is asserted, it indicates an auxiliary power source is supported
from the system.
88
Vcc-detect
I
When this pin is asserted, it indicates a PCI power source is supported.
Digital Power Pins
5,11,19,31,36,39,45,51,55,75,93,112,115,125
Vss
8,14,27,38,40,48,60,85,111,122,128
Vdd
Analog Power Pins
94,96,102,106,110
AVss
95,99,100,103,108
AVdd
Table 1. Pin Description
Pin No.
Name
Type
Description


Similar Part No. - STE100

ManufacturerPart #DatasheetDescription
logo
ABB
STE100 ABB-STE100 Datasheet
484Kb / 2P
   ABB cable glands ??STE Star Teck짰 extreme series
logo
Vishay Siliconix
STE1000-50T4MI VISHAY-STE1000-50T4MI Datasheet
128Kb / 7P
   SuperTan® Wet Tantalum Capacitors With Hermetic Seal, Extended Range
05-Jul-2022
STE1000-60T4MI VISHAY-STE1000-60T4MI Datasheet
128Kb / 7P
   SuperTan® Wet Tantalum Capacitors With Hermetic Seal, Extended Range
05-Jul-2022
STE10000-10T4MI VISHAY-STE10000-10T4MI Datasheet
128Kb / 7P
   SuperTan® Wet Tantalum Capacitors With Hermetic Seal, Extended Range
05-Jul-2022
logo
STMicroelectronics
STE100A STMICROELECTRONICS-STE100A Datasheet
795Kb / 82P
   PCI 10/100 Ethernet controller with integrated PHY (3.3V)
More results

Similar Description - STE100

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STE10A STMICROELECTRONICS-STE10A Datasheet
795Kb / 82P
   PCI 10/100 Ethernet controller with integrated PHY (3.3V)
logo
Advanced Micro Devices
AM79C973 AMD-AM79C973 Datasheet
2Mb / 304P
   PCnet??FAST III Single-Chip 10/100 Mbps PCI Ethernet Controller with Integrated PHY
logo
List of Unclassifed Man...
DM9000 ETC-DM9000 Datasheet
575Kb / 54P
   ISA TO ETHERNET MAC CONTROLLER WITH INTEGRATED 10/100 PHY
logo
Davicom Semiconductor, ...
DM9601E DAVICOM-DM9601E Datasheet
129Kb / 2P
   USB to Ethernet MAC Controller with Integrated 10/100 PHY
DM9000 DAVICOM-DM9000_09 Datasheet
602Kb / 53P
   ISA to Ethernet MAC Controller with Integrated 10/100 PHY
logo
List of Unclassifed Man...
IP100ALF ETC2-IP100ALF Datasheet
1Mb / 97P
   Integrated 10/100 Ethernet MAC PHY
DM9601 ETC1-DM9601 Datasheet
603Kb / 58P
   USB Ethernet MAC Controller with Intergrated 10/100 PHY
logo
SMSC Corporation
LAN91C111 SMSC-LAN91C111 Datasheet
1Mb / 142P
   10/100 Non-PCI Ethernet Single Chip MAC PHY
LAN91C111 SMSC-LAN91C111_11 Datasheet
1Mb / 133P
   10/100 Non-PCI Ethernet Single Chip MAC PHY
logo
Microchip Technology
LAN91C111 MICROCHIP-LAN91C111 Datasheet
1Mb / 125P
   10/100 Non-PCI Ethernet Single Chip MAC PHY
06/23/16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com