Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC866 Datasheet(PDF) 60 Page - Infineon Technologies AG

Part # XC866
Description  8-Bit Single Chip Microcontroller
Download  396 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC866 Datasheet(HTML) 60 Page - Infineon Technologies AG

Back Button XC866_05 Datasheet HTML 56Page - Infineon Technologies AG XC866_05 Datasheet HTML 57Page - Infineon Technologies AG XC866_05 Datasheet HTML 58Page - Infineon Technologies AG XC866_05 Datasheet HTML 59Page - Infineon Technologies AG XC866_05 Datasheet HTML 60Page - Infineon Technologies AG XC866_05 Datasheet HTML 61Page - Infineon Technologies AG XC866_05 Datasheet HTML 62Page - Infineon Technologies AG XC866_05 Datasheet HTML 63Page - Infineon Technologies AG XC866_05 Datasheet HTML 64Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 396 page
background image
XC866
Memory Organization
User’s Manual
3-21
V 0.2, 2005-01
Memory Organization, V 0.2
9BH
CCU6_CC63SRH
Reset: 00H
Capture/Compare Shadow Register for
Channel CC63 High
Bit Field
CC63SH
Type
rw
9CH
CCU6_TCTR4L
Reset: 00H
Timer Control Register 4 Low
Bit Field
T12
STD
T12
STR
0
DTRES
T12
RES
T12RS T12RR
Type
w
w
r
w
w
w
w
9DH
CCU6_TCTR4H
Reset: 00H
Timer Control Register 4 High
Bit Field
T13
STD
T13
STR
0
T13
RES
T13RS T13RR
Type
w
w
r
w
w
w
9EH
CCU6_MCMOUTSL
Reset: 00H
Multi-Channel Mode Output Shadow
Register Low
Bit Field
STRM
CM
0
MCMPS
Type
w
r
rw
9FH
CCU6_MCMOUTSH
Reset: 00H
Multi-Channel Mode Output Shadow
Register High
Bit Field
STRHP
0
CURHS
EXPHS
Type
w
r
rw
rw
A4H
CCU6_ISRL
Reset: 00H
Capture/Compare Interrupt Status
Reset Register Low
Bit Field
RT12P
M
RT12O
M
RCC62
F
RCC62
R
RCC61
F
RCC61
R
RCC60
F
RCC60
R
Type
ww
ww
w
w
w
w
A5H
CCU6_ISRH
Reset: 00H
Capture/Compare Interrupt Status
Reset Register High
Bit Field
RSTR RIDLE RWHE RCHE
0
RTRPF RT13
PM
RT13
CM
Type
ww
ww
r
w
w
w
A6H
CCU6_CMPMODIFL
Reset: 00H
Compare State Modification Register
Low
Bit Field
0
MCC63
S
0
MCC62
S
MCC61
S
MCC60
S
Type
r
w
r
w
w
w
A7H
CCU6_CMPMODIFH
Reset: 00H
Compare State Modification Register
High
Bit Field
0
MCC63
R
0
MCC62
R
MCC61
R
MCC60
R
Type
r
w
r
w
w
w
FAH
CCU6_CC60SRL
Reset: 00H
Capture/Compare Shadow Register for
Channel CC60 Low
Bit Field
CC60SL
Type
rwh
FBH
CCU6_CC60SRH
Reset: 00H
Capture/Compare Shadow Register for
Channel CC60 High
Bit Field
CC60SH
Type
rwh
FCH
CCU6_CC61SRL
Reset: 00H
Capture/Compare Shadow Register for
Channel CC61 Low
Bit Field
CC61SL
Type
rwh
FDH
CCU6_CC61SRH
Reset: 00H
Capture/Compare Shadow Register for
Channel CC61 High
Bit Field
CC61SH
Type
rwh
FEH
CCU6_CC62SRL
Reset: 00H
Capture/Compare Shadow Register for
Channel CC62 Low
Bit Field
CC62SL
Type
rwh
FFH
CCU6_CC62SRH
Reset: 00H
Capture/Compare Shadow Register for
Channel CC62 High
Bit Field
CC62SH
Type
rwh
RMAP = 0, Page 1
9AH
CCU6_CC63RL
Reset: 00H
Capture/Compare Register for Channel
CC63 Low
Bit Field
CC63VL
Type
rh
9BH
CCU6_CC63RH
Reset: 00H
Capture/Compare Register for Channel
CC63 High
Bit Field
CC63VH
Type
rh
9CH
CCU6_T12PRL
Reset: 00H
Timer T12 Period Register Low
Bit Field
T12PVL
Type
rwh
Table 3-7
CCU6 Register Overview (cont’d)
Addr Register Name
Bit
7
6
5
4
3
2
1
0


Similar Part No. - XC866_05

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
XC866 INFINEON-XC866_07 Datasheet
1Mb / 116P
   8-Bit Single-Chip Microcontroller
V1.2, Oct. 2007
More results

Similar Description - XC866_05

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC863232 SANYO-LC863232 Datasheet
654Kb / 20P
   8-Bit Single Chip Microcontroller
LC863264 SANYO-LC863264 Datasheet
656Kb / 20P
   8-Bit Single Chip Microcontroller
logo
List of Unclassifed Man...
MAB84X1 ETC-MAB84X1 Datasheet
977Kb / 31P
   SINGLE CHIP 8 BIT MICROCONTROLLER
logo
Sanyo Semicon Device
LC863432A SANYO-LC863432A Datasheet
627Kb / 19P
   8-Bit Single-Chip Microcontroller
LC864164B SANYO-LC864164B Datasheet
315Kb / 20P
   8-Bit Single Chip Microcontroller?
LC864332A SANYO-LC864332A Datasheet
325Kb / 20P
   8-Bit Single-Chip Microcontroller?
LC86P4164 SANYO-LC86P4164 Datasheet
351Kb / 19P
   8-Bit Single Chip Microcontroller??????
LC86P5032 SANYO-LC86P5032 Datasheet
430Kb / 22P
   8-Bit Single Chip Microcontroller?????????
LC8766C8A SANYO-LC8766C8A Datasheet
681Kb / 23P
   8-Bit Single Chip Microcontroller
logo
NEC
UPD178023 NEC-UPD178023 Datasheet
261Kb / 56P
   8-BIT SINGLE-CHIP MICROCONTROLLER
UPD178076 NEC-UPD178076 Datasheet
366Kb / 72P
   8-BIT SINGLE-CHIP MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com