Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC866 Datasheet(PDF) 43 Page - Infineon Technologies AG

Part # XC866
Description  8-Bit Single Chip Microcontroller
Download  396 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC866 Datasheet(HTML) 43 Page - Infineon Technologies AG

Back Button XC866_05 Datasheet HTML 39Page - Infineon Technologies AG XC866_05 Datasheet HTML 40Page - Infineon Technologies AG XC866_05 Datasheet HTML 41Page - Infineon Technologies AG XC866_05 Datasheet HTML 42Page - Infineon Technologies AG XC866_05 Datasheet HTML 43Page - Infineon Technologies AG XC866_05 Datasheet HTML 44Page - Infineon Technologies AG XC866_05 Datasheet HTML 45Page - Infineon Technologies AG XC866_05 Datasheet HTML 46Page - Infineon Technologies AG XC866_05 Datasheet HTML 47Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 396 page
background image
XC866
Memory Organization
User’s Manual
3-4
V 0.2, 2005-01
Memory Organization, V 0.2
3.3
Special Function Registers
The Special Function Registers (SFRs) occupy direct internal data memory space in the
range 80H to FFH. All registers, except the program counter, reside in the SFR area. The
SFRs include pointers and registers that provide an interface between the CPU and the
on-chip peripherals. As the 128-SFR range is less than the total number of registers
required, address extension mechanisms are required to increase the number of
addressable SFRs. The address extension mechanisms include:
• Mapping
•Paging
3.3.1
Address Extension by Mapping
Address extension is performed at the system level by mapping. The SFR area is
extended into two portions: the standard (non-mapped) SFR area and the mapped SFR
area. Each portion supports the same address range 80H to FFH, bringing the number
of addressable SFRs to 256. The extended address range is not directly controlled by
the CPU instruction itself, but is derived from bit RMAP in the system control register
SYSCON0 at address 8FH. To access SFRs in the mapped area, bit RMAP in SFR
SYSCON0 must be set. Alternatively, the SFRs in the standard area can be accessed
by clearing bit RMAP. The SFR area can be selected as shown in Figure 3-3.
As long as bit RMAP is set, the mapped SFR area can be accessed. This bit is not
cleared automatically by hardware. Thus, before standard/mapped registers are
accessed, bit RMAP must be cleared/set, respectively, by software.
SYSCON0
System Control Register 0
Reset Value: 00H
76
54
3
2
1
0
0RMAP
rrw
Field
Bits
Type Description
RMAP
0rw
Special Function Register Map Control
0
The access to the standard SFR area is
enabled.
1
The access to the mapped SFR area is
enabled.
0
[7:1]
r
Reserved
Returns 0 if read; should be written with 0.


Similar Part No. - XC866_05

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
XC866 INFINEON-XC866_07 Datasheet
1Mb / 116P
   8-Bit Single-Chip Microcontroller
V1.2, Oct. 2007
More results

Similar Description - XC866_05

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC863232 SANYO-LC863232 Datasheet
654Kb / 20P
   8-Bit Single Chip Microcontroller
LC863264 SANYO-LC863264 Datasheet
656Kb / 20P
   8-Bit Single Chip Microcontroller
logo
List of Unclassifed Man...
MAB84X1 ETC-MAB84X1 Datasheet
977Kb / 31P
   SINGLE CHIP 8 BIT MICROCONTROLLER
logo
Sanyo Semicon Device
LC863432A SANYO-LC863432A Datasheet
627Kb / 19P
   8-Bit Single-Chip Microcontroller
LC864164B SANYO-LC864164B Datasheet
315Kb / 20P
   8-Bit Single Chip Microcontroller?
LC864332A SANYO-LC864332A Datasheet
325Kb / 20P
   8-Bit Single-Chip Microcontroller?
LC86P4164 SANYO-LC86P4164 Datasheet
351Kb / 19P
   8-Bit Single Chip Microcontroller??????
LC86P5032 SANYO-LC86P5032 Datasheet
430Kb / 22P
   8-Bit Single Chip Microcontroller?????????
LC8766C8A SANYO-LC8766C8A Datasheet
681Kb / 23P
   8-Bit Single Chip Microcontroller
logo
NEC
UPD178023 NEC-UPD178023 Datasheet
261Kb / 56P
   8-BIT SINGLE-CHIP MICROCONTROLLER
UPD178076 NEC-UPD178076 Datasheet
366Kb / 72P
   8-BIT SINGLE-CHIP MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com