Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAK-XC2287-72F66L Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # SAK-XC2287-72F66L
Description  16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
Download  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SAK-XC2287-72F66L Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button SAK-XC2287-72F66L Datasheet HTML 4Page - Infineon Technologies AG SAK-XC2287-72F66L Datasheet HTML 5Page - Infineon Technologies AG SAK-XC2287-72F66L Datasheet HTML 6Page - Infineon Technologies AG SAK-XC2287-72F66L Datasheet HTML 7Page - Infineon Technologies AG SAK-XC2287-72F66L Datasheet HTML 8Page - Infineon Technologies AG SAK-XC2287-72F66L Datasheet HTML 9Page - Infineon Technologies AG SAK-XC2287-72F66L Datasheet HTML 10Page - Infineon Technologies AG SAK-XC2287-72F66L Datasheet HTML 11Page - Infineon Technologies AG SAK-XC2287-72F66L Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 110 page
background image
XC2287 / XC2286 / XC2285
XC2000 Family Derivatives
Summary of Features
Preliminary
Data Sheet
6
V0.91, 2007-02
Draft Version
Table 1
XC228x Derivative Synopsis
Derivative
1)
1) This Data Sheet is valid for devices starting with and including design step AA.
Temp.
Range
Program
Memory
PSRAM
2)
2) All derivatives additionally provide 1 Kbyte SBRAM, 2 Kbytes DPRAM, and 16 Kbytes DSRAM.
CCU6
Mod.
ADC
3)
Chan.
3) Analog input channels are listed for each Analog/Digital Converter module separately.
Interfaces
SAK-XC2287-
96F66L
-40 °C to
125
°C
768 Kbytes
Flash
64 Kbytes
0, 1,
2, 3
16 + 8 5 CAN Nodes,
6 Serial Chan.
SAK-XC2287-
72F66L
-40 °C to
125
°C
576 Kbytes
Flash
32 Kbytes
0, 1,
2, 3
16 + 8 5 CAN Nodes,
6 Serial Chan.
SAK-XC2287-
56F66L
-40 °C to
125
°C
448 Kbytes
Flash
16 Kbytes
0, 1,
2, 3
16 + 8 5 CAN Nodes,
6 Serial Chan.
SAK-XC2286-
96F66L
-40 °C to
125
°C
768 Kbytes
Flash
64 Kbytes
0, 1
16 + 8 3 CAN Nodes,
6 Serial Chan.
SAK-XC2286-
72F66L
-40 °C to
125
°C
576 Kbytes
Flash
32 Kbytes
0, 1
16 + 8 3 CAN Nodes,
6 Serial Chan.
SAK-XC2286-
56F66L
-40 °C to
125
°C
448 Kbytes
Flash
16 Kbytes
0, 1
16 + 8 3 CAN Nodes,
6 Serial Chan.
SAK-XC2285-
96F66L
-40 °C to
125
°C
768 Kbytes
Flash
64 Kbytes
0, 1
12
2 CAN Nodes,
4 Serial Chan.
SAK-XC2285-
72F66L
-40 °C to
125
°C
576 Kbytes
Flash
32 Kbytes
0, 1
12
2 CAN Nodes,
4 Serial Chan.
SAK-XC2285-
56F66L
-40 °C to
125
°C
448 Kbytes
Flash
16 Kbytes
0, 1
12
2 CAN Nodes,
4 Serial Chan.


Similar Part No. - SAK-XC2287-72F66L

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SAK-XC2210U-4F40R INFINEON-SAK-XC2210U-4F40R Datasheet
217Kb / 2P
   XC2200U - Series 16/32-bit µC for Automotive Body Applications
05 / 2011
SAK-XC2210U-8F40R INFINEON-SAK-XC2210U-8F40R Datasheet
217Kb / 2P
   XC2200U - Series 16/32-bit µC for Automotive Body Applications
05 / 2011
SAK-XC2220U-4F40V INFINEON-SAK-XC2220U-4F40V Datasheet
217Kb / 2P
   XC2200U - Series 16/32-bit µC for Automotive Body Applications
05 / 2011
SAK-XC2220U-8F40V INFINEON-SAK-XC2220U-8F40V Datasheet
217Kb / 2P
   XC2200U - Series 16/32-bit µC for Automotive Body Applications
05 / 2011
SAK-XC2224L-12F66VAA INFINEON-SAK-XC2224L-12F66VAA Datasheet
1Mb / 2P
   16/32 bit 關C for Automotive Body Applications
02 / 2011
More results

Similar Description - SAK-XC2287-72F66L

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
XC2336A INFINEON-XC2336A Datasheet
869Kb / 102P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V2.0 2009-03
XC2261N INFINEON-XC2261N Datasheet
1Mb / 130P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V1.3 2010-04
XC2787X INFINEON-XC2787X Datasheet
1Mb / 144P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V1.2 2010-09
XC2766X INFINEON-XC2766X Datasheet
1Mb / 100P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V0.1, Sep. 2007
XC236X INFINEON-XC236X Datasheet
4Mb / 99P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V0.1, June 2007
XC2785X INFINEON-XC2785X Datasheet
1Mb / 136P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V2.0 2009-03
XC226X INFINEON-XC226X Datasheet
2Mb / 101P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V0.1, Feb. 2007
XC2288H INFINEON-XC2288H_11 Datasheet
1Mb / 151P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V1.3 2011-07
XC2232N INFINEON-XC2232N_13 Datasheet
2Mb / 110P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V1.5 2013-02
XC2764X INFINEON-XC2764X Datasheet
1Mb / 125P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V1.2 2010-04
XC2298H INFINEON-XC2298H Datasheet
1Mb / 157P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V1.2 2010-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com