Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAK-XC2267-56F66L Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # SAK-XC2267-56F66L
Description  16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
Download  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SAK-XC2267-56F66L Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button SAK-XC2267-56F66L Datasheet HTML 2Page - Infineon Technologies AG SAK-XC2267-56F66L Datasheet HTML 3Page - Infineon Technologies AG SAK-XC2267-56F66L Datasheet HTML 4Page - Infineon Technologies AG SAK-XC2267-56F66L Datasheet HTML 5Page - Infineon Technologies AG SAK-XC2267-56F66L Datasheet HTML 6Page - Infineon Technologies AG SAK-XC2267-56F66L Datasheet HTML 7Page - Infineon Technologies AG SAK-XC2267-56F66L Datasheet HTML 8Page - Infineon Technologies AG SAK-XC2267-56F66L Datasheet HTML 9Page - Infineon Technologies AG SAK-XC2267-56F66L Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 101 page
background image
XC226x
16/32-Bit Single-Chip Microcontroller with 32-Bit
Performance
XC2000 Family
Preliminary
Data Sheet
4
V0.1, 2007-02
Draft Version
1
Summary of Features
For a quick overview or reference, the XC226x’s properties are listed here in a
condensed way.
High Performance 16-bit CPU with 5-Stage Pipeline
– 15 ns Instruction Cycle Time at 66 MHz CPU Clock (Single-Cycle Execution)
– 1-Cycle 32-bit Addition and Subtraction with 40-bit result
– 1-Cycle Multiplication (16
× 16 bit)
– 1-Cycle Multiply-and-Accumulate (MAC) Instructions
– Background Division (32 / 16 bit) in 21 Cycles
– Enhanced Boolean Bit Manipulation Facilities
– Zero-Cycle Jump Execution
– Additional Instructions to Support HLL and Operating Systems
– Register-Based Design with Multiple Variable Register Banks
– Fast Context Switching Support with Two Additional Local Register Banks
– 16 Mbytes Total Linear Address Space for Code and Data
– 1024 Bytes On-Chip Special Function Register Area (C166 Family Compatible)
16-Priority-Level Interrupt System with up to 87 Sources, Selectable External Inputs
for Interrupt Generation and Wake-Up, Sample-Rate down to 15 ns
8-Channel Interrupt-Driven Single-Cycle Data Transfer Facilities via
Peripheral Event Controller (PEC), 24-Bit Pointers Cover Total Address Space
Clock Generation from Internal or External Clock Sources,
via on-chip PLL or via Prescaler
On-Chip Memory Modules
– 1 Kbyte On-Chip Stand-By RAM (SBRAM)
– 2 Kbytes On-Chip Dual-Port RAM (DPRAM)
– 16 Kbytes On-Chip Data SRAM (DSRAM)
– Up to 64 Kbytes On-Chip Program/Data SRAM (PSRAM)
– Up to 768 Kbytes On-Chip Program Memory (Flash Memory)
On-Chip Peripheral Modules
– Two Synchronizable A/D Converters with a total of 16 Channels, 10-bit Resolution,
Conversion Time down to 1.2
µs, Optional Data Preprocessing (Data Reduction,
Range Check)
– 16-Channel General Purpose Capture/Compare Unit (CAPCOM2)
– Up to four Capture/Compare Units for flexible PWM Signal Generation (CCU6x)
– Multi-Functional General Purpose Timer Unit with 5 Timers
– Six Serial Interface Channels to be used as UART, LIN, High-Speed Synchronous
Channel (SPI/QSPI), IIC Bus Interface (10-bit addressing, 400 kbit/s), IIS Interface


Similar Part No. - SAK-XC2267-56F66L

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SAK-XC2210U-4F40R INFINEON-SAK-XC2210U-4F40R Datasheet
217Kb / 2P
   XC2200U - Series 16/32-bit µC for Automotive Body Applications
05 / 2011
SAK-XC2210U-8F40R INFINEON-SAK-XC2210U-8F40R Datasheet
217Kb / 2P
   XC2200U - Series 16/32-bit µC for Automotive Body Applications
05 / 2011
SAK-XC2220U-4F40V INFINEON-SAK-XC2220U-4F40V Datasheet
217Kb / 2P
   XC2200U - Series 16/32-bit µC for Automotive Body Applications
05 / 2011
SAK-XC2220U-8F40V INFINEON-SAK-XC2220U-8F40V Datasheet
217Kb / 2P
   XC2200U - Series 16/32-bit µC for Automotive Body Applications
05 / 2011
SAK-XC2224L-12F66VAA INFINEON-SAK-XC2224L-12F66VAA Datasheet
1Mb / 2P
   16/32 bit 關C for Automotive Body Applications
02 / 2011
More results

Similar Description - SAK-XC2267-56F66L

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
XC2336A INFINEON-XC2336A Datasheet
869Kb / 102P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V2.0 2009-03
XC2261N INFINEON-XC2261N Datasheet
1Mb / 130P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V1.3 2010-04
XC2787X INFINEON-XC2787X Datasheet
1Mb / 144P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V1.2 2010-09
XC2766X INFINEON-XC2766X Datasheet
1Mb / 100P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V0.1, Sep. 2007
XC236X INFINEON-XC236X Datasheet
4Mb / 99P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V0.1, June 2007
XC2785X INFINEON-XC2785X Datasheet
1Mb / 136P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V2.0 2009-03
XC2288H INFINEON-XC2288H_11 Datasheet
1Mb / 151P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V1.3 2011-07
XC2232N INFINEON-XC2232N_13 Datasheet
2Mb / 110P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V1.5 2013-02
XC2764X INFINEON-XC2764X Datasheet
1Mb / 125P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V1.2 2010-04
XC2298H INFINEON-XC2298H Datasheet
1Mb / 157P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V1.2 2010-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com