Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC167-16 Datasheet(PDF) 42 Page - Infineon Technologies AG

Part # XC167-16
Description  16-Bit Single-Chip Microcontroller with C166SV2 Core Volume 2 (of 2): Peripheral Units
Download  442 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC167-16 Datasheet(HTML) 42 Page - Infineon Technologies AG

Back Button XC167-16 Datasheet HTML 38Page - Infineon Technologies AG XC167-16 Datasheet HTML 39Page - Infineon Technologies AG XC167-16 Datasheet HTML 40Page - Infineon Technologies AG XC167-16 Datasheet HTML 41Page - Infineon Technologies AG XC167-16 Datasheet HTML 42Page - Infineon Technologies AG XC167-16 Datasheet HTML 43Page - Infineon Technologies AG XC167-16 Datasheet HTML 44Page - Infineon Technologies AG XC167-16 Datasheet HTML 45Page - Infineon Technologies AG XC167-16 Datasheet HTML 46Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 442 page
background image
XC167-16 Derivatives
Peripheral Units (Vol. 2 of 2)
The General Purpose Timer Units
User’s Manual
14-28
V2.0, 2004-04
GPT_X71, V2.0
Table 14-7
GPT1 Overall Prescaler Factors for Internal Count Clock
Individual
Prescaler for Tx
Common Prescaler for Module Clock
1)
1) Please note the non-linear encoding of bitfield BPS1.
BPS1 = 01
B
BPS1 = 00
B
BPS1 = 11
B
BPS1 = 10
B
TxI = 000
B
4
8
16
32
TxI = 001
B
816
32
64
TxI = 010
B
16
32
64
128
TxI = 011
B
32
64
128
256
TxI = 100
B
64
128
256
512
TxI = 101
B
128
256
512
1024
TxI = 110
B
256
512
1024
2048
TxI = 111
B
512
1024
2048
4096
Table 14-8
GPT1 Timer Parameters
System Clock = 10 MHz
Overall
Divider
Factor
System Clock = 40 MHz
Frequency
Resolution Period
Frequency
Resolution Period
2.5 MHz
400 ns
26.21 ms
4
10.0 MHz
100 ns
6.55 ms
1.25 MHz
800 ns
52.43 ms
8
5.0 MHz
200 ns
13.11 ms
625.0 kHz
1.6
µs
104.9 ms
16
2.5 MHz
400 ns
26.21 ms
312.5 kHz
3.2
µs
209.7 ms
32
1.25 MHz
800 ns
52.43 ms
156.25 kHz
6.4
µs
419.4 ms
64
625.0 kHz
1.6
µs
104.9 ms
78.125 kHz
12.8
µs
838.9 ms
128
312.5 kHz
3.2
µs
209.7 ms
39.06 kHz
25.6
µs
1.678 s
256
156.25 kHz
6.4
µs
419.4 ms
19.53 kHz
51.2
µs
3.355 s
512
78.125 kHz
12.8
µs
838.9 ms
9.77 kHz
102.4
µs
6.711 s
1024
39.06 kHz
25.6
µs
1.678 s
4.88 kHz
204.8
µs
13.42 s
2048
19.53 kHz
51.2
µs
3.355 s
2.44 kHz
409.6
µs
26.84 s
4096
9.77 kHz
102.4
µs
6.711 s


Similar Part No. - XC167-16

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
XC167CI INFINEON-XC167CI Datasheet
2Mb / 80P
   16-Bit Single-Chip Microcontroller Preliminary
V1.1, Jun. 2003
XC167CI INFINEON-XC167CI Datasheet
1Mb / 79P
   16-Bi t Single-Chip Microcontroller Preliminary
V1.0, Oct. 2002
XC167CI-16F INFINEON-XC167CI-16F Datasheet
1Mb / 89P
   16-Bit Single-Chip Microcontroller with C166SV2 Core
V1.2, March 2006
XC167CI-16F INFINEON-XC167CI-16F Datasheet
1Mb / 90P
   16-Bit Single-Chip Microcontroller with C166SV2 Core
V1.3, Aug. 2006
XC167CI-16F INFINEON-XC167CI-16F_06 Datasheet
1Mb / 90P
   16-Bit Single-Chip Microcontroller with C166SV2 Core
V1.3, Aug. 2006
More results

Similar Description - XC167-16

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
XC161 INFINEON-XC161 Datasheet
3Mb / 419P
   16-Bit Single-Chip Microcontroller with C166SV2 Core Volume 2 (of 2): Peripheral Units
V2.2, Jan. 2004
XC164-16 INFINEON-XC164-16 Datasheet
3Mb / 417P
   16-Bit Single-Chip Microcontroller with C166SV2 Core Volume 2 (of 2): Peripheral Units
V2.1, March 2004
XC2000 INFINEON-XC2000 Datasheet
4Mb / 729P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance Volume 2 (of 2): Peripheral Units
V1.0, June 2007
XC2000 INFINEON-XC2000_1 Datasheet
4Mb / 647P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance Volume 1 (of 2): Peripheral Units
V1.0, June 2007
XC164D INFINEON-XC164D Datasheet
996Kb / 70P
   16-Bit Single-Chip Microcontroller with C166SV2 Core
V1.0, Jan. 2005
XC164S INFINEON-XC164S Datasheet
1Mb / 72P
   16-Bit Single-Chip Microcontroller with C166SV2 Core
V1.0, Jan. 2005
XC167CI-16F INFINEON-XC167CI-16F_06 Datasheet
1Mb / 90P
   16-Bit Single-Chip Microcontroller with C166SV2 Core
V1.3, Aug. 2006
XC164CM INFINEON-XC164CM_07 Datasheet
2Mb / 70P
   16-Bit Single-Chip Microcontroller with C166SV2 Core
V1.4, March 2007
XC161CS-32F INFINEON-XC161CS-32F_06 Datasheet
1Mb / 87P
   16-Bit Single-Chip Microcontroller with C166SV2 Core
V1.2, Aug. 2006
XC164TH INFINEON-XC164TH_07 Datasheet
1Mb / 66P
   16-Bit Single-Chip Microcontroller with C166SV2 Core
V1.2, March 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com