Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SDF-1.0-6000 Datasheet(PDF) 1 Page - Nuvotem Talema

Part # SDF-1.0-6000
Description  High Efficiency Storage Chokes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TALEMA [Nuvotem Talema]
Direct Link  http://www.nuvotem.com
Logo TALEMA - Nuvotem Talema

SDF-1.0-6000 Datasheet(HTML) 1 Page - Nuvotem Talema

  SDF-1.0-6000 Datasheet HTML 1Page - Nuvotem Talema SDF-1.0-6000 Datasheet HTML 2Page - Nuvotem Talema SDF-1.0-6000 Datasheet HTML 3Page - Nuvotem Talema  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SD Series • High Efficiency Storage Chokes
r
e
b
m
u
N
t
r
a
P
I
C
D
s
p
m
A
.
p
y
T
)
H
µ
(
L
d
e
t
a
R
@
t
n
e
r
r
u
C
L
O
)
H
µ
(
%
5
1
±
d
a
o
L
o
N
R
C
D
s
m
h
O
m
l
a
c
i
p
y
T
y
g
r
e
n
E
e
g
a
r
o
t
S
)
J
µ
(
1
c
i
t
a
m
e
h
c
S
2
e
z
i
S
l
i
o
C
.
t
H
x
.
D
.
O
)
b
x
a
(
g
n
i
s
u
o
H
e
d
o
C
e
z
i
S
e
l
y
t
S
g
n
i
t
n
u
o
M
e
l
y
t
S
g
n
i
t
n
u
o
M
d
Ø
s
l
a
n
i
m
r
e
T
OF
V
F
V
O
F
V
0
0
4
-
3
6
.
0
-
_
_
D
S
3
6
.
0
0
0
4
4
7
4
7
3
5
9
7
1
1
1
7
x
5
1
7
1
0
2
0
5
2
.
0
0
0
6
.
0
0
0
8
.
0
0
0
5
-
3
6
.
0
-
_
_
D
S0
0
50
2
60
7
69
91
1
1
7
x
5
17
10
20
5
2
.
00
0
6
.
00
0
8
.
0
0
3
6
-
3
6
.
0
-
_
_
D
S
0
3
6
0
2
8
3
6
5
2
1
1
1
1
7
x
5
1
7
1
0
2
0
8
2
.
0
0
0
6
.
0
0
0
8
.
0
0
0
0
1
-
3
6
.
0
-
_
_
D
S0
0
0
17
5
1
10
5
68
9
11
1
1
9
x
9
12
25
20
0
3
.
00
0
6
.
00
0
8
.
0
0
0
0
2
-
3
6
.
0
-
_
_
D
S
0
0
0
2
5
9
6
2
2
9
9
7
9
3
1
1
1
9
x
0
2
2
2
5
2
0
0
3
.
0
0
0
6
.
0
0
0
8
.
0
0
0
5
2
-
3
6
.
0
-
_
_
D
S0
0
5
20
8
0
30
3
76
9
41
1
1
2
1
x
6
29
20
30
0
4
.
00
0
6
.
00
0
8
.
0
0
0
0
4
-
3
6
.
0
-
_
_
D
S
0
0
0
4
5
2
6
5
0
0
0
1
4
9
7
1
1
1
2
1
x
6
2
9
2
0
3
0
0
4
.
0
0
0
6
.
0
0
0
8
.
0
0
0
0
6
-
3
6
.
0
-
_
_
D
S0
0
0
60
0
6
70
5
1
11
9
1
11
1
1
5
1
x
0
32
35
30
4
.
00
0
6
.
00
0
8
.
0
0
5
2
-
0
.
1
-
_
_
D
S
0
.
1
0
5
2
3
2
3
4
5
3
5
2
1
1
1
1
7
x
5
1
7
1
0
2
5
5
3
.
0
0
0
6
.
0
0
0
8
.
0
0
0
5
-
0
.
1
-
_
_
D
S0
0
50
8
50
1
20
5
21
1
1
9
x
9
12
25
20
5
4
.
00
0
6
.
00
0
8
.
0
0
0
0
1
-
0
.
1
-
_
_
D
S
0
0
0
1
0
5
2
1
0
9
2
0
0
5
1
1
1
2
1
x
6
2
9
2
0
3
0
0
5
.
0
0
0
6
.
0
0
0
8
.
0
0
0
5
2
-
0
.
1
-
_
_
D
S0
0
5
20
6
1
40
5
50
5
2
11
1
1
2
1
x
6
29
20
30
0
5
.
00
0
6
.
00
0
8
.
0
0
0
0
4
-
0
.
1
-
_
_
D
S
0
0
0
4
0
7
9
5
0
2
8
0
0
0
2
1
1
1
5
1
x
0
3
2
3
5
3
0
5
4
.
0
0
0
6
.
0
0
0
8
.
0
0
0
0
6
-
0
.
1
-
_
_
D
S0
0
0
60
6
2
90
7
90
0
0
31
R
21
5
1
x
7
32
40
40
0
5
.
00
0
5
.
00
0
8
.
0
0
6
1
-
6
.
1
-
_
_
D
S
6
.
1
0
6
1
1
5
2
7
2
1
5
0
2
1
1
1
7
x
5
1
7
1
0
2
0
0
5
.
0
0
0
8
.
0
0
0
8
.
0
5
1
3
-
6
.
1
-
_
_
D
S5
1
33
4
49
8
28
0
41
1
1
8
x
9
12
25
25
5
3
.
00
0
8
.
00
0
8
.
0
0
0
4
-
6
.
1
-
_
_
D
S
0
0
4
3
1
6
6
6
2
2
0
5
1
1
1
9
x
9
1
2
2
5
2
0
0
4
.
0
0
0
8
.
0
0
0
8
.
0
0
0
5
-
6
.
1
-
_
_
D
S0
0
55
9
65
1
10
4
61
1
1
2
1
x
6
29
20
30
1
7
.
00
0
8
.
00
0
8
.
0
0
0
0
1
-
6
.
1
-
_
_
D
S
0
0
0
1
0
9
2
1
5
9
1
0
8
2
1
1
R
2
1
5
1
x
0
3
2
3
5
3
0
3
6
.
0
0
3
6
.
0
0
0
8
.
0
0
0
5
2
-
6
.
1
-
_
_
D
S0
0
5
20
7
6
30
8
30
0
2
31
1
1
5
1
x
7
32
40
40
3
6
.
00
0
8
.
00
0
8
.
0
0
0
0
4
-
6
.
1
-
_
_
D
S
0
0
0
4
0
4
4
5
0
5
4
0
4
1
5
1
1
-
-
8
1
x
4
4
9
4
-
-
0
3
6
.
0
0
0
8
.
0
-
-
3
6
-
0
.
2
-
_
_
D
S
0
.
2
3
61
87
86
2
11
1
1
6
x
4
17
10
20
0
4
.
00
0
8
.
00
0
8
.
0
0
0
1
-
0
.
2
-
_
_
D
S
0
0
1
5
1
1
1
6
1
0
0
2
1
1
1
8
x
9
1
2
2
5
2
5
5
3
.
0
0
0
8
.
0
0
0
8
.
0
5
1
3
-
0
.
2
-
_
_
D
S5
1
32
2
48
6
10
5
61
1
1
9
x
5
29
20
30
0
8
.
00
0
8
.
00
0
8
.
0
0
3
6
-
0
.
2
-
_
_
D
S
0
3
6
5
8
8
0
2
1
0
6
2
1
1
1
1
2
1
x
6
2
9
2
0
3
0
5
7
.
0
0
0
8
.
0
0
0
8
.
0
0
0
0
1
-
0
.
2
-
_
_
D
S0
0
0
17
8
3
15
4
10
0
0
21
1
1
5
1
x
0
32
45
30
5
7
.
00
0
8
.
00
0
8
.
0
0
0
6
1
-
0
.
2
-
_
_
D
S
0
0
6
1
0
2
4
2
0
0
2
0
0
2
3
1
1
1
5
1
x
7
3
2
4
0
4
0
0
8
.
0
0
0
8
.
0
0
0
8
.
0
0
0
5
2
-
0
.
2
-
_
_
D
S0
0
5
20
4
2
33
1
30
0
0
51
1
-
-0
2
x
6
49
4-
-0
5
8
.
00
5
8
.
0-
-
3
6
-
5
.
2
-
_
_
D
S
5
.
2
3
6
9
9
2
6
7
9
1
1
1
1
6
x
4
1
7
1
0
2
0
0
5
.
0
0
0
8
.
0
0
0
8
.
0
0
0
1
-
5
.
2
-
_
_
D
S0
0
19
2
12
2
12
1
31
1
1
8
x
9
12
25
20
0
4
.
00
0
8
.
00
0
8
.
0
0
6
1
-
5
.
2
-
_
_
D
S
0
6
1
1
4
2
2
3
1
9
8
4
1
1
1
8
x
9
1
2
2
5
2
0
5
4
.
0
0
0
8
.
0
0
0
8
.
0
0
0
2
-
5
.
2
-
_
_
D
S0
0
25
7
20
70
3
61
R
21
2
1
x
6
29
20
30
5
7
.
00
5
7
.
00
0
8
.
0
0
0
4
-
5
.
2
-
_
_
D
S
0
0
4
0
9
7
0
2
1
0
5
2
1
1
R
2
1
2
1
x
6
2
9
2
0
3
0
1
7
.
0
0
1
7
.
0
0
0
8
.
0
0
0
0
1
-
5
.
2
-
_
_
D
S0
0
0
11
2
5
15
2
15
2
1
31
R
21
6
1
x
9
32
45
40
5
9
.
00
5
9
.
00
0
0
.
1
3
6
-
5
1
.
3
-
_
_
D
S
5
1
.
3
3
6
0
8
2
6
2
1
3
1
1
1
8
x
9
1
2
2
5
2
0
0
5
.
0
0
0
8
.
0
0
0
8
.
0
0
0
1
-
5
1
.
3
-
_
_
D
S0
0
17
5
10
68
9
41
1
1
8
x
9
12
25
20
0
6
.
00
0
8
.
00
0
8
.
0
0
6
1
-
5
1
.
3
-
_
_
D
S
0
6
1
4
3
2
6
8
4
9
7
1
1
1
0
1
x
5
2
9
2
0
3
0
0
6
.
0
0
0
8
.
0
0
0
8
.
0
0
5
2
-
5
1
.
3
-
_
_
D
S0
5
20
7
55
80
4
2
11
P
21
2
1
x
6
29
20
30
6
5
.
00
6
5
.
00
0
8
.
0
0
3
6
-
5
1
.
3
-
_
_
D
S
0
3
6
2
2
1
1
0
1
1
5
2
1
3
1
R
2
1
5
1
x
7
3
2
4
0
4
0
0
9
.
0
0
0
9
.
0
0
0
9
.
0
SD Series storage chokes provide excellent efficiency and field
modulation when used as loading coils for interim energy
storage with switch mode power supplies. The use of MPP
cores allows compact size, a highly stable inductance over a
wide bias current range and high "Q" with operating frequen-
cies to 200kHz.
Electrical Specifications @ 25°C
Test frequency: Inductance measured@ 10kHz / 10mV
Test voltage between windings: 500Vrms
Operating temperature: -40°C to +125°C
Climatic category: IEC68-1 40/125/56
Features
• Operating frequency to 200kHz
• Small size and high "Q"
• Highly stable inductance with changing bias current
• Fully encapsulated styles available meeting class GFK
(-40°C to +125°C, humidity class F) per DIN 40040.
• Manufactured in ISO-9001:2000, TS-16949:2002 and
ISO-14001:2004 certified Talema facility
• Fully RoHS compliant
THE TALEMA GROUP • Magnetic Components for Universal Applications


Similar Part No. - SDF-1.0-6000

ManufacturerPart #DatasheetDescription
logo
Nuvotem Talema
SDF-1.0-6000 TALEMA-SDF-1.0-6000 Datasheet
60Kb / 3P
   SD Series High Efficiency Storage Chokes
More results

Similar Description - SDF-1.0-6000

ManufacturerPart #DatasheetDescription
logo
Nuvotem Talema
SDF-0.63-400 TALEMA-SDF-0.63-400 Datasheet
60Kb / 3P
   SD Series High Efficiency Storage Chokes
logo
PREMO CORPORATION S.L
AIC-2P-300-12 PREMO-AIC-2P-300-12 Datasheet
431Kb / 4P
   High Energy Storage Chokes for inverter Applications
M65-400-16 PREMO-M65-400-16 Datasheet
492Kb / 5P
   High Energy Storage Chokes for Inverter Applications
M80-1-10 PREMO-M80-1-10 Datasheet
1,009Kb / 7P
   High Energy Storage Chokes for Inverter Applications
logo
Nuvotem Talema
DJ-500 TALEMA-DJ-500 Datasheet
116Kb / 2P
   Low Cost Linear Storage Chokes
logo
Monolithic Power System...
MP5505A MPS-MP5505A Datasheet
1Mb / 17P
   7V, 4A, High-Efficiency Energy Storage and Management Unit
MP5505 MPS-MP5505 Datasheet
805Kb / 15P
   7V, 4A, High-Efficiency Energy Storage and Management Unit
MP5512 MPS-MP5512 Datasheet
685Kb / 22P
   18V, 4.5A, High-Efficiency Energy Storage and Management Unit for SSD Applications
logo
Bourns Electronic Solut...
5521 BOURNS-5521 Datasheet
469Kb / 1P
   High Current Chokes
5509 BOURNS-5509 Datasheet
469Kb / 1P
   High Current Chokes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com