Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS2250T-8-16 Datasheet(PDF) 11 Page - Dallas Semiconductor

Part # DS2250T-8-16
Description  Soft Microcontroller Module
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2250T-8-16 Datasheet(HTML) 11 Page - Dallas Semiconductor

Back Button DS2250T-8-16 Datasheet HTML 7Page - Dallas Semiconductor DS2250T-8-16 Datasheet HTML 8Page - Dallas Semiconductor DS2250T-8-16 Datasheet HTML 9Page - Dallas Semiconductor DS2250T-8-16 Datasheet HTML 10Page - Dallas Semiconductor DS2250T-8-16 Datasheet HTML 11Page - Dallas Semiconductor DS2250T-8-16 Datasheet HTML 12Page - Dallas Semiconductor DS2250T-8-16 Datasheet HTML 13Page - Dallas Semiconductor DS2250T-8-16 Datasheet HTML 14Page - Dallas Semiconductor DS2250T-8-16 Datasheet HTML 15Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
DS2250(T)
121395 11/19
AC CHARACTERISTICS
EXPANDED BUS MODE TIMING SPECIFICATIONS
(tA = 0°C to70°C; VCC = 5V + 5%)
#
PARAMETER
SYMBOL
MIN
MAX
UNITS
1
Oscillator Frequency
1/tCLK
1.0
16 (–16)
MHz
2
ALE Pulse Width
tALPW
2tCLK–40
ns
3
Address Valid to ALE Low
tAVALL
tCLK –40
ns
4
Address Hold After ALE Low
tAVAAV
tCLK –35
ns
5
ALE Low to Valid Instr. In
@12 MHz
@16 MHz
tALLVI
4tCLK –150
4tCLK–90
ns
6
ALE Low to PSEN Low
tALLPSL
tCLK –25
ns
7
PSEN Pulse Width
tPSPW
3tCLK –35
ns
8
PSEN Low to Valid Instr. In
@12 MHz
@16 MHz
tPSLVI
3tCLK –150
3tCLK –90
ns
ns
9
Input Instr. Hold after PSEN Going High
tPSIV
0
ns
10
Input Instr. Float after PSEN Going High
tPSIX
tCLK –20
ns
11
Address Hold after PSEN Going High
tPSAV
tCLK –8
ns
12
Address Valid to Valid Instr. In @12 MHz
@16 MHz
tAVVI
5tCLK –150
5tCLK –90
ns
ns
13
PSEN Low to Address Float
tPSLAZ
0
ns
14
RD Pulse Width
tRDPW
6tCLK –100
ns
15
WR Pulse Width
tWRPW
6tCLK –100
ns
16
RD Low to Valid Data In
@12 MHz
@16 MHz
tRDLDV
5tCLK –165
5tCLK –105
ns
ns
17
Data Hold after RD High
tRDHDV
0
ns
18
Data Float after RD High
tRDHDZ
2tCLK –70
ns
19
ALE Low to Valid Data In
@12 MHz
@16 MHz
tALLVD
8CLK –150
8tCLK –90
ns
ns
20
Valid Addr. to Valid Data In
@12 MHz
@16 MHz
tAVDV
9tCLK –165
9tCLK –105
ns
ns
21
ALE Low to RD or WR Low
tALLRDL
3tCLK –50
3tCLK +50
ns
22
Address Valid to RD or WR Low
tAVRDL
4tCLK –130
ns
23
Data Valid to WR Going Low
tDVWRL
tCLK –60
ns
24
Data Valid to WR High
@12 MHz
@16 MHz
tDVWRH
7tCLK –150
7tCLK –90
ns
ns
25
Data Valid after WR High
tWRHDV
tCLK –50
ns
26
RD Low to Address Float
tRDLAZ
0
ns
27
RD or WR High to ALE High
tRDHALH
tCLK –40
tCLK +50
ns


Similar Part No. - DS2250T-8-16

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS2250T-8-16 DALLAS-DS2250T-8-16 Datasheet
594Kb / 20P
   Soft Microcontroller Module
More results

Similar Description - DS2250T-8-16

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2252T MAXIM-DS2252T Datasheet
680Kb / 16P
   Soft Microcontroller Module
REV: 061306
logo
Dallas Semiconductor
DS2250T DALLAS-DS2250T Datasheet
594Kb / 20P
   Soft Microcontroller Module
logo
Maxim Integrated Produc...
DS5000-32-16 MAXIM-DS5000-32-16 Datasheet
378Kb / 19P
   Soft Microcontroller Module
REV: 070706
logo
Dallas Semiconductor
DS5000 DALLAS-DS5000_06 Datasheet
378Kb / 19P
   Soft Microcontroller Module
DS5000 DALLAS-DS5000 Datasheet
131Kb / 18P
   Soft Microcontroller Module
logo
Maxim Integrated Produc...
DS2250 MAXIM-DS2250 Datasheet
453Kb / 18P
   Soft Microcontroller Module
REV: 060906
logo
Dallas Semiconductor
DS2252T DALLAS-DS2252T_06 Datasheet
680Kb / 16P
   Soft Microcontroller Module
DS5000 DALLAS-DS5000_1 Datasheet
100Kb / 19P
   Soft Microcontroller Module
logo
Maxim Integrated Produc...
DS5000 MAXIM-DS5000 Datasheet
378Kb / 19P
   Soft Microcontroller Module
REV: 070706
logo
Dallas Semiconductor
DS2251T DALLAS-DS2251T_06 Datasheet
604Kb / 22P
   128k Soft Microcontroller Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com