Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS2251T-64-16 Datasheet(PDF) 6 Page - Dallas Semiconductor

Part # DS2251T-64-16
Description  128K Soft Microcontroller Module
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2251T-64-16 Datasheet(HTML) 6 Page - Dallas Semiconductor

Back Button DS2251T-64-16 Datasheet HTML 2Page - Dallas Semiconductor DS2251T-64-16 Datasheet HTML 3Page - Dallas Semiconductor DS2251T-64-16 Datasheet HTML 4Page - Dallas Semiconductor DS2251T-64-16 Datasheet HTML 5Page - Dallas Semiconductor DS2251T-64-16 Datasheet HTML 6Page - Dallas Semiconductor DS2251T-64-16 Datasheet HTML 7Page - Dallas Semiconductor DS2251T-64-16 Datasheet HTML 8Page - Dallas Semiconductor DS2251T-64-16 Datasheet HTML 9Page - Dallas Semiconductor DS2251T-64-16 Datasheet HTML 10Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
DS2251T
121395 6/19
PIN
DESCRIPTION
68
INTP – INTP from the real time clock. This open–drain output requires a pull–up and may
beconnected to a micro interrupt input.
69
INTA – INTA from the real time clock. This output may be connected to a micro interrupt
input.
70
SQW – SQW output from the DS1283 Real Time Clock. Can be programmed to output an
1024 Hz square wave.
INSTRUCTION SET
The DS2251T executes an instruction set that is object
code compatible with the industry standard 8051 micro-
controller. As a result, software development packages
such as assemblers and compilers that have been writ-
ten for the 8051 are compatible with the DS2251T.
A complete description of the instruction set and opera-
tion are provided in the User’s Guide section of the
Secure Microcontroller Data Book.
MEMORY ORGANIZATION
Figure 2 illustrates the memory map accessed by the
DS2251T. The entire 64K of program and 64K of data
are available to the Byte–wide bus. This preserves the
I/O ports for application use. The user controls the por-
tion of memory that is actually mapped to the Byte–wide
bus by selecting the Program Range and Data Range.
Any area not mapped into the NVRAM is reached via the
Expanded bus on Ports 0 and 2. An alternate configura-
tion allows dynamic Partitioning of a 64K space as
shown in Figure 3. Selecting PES=1 provides access to
the real time clock on the DS2251T and enables PE3
and PE4 for peripheral access as shown in Figure 4.
These selections are made using Special Function
Registers. The memory map and its controls are cov-
ered in detail in the User’s Guide section of the Secure
Microcontroller Data Book.


Similar Part No. - DS2251T-64-16

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS2251T-64-16 DALLAS-DS2251T-64-16 Datasheet
654Kb / 20P
   128k Soft Microcontroller Module
DS2251T-64-16 DALLAS-DS2251T-64-16 Datasheet
604Kb / 22P
   128k Soft Microcontroller Module
logo
Maxim Integrated Produc...
DS2251T-64-16 MAXIM-DS2251T-64-16 Datasheet
604Kb / 22P
   128k Soft Microcontroller Module
REV: 061306
DS2251T-64-16# MAXIM-DS2251T-64-16# Datasheet
604Kb / 22P
   128k Soft Microcontroller Module
REV: 061306
More results

Similar Description - DS2251T-64-16

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS2251T DALLAS-DS2251T_06 Datasheet
604Kb / 22P
   128k Soft Microcontroller Module
logo
Maxim Integrated Produc...
DS2251T MAXIM-DS2251T Datasheet
604Kb / 22P
   128k Soft Microcontroller Module
REV: 061306
logo
Dallas Semiconductor
DS2251 DALLAS-DS2251 Datasheet
654Kb / 20P
   128k Soft Microcontroller Module
logo
Maxim Integrated Produc...
DS2252T MAXIM-DS2252T Datasheet
680Kb / 16P
   Soft Microcontroller Module
REV: 061306
logo
Dallas Semiconductor
DS2250T DALLAS-DS2250T Datasheet
594Kb / 20P
   Soft Microcontroller Module
logo
Maxim Integrated Produc...
DS5000-32-16 MAXIM-DS5000-32-16 Datasheet
378Kb / 19P
   Soft Microcontroller Module
REV: 070706
logo
Dallas Semiconductor
DS5000 DALLAS-DS5000_06 Datasheet
378Kb / 19P
   Soft Microcontroller Module
DS5000 DALLAS-DS5000 Datasheet
131Kb / 18P
   Soft Microcontroller Module
logo
Maxim Integrated Produc...
DS2250 MAXIM-DS2250 Datasheet
453Kb / 18P
   Soft Microcontroller Module
REV: 060906
logo
Dallas Semiconductor
DS2252T DALLAS-DS2252T_06 Datasheet
680Kb / 16P
   Soft Microcontroller Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com