Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS2251T-32-16 Datasheet(PDF) 4 Page - Dallas Semiconductor

Part # DS2251T-32-16
Description  128K Soft Microcontroller Module
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2251T-32-16 Datasheet(HTML) 4 Page - Dallas Semiconductor

  DS2251T-32-16 Datasheet HTML 1Page - Dallas Semiconductor DS2251T-32-16 Datasheet HTML 2Page - Dallas Semiconductor DS2251T-32-16 Datasheet HTML 3Page - Dallas Semiconductor DS2251T-32-16 Datasheet HTML 4Page - Dallas Semiconductor DS2251T-32-16 Datasheet HTML 5Page - Dallas Semiconductor DS2251T-32-16 Datasheet HTML 6Page - Dallas Semiconductor DS2251T-32-16 Datasheet HTML 7Page - Dallas Semiconductor DS2251T-32-16 Datasheet HTML 8Page - Dallas Semiconductor DS2251T-32-16 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
DS2251T
121395 4/19
PIN ASSIGNMENT
1
P1.0
19
XTAL2
37
P0.2
55
INTB
2
P1.1
20
GND
38
P0.1
56
BD0
3
P1.2
21
P2.0
39
P0.0
57
BD1
4
P1.3
22
P2.1
40
VCC
58
BD2
5
P1.4
23
P2.2
41
BA0
59
BD3
6
P1.5
24
P2.3
42
BA1
60
BD4
7
P1.6
25
P2.4
43
BA2
61
BD5
8
P1.7
26
P2.5
44
BA3
62
BD6
9
RST
27
P2.6
45
BA4
63
BD7
10
P3.0 RXD
28
P2.7
46
BA5
64
R/W
11
P3.1 TXD
29
PSEN
47
BA6
65
PF
12
P3.2 INT0
30
ALE
48
BA7
66
PE3
13
P3.3 INT1
31
PROG
49
BA8
67
PE4
14
P3.4 T0
32
P0.7
50
BA9
68
INTP
15
P3.5 T1
33
P0.6
51
BA10
69
INTA
16
P3.6 WR
34
P0.5
52
BA11
70
SQW
17
P3.7 RD
35
P0.4
53
BA12
71
VRST
18
XTAL1
36
P0.3
54
BA13
72
BA15
PIN DESCRIPTION
PIN
DESCRIPTION
39–32
P0.0 – P0.7. General purpose I/O Port 0. This port is open–drain and can not drive a logic 1.
It requires external pull–ups. Port 0 is also the multiplexed Expanded Address/Data bus.
When used in this mode, it does not require pull–ups.
1–8
P1.0 – P1.7. General purpose I/O Port 1.
21–28
P2.0 – P2.7. General purpose I/O Port 2. Also serves as the MSB of the Expanded Address
bus.
10
P3.0 RXD. General purpose I/O port pin 3.0. Also serves as the receive signal for the on
board UART. This pin should NOT be connected directly to a PC COM port.
11
P3.1 TXD. General purpose I/O port pin 3.1. Also serves as the transmit signal for the on
board UART. This pin should NOT be connected directly to a PC COM port.
12
P3.2 INT0. General purpose I/O port pin 3.2. Also serves as the active low External Interrupt
0.
13
P3.3 INT1. General purpose I/O port pin 3.3. Also serves as the active low External Interrupt
1.
14
P3.4 T0. General purpose I/O port pin 3.4. Also serves as the Timer 0 input.
15
P3.5 T1. General purpose I/O port pin 3.5. Also serves as the Timer 1 input.
16
P3.6 WR. General purpose I/O port pin. Also serves as the write strobe for Expanded bus
operation.
17
P3.7 RD. General purpose I/O port pin. Also serves as the read strobe for Expanded bus
operation.


Similar Part No. - DS2251T-32-16

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS2251T-32-16 DALLAS-DS2251T-32-16 Datasheet
654Kb / 20P
   128k Soft Microcontroller Module
DS2251T-32-16 DALLAS-DS2251T-32-16 Datasheet
604Kb / 22P
   128k Soft Microcontroller Module
logo
Maxim Integrated Produc...
DS2251T-32-16 MAXIM-DS2251T-32-16 Datasheet
604Kb / 22P
   128k Soft Microcontroller Module
REV: 061306
DS2251T-32-16# MAXIM-DS2251T-32-16# Datasheet
604Kb / 22P
   128k Soft Microcontroller Module
REV: 061306
More results

Similar Description - DS2251T-32-16

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS2251T DALLAS-DS2251T_06 Datasheet
604Kb / 22P
   128k Soft Microcontroller Module
logo
Maxim Integrated Produc...
DS2251T MAXIM-DS2251T Datasheet
604Kb / 22P
   128k Soft Microcontroller Module
REV: 061306
logo
Dallas Semiconductor
DS2251 DALLAS-DS2251 Datasheet
654Kb / 20P
   128k Soft Microcontroller Module
logo
Maxim Integrated Produc...
DS2252T MAXIM-DS2252T Datasheet
680Kb / 16P
   Soft Microcontroller Module
REV: 061306
logo
Dallas Semiconductor
DS2250T DALLAS-DS2250T Datasheet
594Kb / 20P
   Soft Microcontroller Module
logo
Maxim Integrated Produc...
DS5000-32-16 MAXIM-DS5000-32-16 Datasheet
378Kb / 19P
   Soft Microcontroller Module
REV: 070706
logo
Dallas Semiconductor
DS5000 DALLAS-DS5000_06 Datasheet
378Kb / 19P
   Soft Microcontroller Module
DS5000 DALLAS-DS5000 Datasheet
131Kb / 18P
   Soft Microcontroller Module
logo
Maxim Integrated Produc...
DS2250 MAXIM-DS2250 Datasheet
453Kb / 18P
   Soft Microcontroller Module
REV: 060906
logo
Dallas Semiconductor
DS2252T DALLAS-DS2252T_06 Datasheet
680Kb / 16P
   Soft Microcontroller Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com