Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NPP2-T126 Datasheet(PDF) 1 Page - Riedon Powertron

Part # NPP2-T126
Description  Power Film Resistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RIEDON [Riedon Powertron]
Direct Link  http://www.riedon.com
Logo RIEDON - Riedon Powertron

NPP2-T126 Datasheet(HTML) 1 Page - Riedon Powertron

  NPP2-T126 Datasheet HTML 1Page - Riedon Powertron NPP2-T126 Datasheet HTML 2Page - Riedon Powertron  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Riedon Inc.
300CypressAvenue
AlhambraCA91801
(626)284-9901
(626)284-1704
www.riedon.com
Page78
1.01
NPR NPP 2-T126
Resistances from 0.01 to 51K Ohms
Power Rating to 20Watt
Resistance Tolerances to ±0.05%
TCR to ±5ppm/K
TO-126 Housing
Convenient SMD DPak Available
Low Inductance ( <50nH )
SPECIFICATIONS
1
Powerratingbasedon25°CFlangeTemperature
2
Powerratingbasedon25°CAmbientTemperature
3
ConsultFactoryforHigherorLowerValues
Specification
Value
MaximumCurrent
25A
TemperatureRange
-55°Cto+155°C:NPP2T126
-55°Cto+120°C:NPR2-T126
DielectricStrength
2000VAC
Max.OperatingVoltage
500V
InsulationResistance
>1000Meg-Ohm
EnvironmentalPerformance
D
R
TestConditions
LoadLife
±1%
25°C/90minON/30minOFF/1000hr
HumidityResistance
±1%
40°C/90-95%RH/DC0.1W/1000hr
TemperatureCycle
±0.25%
-55°Cfor30min/+155°Cfor30min/1000hr
SolderHeat
±0.1%
+350°C/3s
Vibration
±0.25%
Type
PowerRating
Heatsink1FreeAir2
Thermal
Resistance
ResistanceRange3
MinMax
Tolerances
Temperature
Coefficients
NPR 2-T126
20W
1W
5.9K/W
0.01W
51KW
±1%(R>0.1W )
±5%
±50ppm/K(R>10W )
±100ppm/K(R>0.1W )
±250ppm/K
NPP 2-T126
5W
0.5W
6.0K/W
0.1W
51KW
±0.05%/±0.1%/±0.25%
(R>5W )
±0.5%(R>1W ) /
±1%(R>0.1W )
±2%/±5%
±5/±10ppm/K(R>1W )
±25ppm/K(R>0.1W )
±100ppm/K
TO-126PowerFilmResistors


Similar Part No. - NPP2-T126

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
NPP-1200 MEANWELL-NPP-1200 Datasheet
302Kb / 9P
   1200W High Reliable Ultra Wide Output Range Battery Charger & Power Supply 2-in-1
2023-01-16
NPP-1200-12 MEANWELL-NPP-1200-12 Datasheet
302Kb / 9P
   1200W High Reliable Ultra Wide Output Range Battery Charger & Power Supply 2-in-1
2023-01-16
NPP-1200-24 MEANWELL-NPP-1200-24 Datasheet
302Kb / 9P
   1200W High Reliable Ultra Wide Output Range Battery Charger & Power Supply 2-in-1
2023-01-16
NPP-1200-48 MEANWELL-NPP-1200-48 Datasheet
302Kb / 9P
   1200W High Reliable Ultra Wide Output Range Battery Charger & Power Supply 2-in-1
2023-01-16
NPP-1700 MEANWELL-NPP-1700 Datasheet
305Kb / 9P
   1700W High Reliable Ultra Wide Output Range Battery Charger & Power Supply 2-in-1
2021-12-01
More results

Similar Description - NPP2-T126

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MS126 ETC2-MS126 Datasheet
233Kb / 2P
   Power Film Resistors
MP312 ETC2-MP312 Datasheet
107Kb / 1P
   Power Film Resistors
TNP10S ETC2-TNP10S Datasheet
1Mb / 2P
   Power Thun Film Resistors
logo
Vishay Siliconix
PWA VISHAY-PWA Datasheet
105Kb / 3P
   Thin Film Power Resistors
Revision: 29-Apr-15
logo
Riedon Powertron
PFS35-0R01J1 RIEDON-PFS35-0R01J1 Datasheet
145Kb / 2P
   Power SMD Film Resistors
PFS35-5KF1 RIEDON-PFS35-5KF1 Datasheet
145Kb / 2P
   Power SMD Film Resistors
PFS35-0R05J1 RIEDON-PFS35-0R05J1 Datasheet
145Kb / 2P
   Power SMD Film Resistors
PFS35 RIEDON-PFS35 Datasheet
204Kb / 2P
   Power SMD Film Resistors
logo
List of Unclassifed Man...
TNP10 ETC2-TNP10 Datasheet
1Mb / 2P
   Power Thin film Resistors
TNP50S ETC2-TNP50S Datasheet
1Mb / 2P
   Power Thun Film Resistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com