Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DPB-7.5-150 Datasheet(PDF) 1 Page - Nuvotem Talema

Part # DPB-7.5-150
Description  Low Cost Power Inductors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TALEMA [Nuvotem Talema]
Direct Link  http://www.nuvotem.com
Logo TALEMA - Nuvotem Talema

DPB-7.5-150 Datasheet(HTML) 1 Page - Nuvotem Talema

  DPB-7.5-150 Datasheet HTML 1Page - Nuvotem Talema DPB-7.5-150 Datasheet HTML 2Page - Nuvotem Talema DPB-7.5-150 Datasheet HTML 3Page - Nuvotem Talema DPB-7.5-150 Datasheet HTML 4Page - Nuvotem Talema  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DP Series Power Inductors provide an excellent, low cost
alternative to conventional chokes or inductors. Used in EMI
filtering and energy storage, these compact, low radiation
inductors are extremely effective in controlling AC output ripple
of Switch Mode Power Supplies.
Features
• Broad range of inductance values and current ratings
• Low cost, no radiation design
• Hot Solder, pre-tinned leads for easy PC board mounting
• Operating frequency to 100kHz
• Competitive pricing due to high volume production
• Manufactured in ISO-9001:2000, TS-16949:2002 and
ISO-14001:2004 certified Talema facility
• Fully RoHS compliant
Electrical Specifications @ 25°C
Test frequency: Inductance measured @ 10kHz/10mV
Test voltage between windings: 500Vrms
Operating temperature: -40°C to +125°C
Climatic category: IEC68-1 40/125/56
Applications
Switching Power Supplies • EMI/RFI filtering • Output Chokes
DP Series •
Low Cost Power Inductors
Note: The µJoule rating (0.5 x LI²) is the ability of the inductor to store energy.
r
e
b
m
u
N
t
r
a
P
I
C
D
s
p
m
A
.
p
y
T
)
H
µ
(
L
@
t
n
e
r
r
u
C
d
e
t
a
R
L
O
)
H
µ
(
%
5
1
±
d
a
o
L
o
N
R
C
D
s
m
h
O
(
)
.
x
a
M
y
g
r
e
n
E
.
n
i
M
e
g
a
r
o
t
S
*
)
J
µ
(
e
r
i
W
Ø
)
m
m
(
e
z
i
S
l
i
o
C
m
m
.
t
H
x
D
O
e
l
y
t
S
g
n
i
t
n
u
o
M
e
z
i
S
/
y
t
i
l
i
b
a
l
i
a
v
A
CB
V
F
7
4
-
-
5
.
0
-
_
_
P
D
5
.
0
7
4
0
5
5
9
0
.
0
9
.
5
0
0
4
.
0
8
X
4
1
2
3
2
2
8
6
-
5
.
0
-
_
_
P
D8
63
75
1
1
.
05
.
80
0
4
.
08
X
4
1
232
2
0
0
1
-
5
.
0
-
_
_
P
D
0
0
1
9
0
1
0
4
1
.
0
5
.
2
1
0
0
4
.
0
8
X
4
1
2
3
2
2
0
5
1
-
5
.
0
-
_
_
P
D0
5
17
6
13
7
1
.
08
.
8
10
0
4
.
08
X
5
1
232
2
0
2
2
-
5
.
0
-
_
_
P
D
0
2
2
8
5
2
5
1
2
.
0
5
.
7
2
0
0
4
.
0
9
X
5
1
2
3
2
2
0
3
3
-
5
.
0
-
_
_
P
D0
3
33
9
35
6
2
.
03
.
1
40
0
4
.
09
X
5
1
232
2
0
7
4
-
5
.
0
-
_
_
P
D
0
7
4
7
5
5
2
2
3
.
0
8
.
8
5
0
0
4
.
0
9
X
0
2
3
3
3
3
0
8
6
-
5
.
0
-
_
_
P
D0
8
69
4
88
9
3
.
05
80
0
4
.
00
1
X
0
2
333
3
0
0
0
1
-
5
.
0
-
_
_
P
D
0
0
0
,
1
8
5
3
,
1
3
0
5
.
0
5
2
1
0
0
4
.
0
1
1
X
1
2
3
5
4
3
0
0
5
1
-
5
.
0
-
_
_
P
D0
0
5
,
13
6
8
,
14
1
7
.
08
8
10
0
4
.
02
1
X
5
25
5
4
4
0
0
2
2
-
5
.
0
-
_
_
P
D
0
0
2
,
2
1
3
1
,
3
6
2
9
.
0
5
7
2
0
0
4
.
0
2
1
X
5
2
5
5
4
4
0
0
3
3
-
5
.
0
-
_
_
P
D0
0
3
,
34
2
0
,
53
7
1
.
13
1
40
0
4
.
03
1
X
6
2
555
6
0
0
7
4
-
5
.
0
-
_
_
P
D
0
0
7
,
4
7
8
2
,
6
1
2
4
.
1
8
8
5
0
0
4
.
0
5
1
X
2
3
5
8
5
6
2
2
-
0
.
1
-
-
_
_
P
D
0
.
1
2
23
21
4
0
.
01
10
0
5
.
08
X
4
1
232
2
3
3
-
0
.
1
-
-
_
_
P
D
3
3
7
3
2
5
0
.
0
5
.
6
1
0
0
5
.
0
8
X
4
1
2
3
2
2
7
4
-
0
.
1
-
_
_
P
D7
43
53
6
0
.
05
.
3
20
0
5
.
08
X
4
1
232
2
8
6
-
0
.
1
-
_
_
P
D
8
6
0
8
7
7
0
.
0
4
3
0
0
5
.
0
8
X
4
1
2
3
2
2
0
0
1
-
0
.
1
-
_
_
P
D0
0
17
2
17
9
0
.
00
50
0
5
.
08
X
5
1
232
2
0
5
1
-
0
.
1
-
_
_
P
D
0
5
1
7
0
2
3
2
1
.
0
5
7
0
0
5
.
0
9
X
5
1
2
3
3
2
0
2
2
-
0
.
1
-
_
_
P
D0
2
25
4
36
9
1
.
00
1
10
5
4
.
09
X
5
1
233
2
0
3
3
-
0
.
1
-
_
_
P
D
0
3
3
1
9
4
3
9
1
.
0
5
6
1
0
0
5
.
0
9
X
0
2
3
3
3
3
0
7
4
-
0
.
1
-
_
_
P
D0
7
41
0
60
8
1
.
05
3
20
0
6
.
02
1
X
7
2
555
6
0
8
6
-
0
.
1
-
_
_
P
D
0
8
6
1
9
8
0
2
2
.
0
0
4
3
0
0
6
.
0
3
1
X
7
2
5
5
5
6
0
0
0
1
-
0
.
1
-
_
_
P
D0
0
0
,
19
1
6
,
16
2
4
.
00
0
50
0
5
.
03
1
X
6
24
5
5
6
0
0
5
1
-
0
.
1
-
_
_
P
D
0
0
5
,
1
9
4
1
,
2
2
3
5
.
0
0
5
7
0
0
5
.
0
4
1
X
0
3
5
5
5
6
0
0
2
2
-
0
.
1
-
_
_
P
D0
0
2
,
29
0
6
,
39
8
6
.
00
0
1
10
0
5
.
05
1
X
1
3
556
6
0
0
3
3
-
0
.
1
-
_
_
P
D
0
0
3
,
3
1
3
7
,
4
9
0
6
.
0
0
5
6
1
0
0
6
.
0
5
1
X
3
4
-
-
8
-
-
-
-
THE TALEMA GROUP • Magnetic Components for Universal Applications


Similar Part No. - DPB-7.5-150

ManufacturerPart #DatasheetDescription
logo
Bud Industries, Inc.
DPB-4760 BUD-DPB-4760 Datasheet
71Kb / 1P
   DIN RAIL MOUNT PLASTIBOX
More results

Similar Description - DPB-7.5-150

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LSRC2-4R7M ETC-LSRC2-4R7M Datasheet
292Kb / 1P
   Low Cost Power Inductors
HM53 ETC-HM53 Datasheet
64Kb / 5P
   High Power Low Cost Inductors
logo
Bi technologies
HM53 BITECH-HM53 Datasheet
1Mb / 4P
   High Power Low Cost Inductors
logo
TT Electronics.
HM53 TTELEC-HM53 Datasheet
1Mb / 4P
   High Power Low Cost Inductors
logo
Bi technologies
HM53 BITECH-HM53_15 Datasheet
1Mb / 4P
   High Power Low Cost Inductors
logo
Premier Magnetics, Inc.
VTP-00301 PMI-VTP-00301 Datasheet
43Kb / 2P
   LOW COST TOROIDAL POWER INDUCTORS
logo
Bi technologies
HM79 BITECH-HM79_15 Datasheet
277Kb / 2P
   Low Cost Medium Power Surface Mount Inductors
logo
TT Electronics.
HM79 TTELEC-HM79 Datasheet
301Kb / 2P
   Low Cost Medium Power Surface Mount Inductors
logo
Bi technologies
HM79 BITECH-HM79 Datasheet
429Kb / 2P
   Low Cost Medium Power Surface Mount Inductors
logo
Bel Fuse Inc.
0580-0296-20 BEL-0580-0296-20 Datasheet
47Kb / 1P
   DC POWER INDUCTORS LOW COST THROUGH HOLE COMPONENTS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com