Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAB-C167CS-4RM Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # SAB-C167CS-4RM
Description  16-Bit Single-Chip Microcontroller
Download  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SAB-C167CS-4RM Datasheet(HTML) 4 Page - Infineon Technologies AG

  SAB-C167CS-4RM Datasheet HTML 1Page - Infineon Technologies AG SAB-C167CS-4RM Datasheet HTML 2Page - Infineon Technologies AG SAB-C167CS-4RM Datasheet HTML 3Page - Infineon Technologies AG SAB-C167CS-4RM Datasheet HTML 4Page - Infineon Technologies AG SAB-C167CS-4RM Datasheet HTML 5Page - Infineon Technologies AG SAB-C167CS-4RM Datasheet HTML 6Page - Infineon Technologies AG SAB-C167CS-4RM Datasheet HTML 7Page - Infineon Technologies AG SAB-C167CS-4RM Datasheet HTML 8Page - Infineon Technologies AG SAB-C167CS-4RM Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 81 page
background image
Controller Area Network (CAN): License of Robert Bosch GmbH
C167CS
Revision History:
2001-08
V2.2
Previous Version:
2000-12
V2.1 (Intermediate version)
2000-06
V2.0
1999-06
1999-03
(Advance Information)
Page
Subjects (major changes from V2.1, 2000-12 to V2.2, 2001-08)
4Figure 2 corrected (pins 98, 99)
25, 27
Figure 5 and Figure 6 updated
50ff
Output voltage/current specification improved
52f
Limit values for
IIDO and IPDR increased due to the usage of a standard
oscillator
54
Figure 10 corrected
57
Figure 12 updated for 40 MHz
59
Clock parameters adjusted
60
TUE note includes P1H
76
Package drawing updated1)
1) New package due to new assembly line. MQFP-144-1 for current deliveries only, will be discontinued.
Page
Subjects (major changes from V2.0, 2000-06 to V2.1, 2000-12)
All
Maximum operating frequency updated to 40 MHz
2
Derivative table updated
52
RSTIN level for
IDD corrected to VIL (was VIL2)
53
Current unit corrected to
µA
56
Input clock range adjusted
60f
Note 5 detailed
64
Parameters
tc10, tc12, tc13, tc14, tc15, tc16, tc17, tc18, tc19 changed
65
Relative bus timing parameters added
70
Parameter
tc25 changed, notes adapted
71
Notes adapted
72
Parameter
tc28 changed
75
Parameters
t42, t43, t44, t46, t47 changed
We Listen to Your Comments
Any information within this document that you feel is wrong, unclear or missing at all?
Your feedback will help us to continuously improve the quality of this document.
Please send your proposal (including a reference to this document) to:
mcdocu.comments@infineon.com


Similar Part No. - SAB-C167CS-4RM

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SAB-C167CS-4RM INFINEON-SAB-C167CS-4RM Datasheet
1Mb / 80P
   16-Bit Single-Chip Microcontroller
V2.0, June 2000
More results

Similar Description - SAB-C167CS-4RM

ManufacturerPart #DatasheetDescription
logo
NEC
UPD784054 NEC-UPD784054 Datasheet
579Kb / 86P
   16-BIT SINGLE-CHIP MICROCONTROLLER
UPD784907 NEC-UPD784907 Datasheet
657Kb / 98P
   16-BIT SINGLE-CHIP MICROCONTROLLER
UPD784927 NEC-UPD784927 Datasheet
513Kb / 96P
   16-BIT SINGLE-CHIP MICROCONTROLLER
UPD78P4916 NEC-UPD78P4916 Datasheet
288Kb / 56P
   16-BIT SINGLE-CHIP MICROCONTROLLER
logo
Infineon Technologies A...
SABC167CRLMGAT6 INFINEON-SABC167CRLMGAT6 Datasheet
1Mb / 89P
   16-Bit Single-Chip Microcontroller
V3.3, Feb. 2005
logo
Epson Company
S1C17555 EPSON-S1C17555 Datasheet
176Kb / 5P
   16-bit Single Chip Microcontroller
logo
NEC
UPD78F4937 NEC-UPD78F4937 Datasheet
250Kb / 32P
   16-BIT SINGLE-CHIP MICROCONTROLLER
logo
Infineon Technologies A...
C164CI INFINEON-C164CI_02 Datasheet
4Mb / 484P
   16-Bit Single-Chip Microcontroller
V3.1, Feb. 2002
logo
Renesas Technology Corp
D784927 RENESAS-D784927_15 Datasheet
785Kb / 99P
   16-BIT SINGLE-CHIP MICROCONTROLLER
PD78F4937 RENESAS-PD78F4937_15 Datasheet
317Kb / 34P
   16-BIT SINGLE-CHIP MICROCONTROLLER
logo
Infineon Technologies A...
C164SI INFINEON-C164SI Datasheet
1Mb / 79P
   16-Bit Single-Chip Microcontroller
V2.0, May 2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com