Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAK-C167CR-L33M Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # SAK-C167CR-L33M
Description  16-Bit Single-Chip Microcontroller
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SAK-C167CR-L33M Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button SAK-C167CR-L33M Datasheet HTML 5Page - Infineon Technologies AG SAK-C167CR-L33M Datasheet HTML 6Page - Infineon Technologies AG SAK-C167CR-L33M Datasheet HTML 7Page - Infineon Technologies AG SAK-C167CR-L33M Datasheet HTML 8Page - Infineon Technologies AG SAK-C167CR-L33M Datasheet HTML 9Page - Infineon Technologies AG SAK-C167CR-L33M Datasheet HTML 10Page - Infineon Technologies AG SAK-C167CR-L33M Datasheet HTML 11Page - Infineon Technologies AG SAK-C167CR-L33M Datasheet HTML 12Page - Infineon Technologies AG SAK-C167CR-L33M Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 74 page
background image
C167CR
C167SR
Data Sheet
5
V3.2, 2001-07
Table 2
Pin Definitions and Functions
Symbol Pin
Num.
Input
Outp.
Function
P6
P6.0
P6.1
P6.2
P6.3
P6.4
P6.5
P6.6
P6.7
1
2
3
4
5
6
7
8
IO
O
O
O
O
O
I
I/O
O
Port 6 is an 8-bit bidirectional I/O port. It is bit-wise
programmable for input or output via direction bits. For a pin
configured as input, the output driver is put into high-
impedance state. Port 6 outputs can be configured as push/
pull or open drain drivers.
The Port 6 pins also serve for alternate functions:
CS0
Chip Select 0 Output
CS1
Chip Select 1 Output
CS2
Chip Select 2 Output
CS3
Chip Select 3 Output
CS4
Chip Select 4 Output
HOLD
External Master Hold Request Input
HLDA
Hold Acknowledge Output (master mode)
or Input (slave mode)
BREQ
Bus Request Output
P8
P8.0
P8.1
P8.2
P8.3
P8.4
P8.5
P8.6
P8.7
9
10
11
12
13
14
15
16
IO
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
Port 8 is an 8-bit bidirectional I/O port. It is bit-wise
programmable for input or output via direction bits. For a pin
configured as input, the output driver is put into high-
impedance state. Port 8 outputs can be configured as push/
pull or open drain drivers. The input threshold of Port 8 is
selectable (TTL or special).
The following Port 8 pins also serve for alternate functions:
CC16IO
CAPCOM2: CC16 Capture Inp./Compare Outp.
CC17IO
CAPCOM2: CC17 Capture Inp./Compare Outp.
CC18IO
CAPCOM2: CC18 Capture Inp./Compare Outp.
CC19IO
CAPCOM2: CC19 Capture Inp./Compare Outp.
CC20IO
CAPCOM2: CC20 Capture Inp./Compare Outp.
CC21IO
CAPCOM2: CC21 Capture Inp./Compare Outp.
CC22IO
CAPCOM2: CC22 Capture Inp./Compare Outp.
CC23IO
CAPCOM2: CC23 Capture Inp./Compare Outp.


Similar Part No. - SAK-C167CR-L33M

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SAK-C167CR-LM SIEMENS-SAK-C167CR-LM Datasheet
788Kb / 67P
   16-Bit CMOS Single-Chip Microcontroller
logo
Infineon Technologies A...
SAK-C167CR-LMHA INFINEON-SAK-C167CR-LMHA Datasheet
1Mb / 89P
   16-Bit Single-Chip Microcontroller
V3.3, Feb. 2005
More results

Similar Description - SAK-C167CR-L33M

ManufacturerPart #DatasheetDescription
logo
NEC
UPD784054 NEC-UPD784054 Datasheet
579Kb / 86P
   16-BIT SINGLE-CHIP MICROCONTROLLER
UPD784907 NEC-UPD784907 Datasheet
657Kb / 98P
   16-BIT SINGLE-CHIP MICROCONTROLLER
UPD784927 NEC-UPD784927 Datasheet
513Kb / 96P
   16-BIT SINGLE-CHIP MICROCONTROLLER
UPD78P4916 NEC-UPD78P4916 Datasheet
288Kb / 56P
   16-BIT SINGLE-CHIP MICROCONTROLLER
logo
Infineon Technologies A...
SABC167CRLMGAT6 INFINEON-SABC167CRLMGAT6 Datasheet
1Mb / 89P
   16-Bit Single-Chip Microcontroller
V3.3, Feb. 2005
logo
Epson Company
S1C17555 EPSON-S1C17555 Datasheet
176Kb / 5P
   16-bit Single Chip Microcontroller
logo
NEC
UPD78F4937 NEC-UPD78F4937 Datasheet
250Kb / 32P
   16-BIT SINGLE-CHIP MICROCONTROLLER
logo
Infineon Technologies A...
C164CI INFINEON-C164CI_02 Datasheet
4Mb / 484P
   16-Bit Single-Chip Microcontroller
V3.1, Feb. 2002
logo
Renesas Technology Corp
D784927 RENESAS-D784927_15 Datasheet
785Kb / 99P
   16-BIT SINGLE-CHIP MICROCONTROLLER
PD78F4937 RENESAS-PD78F4937_15 Datasheet
317Kb / 34P
   16-BIT SINGLE-CHIP MICROCONTROLLER
logo
Infineon Technologies A...
C164SI INFINEON-C164SI Datasheet
1Mb / 79P
   16-Bit Single-Chip Microcontroller
V2.0, May 2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com