Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS87C51RD2-LIE Datasheet(PDF) 3 Page - ATMEL Corporation

Part # TS87C51RD2-LIE
Description  High Performance 8-bit Microcontroller
Download  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS87C51RD2-LIE Datasheet(HTML) 3 Page - ATMEL Corporation

  TS87C51RD2-LIE Datasheet HTML 1Page - ATMEL Corporation TS87C51RD2-LIE Datasheet HTML 2Page - ATMEL Corporation TS87C51RD2-LIE Datasheet HTML 3Page - ATMEL Corporation TS87C51RD2-LIE Datasheet HTML 4Page - ATMEL Corporation TS87C51RD2-LIE Datasheet HTML 5Page - ATMEL Corporation TS87C51RD2-LIE Datasheet HTML 6Page - ATMEL Corporation TS87C51RD2-LIE Datasheet HTML 7Page - ATMEL Corporation TS87C51RD2-LIE Datasheet HTML 8Page - ATMEL Corporation TS87C51RD2-LIE Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 83 page
background image
3
TS8xC51Rx2
4188A–8051–10/02
SFR Mapping
The Special Function Registers (SFRs) of the TS80C51Rx2 fall into the following
categories:
C51 core registers: ACC, B, DPH, DPL, PSW, SP, AUXR1
I/O port registers: P0, P1, P2, P3, P4, P5
Timer registers: T2CON, T2MOD, TCON, TH0, TH1, TH2, TMOD, TL0, TL1, TL2,
RCAP2L, RCAP2H
Serial I/O port registers: SADDR, SADEN, SBUF, SCON
Power and clock control registers: PCON
HDW Watchdog Timer Reset: WDTRST, WDTPRG
PCA registers: CL, CH, CCAPiL, CCAPiH, CCON, CMOD, CCAPMi
Interrupt system registers: IE, IP, IPH
Others: AUXR, CKCON


Similar Part No. - TS87C51RD2-LIE

ManufacturerPart #DatasheetDescription
logo
International Rectifier
TS87C51RD2-LIE IRF-TS87C51RD2-LIE Datasheet
805Kb / 85P
   High Performance 8-bit Microcontroller
logo
ATMEL Corporation
TS87C51RD2-LIE ATMEL-TS87C51RD2-LIE Datasheet
995Kb / 86P
   High Performance 8-bit Microcontroller
More results

Similar Description - TS87C51RD2-LIE

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM65512A OKI-MSM65512A Datasheet
189Kb / 23P
   High Performance 8-Bit Microcontroller
logo
ATMEL Corporation
TS80C51RA2 ATMEL-TS80C51RA2_08 Datasheet
995Kb / 86P
   High Performance 8-bit Microcontroller
logo
International Rectifier
TS80C51RA2 IRF-TS80C51RA2_06 Datasheet
805Kb / 85P
   High Performance 8-bit Microcontroller
logo
OKI electronic componet...
MSM65514 OKI-MSM65514 Datasheet
196Kb / 23P
   High Performance 8-Bit Microcontroller
MSM65516 OKI-MSM65516 Datasheet
201Kb / 23P
   High performance 8-Bit Microcontroller
logo
Digital Core Design
DFPIC165X DCD-DFPIC165X Datasheet
180Kb / 6P
   High Performance 8-bit RISC Microcontroller
DP8051 DCD-DP8051 Datasheet
247Kb / 10P
   Pipelined High Performance 8-bit Microcontroller
DP80390XP DCD-DP80390XP Datasheet
297Kb / 13P
   Pipelined High Performance 8-bit Microcontroller
DP80C51 DCD-DP80C51 Datasheet
243Kb / 10P
   Pipelined High Performance 8-bit Microcontroller
DP8051XP DCD-DP8051XP Datasheet
295Kb / 12P
   Pipelined High Performance 8-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com