Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HVR30 Datasheet(PDF) 1 Page - Riedon Powertron

Part # HVR30
Description  High Voltage / Thick Film Leaded Resistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RIEDON [Riedon Powertron]
Direct Link  http://www.riedon.com
Logo RIEDON - Riedon Powertron

HVR30 Datasheet(HTML) 1 Page - Riedon Powertron

  HVR30 Datasheet HTML 1Page - Riedon Powertron HVR30 Datasheet HTML 2Page - Riedon Powertron  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Riedon Inc.
300CypressAvenue
AlhambraCA91801
(626)284-9901
(626)284-1704
www.riedon.com
Page54
1.01
Type
HVR 25
HVR 30
HVR 40
HVR 50
Power Rating ( W )1
1.0
1.0
1.2
3.0
Working Voltage
( VAC )
15KV
10KV
20KV
30KV
Resistance Range
( W )
TolerancesAvailable(%)
Temperature Coefficients Available ( ± ppm/K ) 2
Voltage Coefficient ( ppm / V ) 3
1M - 100M
0.25%to10%
25 / 50 / 100
<1ppm/V
0.25%to10%
25 / 50 / 100
<2ppm/V
0.25%to10%
25 / 50 / 100
<1ppm/V
0.25%to10%
25 / 50 / 100
<1ppm/V
>100M - 1G
1%to20%
50 / 100 / 250
<2ppm/V
1%to20%
50 / 100 / 250
<5ppm/V
1%to20%
50 / 100 / 250
<2ppm/V
1%to20%
25 / 50 / 100
<1ppm/V
>1G - 100G
5%to30%
250 / 500
<10ppm/V
5%to30%
250 / 500
<20ppm/V
5%to30%
250 / 500
<10ppm/V
5%to30%
100 / 250
<5ppm/V
>100G - 1T
5%to30%
500 / 1000
<50ppm/V
5%to30%
500 / 1000
<100ppm/V
5%to30%
500 / 1000
<50ppm/V
5%to30%
250 / 500
<25ppm/V
>1T - 10T
-
-
-
10%to30%
500 / 1000
<100ppm/V
HVR Series
Resistances from 1M to 10TOhms
Power Rating 1 to 3Watts
Resistance Tolerances to ± 0.25%
TCR’s to ±25ppm/K
Non-Magnetic
High Value Thick Film Resistance Element
SPECIFICATIONS
High Voltage / Thick Film Leaded Resistors
1
W @ 70 °C / 0W @ 125 °C
2
25 / 50 PPM : +25°C to +85°C
3
measured between 10 and 100V


Similar Part No. - HVR30

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
HVR30 WILLOW-HVR30 Datasheet
202Kb / 2P
   High Voltage Resistors
logo
Riedon Powertron
HVR30 RIEDON-HVR30 Datasheet
170Kb / 2P
   High Voltage / Thick Film Leaded Resistors
logo
List of Unclassifed Man...
HVR3000 ETC1-HVR3000 Datasheet
615Kb / 6P
   HIGH VOLTAGE RECTIFIERS
logo
Riedon Powertron
HVR3010GOHM RIEDON-HVR3010GOHM Datasheet
170Kb / 2P
   High Voltage / Thick Film Leaded Resistors
More results

Similar Description - HVR30

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
HVR25 RIEDON-HVR25_13 Datasheet
170Kb / 2P
   High Voltage / Thick Film Leaded Resistors
GST1210 RIEDON-GST1210 Datasheet
274Kb / 2P
   High Resistance / Thick Film Leaded Resistors
GST1210 RIEDON-GST1210_13 Datasheet
171Kb / 2P
   High Resistance / Thick Film Leaded Resistors
HTE15 RIEDON-HTE15_13 Datasheet
224Kb / 2P
   High Voltage / Thick Film Resistors
logo
Welwyn Components Limit...
F43D WELWYN-F43D Datasheet
96Kb / 2P
   High Voltage Thick Film Resistors
HV31 WELWYN-HV31 Datasheet
114Kb / 2P
   High Voltage Thick film Resistors
logo
Riedon Powertron
HTE15 RIEDON-HTE15 Datasheet
259Kb / 2P
   High Voltage / Thick Film Resistors
logo
Welwyn Components Limit...
VRW25 WELWYN-VRW25 Datasheet
79Kb / 3P
   High Voltage Thick Film Resistors
logo
Riedon Powertron
HTE39-100MJ RIEDON-HTE39-100MJ Datasheet
141Kb / 2P
   High Voltage / Thick Film Resistors
HTE RIEDON-HTE Datasheet
141Kb / 2P
   High Voltage / Thick Film Resistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com