Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T89C5121-ICRIL Datasheet(PDF) 8 Page - ATMEL Corporation

Part # T89C5121-ICRIL
Description  8-bit Microcontroller with MULTI-PROTOCOL SMART CARD INTERFACE
Download  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T89C5121-ICRIL Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button T89C5121-ICRIL Datasheet HTML 4Page - ATMEL Corporation T89C5121-ICRIL Datasheet HTML 5Page - ATMEL Corporation T89C5121-ICRIL Datasheet HTML 6Page - ATMEL Corporation T89C5121-ICRIL Datasheet HTML 7Page - ATMEL Corporation T89C5121-ICRIL Datasheet HTML 8Page - ATMEL Corporation T89C5121-ICRIL Datasheet HTML 9Page - ATMEL Corporation T89C5121-ICRIL Datasheet HTML 10Page - ATMEL Corporation T89C5121-ICRIL Datasheet HTML 11Page - ATMEL Corporation T89C5121-ICRIL Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 108 page
background image
8
T8xC5121
4164C–SCR–07/03
P0[7:0]
AD[7:0]
V
CC
I/O
Input/Output function Port 0
P0 is an 8-bit open-drain bi-directional I/O port. Port 0 pins that
have 1s written to them float and can be used as high impedance
inputs. To avoid any parasitic current consumption, Floating P0
inputs must be pulled to V
CC or VSS.
I/O
Address/Data low
Mutiplexed Address/Data LSB for external access
P2[7:0]
A[15:8]
V
CC
I/O
Input/Output function Port 2
P2 is an 8-bit open-drain bi-directional I/O port with internal pull-ups
O
Address high
Address Bus MSB for external access
P3.6
WR
DV
CC
O
Write signal
Write signal asserted during external data memory write operation
P3.7
RD
DV
CC
I
Read signal
Read signal asserted during external data memory read operation
ALE
V
CC
O
Address latch enable output
The falling edge of ALE strobes the address into external latch
PSEN
PSEN
V
CC
O
Program strobe enable
EA
EA
V
CC
I
External access enable
This pin must be held low to force the device to fetch code from
external program memory starting at address 0000h. It is latched
during reset and cannot be dynamically changed during operation.
Table 1. Ports Description (Continued)
Port
Signal
Name
Alternate
Internal
Power
Supply
ESD
Type
Description


Similar Part No. - T89C5121-ICRIL

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T89C5121-ICRIL ATMEL-T89C5121-ICRIL Datasheet
800Kb / 110P
   8-bit Microcontroller with Multi protocol SMART Card Interface
T89C5121-ICRIL ATMEL-T89C5121-ICRIL Datasheet
839Kb / 115P
   8-bit Microcontroller with Multiprotocol Smart Card Interface
More results

Similar Description - T89C5121-ICRIL

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T89C5121 ATMEL-T89C5121 Datasheet
800Kb / 110P
   8-bit Microcontroller with Multi protocol SMART Card Interface
T83C5121 ATMEL-T83C5121_06 Datasheet
839Kb / 115P
   8-bit Microcontroller with Multiprotocol Smart Card Interface
logo
Samsung semiconductor
S3C89V5 SAMSUNG-S3C89V5 Datasheet
59Kb / 14P
   8-BIT MICROCONTROLLER for SMART CARD
logo
ATMEL Corporation
AT90SCR050 ATMEL-AT90SCR050 Datasheet
116Kb / 4P
   8-bit Microcontroller for Smart Card Readers
AT90SCR100 ATMEL-AT90SCR100 Datasheet
312Kb / 10P
   8-bit Microcontroller for Smart Card Readers
AT90SCR100 ATMEL-AT90SCR100_09 Datasheet
9Mb / 433P
   8-bit Microcontroller for Smart Card Readers
logo
NXP Semiconductors
PCF84C00 PHILIPS-PCF84C00 Datasheet
143Kb / 24P
   8-bit microcontroller with I2C-bus interface
1996 Nov 25
logo
TEMIC Semiconductors
TSC8051I2 TEMIC-TSC8051I2 Datasheet
469Kb / 2P
   8-bit Microcontroller withI2C Interface
logo
ATMEL Corporation
AT89C51IC2 ATMEL-AT89C51IC2_08 Datasheet
1Mb / 147P
   8-bit Flash Microcontroller with 2-wire Interface
AT89C51IC2 ATMEL-AT89C51IC2 Datasheet
1Mb / 146P
   8-bit Flash Microcontroller with 2-wire Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com