Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T89C51AC2-SLSI-M Datasheet(PDF) 10 Page - ATMEL Corporation

Part # T89C51AC2-SLSI-M
Description  8-bit MCU with 32K bytes Flash, 10 bits A/D and EEPROM
Download  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T89C51AC2-SLSI-M Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button T89C51AC2-SLSI-M Datasheet HTML 6Page - ATMEL Corporation T89C51AC2-SLSI-M Datasheet HTML 7Page - ATMEL Corporation T89C51AC2-SLSI-M Datasheet HTML 8Page - ATMEL Corporation T89C51AC2-SLSI-M Datasheet HTML 9Page - ATMEL Corporation T89C51AC2-SLSI-M Datasheet HTML 10Page - ATMEL Corporation T89C51AC2-SLSI-M Datasheet HTML 11Page - ATMEL Corporation T89C51AC2-SLSI-M Datasheet HTML 12Page - ATMEL Corporation T89C51AC2-SLSI-M Datasheet HTML 13Page - ATMEL Corporation T89C51AC2-SLSI-M Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 117 page
background image
10
Draft.A - March 30, 2001
Preview - Confidential
T89C51AC2
5. SFR Mapping
The Special Function Registers (SFRs) of the T89C51AC2 fall into the following categories:
Table 3. C51 Core SFRs
Table 4. I/O Port SFRs
Table 5. Timers SFRs
Table 6. Serial I/O Port SFRs
Mnemonic Add
Name
7
6
5
4
3
2
1
0
ACC
E0h
Accumulator
B
F0h
B Register
PSW
D0h
Program Status Word
SP
81h
Stack Pointer
LSB of SPX
DPL
82h
Data Pointer Low byte
LSB of DPTR
DPH
83h
Data Pointer High byte
MSB of DPTR
Mnemonic Add
Name
7
6
5
4
3
2
1
0
P0
80h
Port 0
P1
90h
Port 1
P2
A0h
Port 2
P3
B0h
Port 3
P4
C0h
Port 4 (x2)
Mnemonic Add
Name
7
6
5
4
3
2
1
0
TH0
8Ch
Timer/Counter 0 High byte
TL0
8Ah
Timer/Counter 0 Low byte
TH1
8Dh
Timer/Counter 1 High byte
TL1
8Bh
Timer/Counter 1 Low byte
TH2
CDh Timer/Counter 2 High byte
TL2
CCh Timer/Counter 2 Low byte
TCON
88h
Timer/Counter 0 and 1 control
TF1
TR1
TF0
TR0
IE1
IT1
IE0
IT0
TMOD
89h
Timer/Counter 0 and 1 Modes
GATE1
C/T1#
M11
M01
GATE0
C/T0#
M10
M00
T2CON
C8h
Timer/Counter 2 control
TF2
EXF2
RCLK
TCLK
EXEN2
TR2
C/T2#
CP/RL2#
T2MOD
C9h
Timer/Counter 2 Mode
-
-
-
-
-
-
T2OE
DCEN
RCAP2H
CBh
Timer/Counter 2 Reload/Capture
High byte
RCAP2L
CAh
Timer/Counter 2 Reload/Capture
Low byte
WDTRST
A6h
WatchDog Timer Reset
WDTPRG
A7h
WatchDog Timer Program
-
-
-
-
-
S2S1S0
Mnemonic Add
Name
7
6
5
4
3
2
1
0
SCON
98h
Serial Control
FE/SM0
SM1
SM2
REN
TB8
RB8
TI
RI
SBUF
99h
Serial Data Buffer
SADEN
B9h
Slave Address Mask


Similar Part No. - T89C51AC2-SLSI-M

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T89C51AC2-SLSIM ATMEL-T89C51AC2-SLSIM Datasheet
1Mb / 117P
   Enhanced 8-bit Microcontroller with 32 KB Flash Memory
T89C51AC2-SLSIM ATMEL-T89C51AC2-SLSIM Datasheet
1Mb / 121P
   Enhanced 8-bit Microcontroller with 32 KB Flash Memory
T89C51AC2-SLSIM ATMEL-T89C51AC2-SLSIM Datasheet
1Mb / 121P
   Enhanced 8-bit Microcontroller with 32 KB Flash Memory
More results

Similar Description - T89C51AC2-SLSI-M

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT66F24D HOLTEK-HT66F24D Datasheet
4Mb / 177P
   A/D Flash Type 8-bit MCU with EEPROM
HT66F24D HOLTEK-HT66F24D_13 Datasheet
4Mb / 175P
   A/D Flash Type 8-bit MCU with EEPROM
HT66F20 HOLTEK-HT66F20 Datasheet
1Mb / 224P
   Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
HT66F20 HOLTEK-HT66F20_10 Datasheet
1Mb / 246P
   Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
HT66F20_1006 HOLTEK-HT66F20_1006 Datasheet
1Mb / 250P
   Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
HT66F20_1109 HOLTEK-HT66F20_1109 Datasheet
2Mb / 244P
   Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
HT66F20 HOLTEK-HT66F20_11 Datasheet
2Mb / 259P
   Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
logo
ATMEL Corporation
AT89C51RC ATMEL-AT89C51RC Datasheet
246Kb / 37P
   8-bit Microcontroller with 32K Bytes Flash
logo
National Semiconductor ...
COP8CBR9 NSC-COP8CBR9 Datasheet
1Mb / 84P
   8-Bit CMOS Flash Microcontroller with 32k Memory, Virtual EEPROM, 10-Bit A/D and Brownout
logo
ATMEL Corporation
AT89C51RC ATMEL-AT89C51RC_05 Datasheet
429Kb / 36P
   8-bit Microcontroller with 32K Bytes Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com