Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LCP5-0.44-1000 Datasheet(PDF) 1 Page - Nuvotem Talema

Part # LCP5-0.44-1000
Description  Miniature Low Cost Toroidal Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TALEMA [Nuvotem Talema]
Direct Link  http://www.nuvotem.com
Logo TALEMA - Nuvotem Talema

LCP5-0.44-1000 Datasheet(HTML) 1 Page - Nuvotem Talema

  LCP5-0.44-1000 Datasheet HTML 1Page - Nuvotem Talema LCP5-0.44-1000 Datasheet HTML 2Page - Nuvotem Talema  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LCP Series • Miniature Low Cost Toroidal Inductors
THE TALEMA GROUP
World Wide Toroidal Specialists
LCP Series surface mount toroidal inductors are designed for
use in applications where energy storage is required for
maintenance of a highly stable inductance when a rapid change
in load current occurs. These inductors are excellent for filtering
high frequency signals while supporting a substantial DC
current as well as for AC ripple, switch mode power supplies
and for use with DC-DC Converters.
Features
• Operating frequency to 1 MHz
• High energy storage with minimum saturation
• High stability from no load to full load
• Designed as 1:1 Coupled Inductor (Series or Parallel)
or as 1:1 Isolation Transformer
• Manufactured in ISO-9001:2000, TS-16949:2002
and ISO-14001:2004 certified Talema facility
• Meets lead free reflow level J-STD-020C
• Fully RoHS compliant
Applications
DC-DC Converters • Common Mode Filter • Computer Note Books
Pulse Modulation Switching Regulators: Step-up, Step-down,
Inverting or dual output • Filtering Battery Powered Equipment
Electrical Specifications @ 25°C
Test voltage between windings: 500 Vrms
Operating temperature range: -40°C to +125°C
Climatic Category: IEC68-1 40/125/56
Test frequency: Inductance measured @ 10kHz/10mV
r
e
b
m
u
N
t
r
a
P
d
e
t
c
e
n
n
o
C
l
e
l
l
a
r
a
P
d
e
t
c
e
n
n
o
C
s
e
i
r
e
S
y
g
r
e
n
E
e
g
a
r
o
t
S
*
)
J
µ
(
s
n
o
i
s
n
e
m
i
D
)
s
r
e
t
e
m
i
l
l
i
M
(
s
e
h
c
n
I
d
a
o
L
l
l
u
F
t
n
e
r
r
u
C
A
(
C
D )
L0
)
H
µ
(
%
5
1
±
d
a
o
L
o
N
R
C
D
m
h
O
m
d
a
o
L
l
l
u
F
t
n
e
r
r
u
C
A
(
C
D )
L0
)
H
µ
(
%
5
1
±
d
a
o
L
o
N
R
C
D
m
h
O
m
A
BCD
H
2
.
2
-
0
0
.
3
-
1
P
C
L
0
0
.
3
2
.
2
9
0
5
.
1
8
.
8
6
3
0
.
7
6
7
2
.
0
)
0
.
7
(
6
7
2
.
0
)
0
.
7
(
6
3
2
.
0
)
0
.
6
(
9
5
0
.
0
)
5
.
1
(
1
0
2
.
0
)
1
.
5
(
7
.
4
-
0
1
.
2
-
1
P
C
L0
1
.
27
.
46
15
0
.
18
.
8
14
62
.
7
0
1
-
0
4
.
1
-
1
P
C
L
0
4
.
1
0
1
7
3
0
7
.
0
0
4
8
4
1
2
.
7
5
1
-
0
1
.
1
-
1
P
C
L0
1
.
15
18
55
5
.
00
62
3
20
.
7
2
2
-
2
9
.
0
-
1
P
C
L
2
9
.
0
2
2
6
8
6
4
.
0
8
8
4
4
3
1
.
7
3
3
-
6
7
.
0
-
1
P
C
L6
7
.
03
33
3
18
3
.
02
3
12
3
52
.
7
7
4
-
4
6
.
0
-
1
P
C
L
4
6
.
0
7
4
5
0
2
2
3
.
0
8
8
1
0
2
8
1
.
7
8
6
-
4
5
.
0
-
1
P
C
L4
5
.
08
67
0
37
2
.
02
7
28
2
2
12
.
7
0
0
1
-
4
4
.
0
-
1
P
C
L
4
4
.
0
0
0
1
6
7
3
2
2
.
0
0
0
4
4
0
5
1
2
.
7
0
5
1
-
6
3
.
0
-
1
P
C
L6
3
.
00
5
19
1
78
1
.
00
0
66
7
8
22
.
7
0
2
2
-
0
3
.
0
-
1
P
C
L
0
3
.
0
0
2
2
6
6
8
5
1
.
0
0
8
8
4
6
4
3
3
.
7
2
.
2
-
0
4
.
4
-
2
P
C
L0
4
.
42
.
27
0
2
.
28
.
88
24
.
6
1
4
5
3
.
0
)
0
.
9
(
4
5
3
.
0
)
0
.
9
(
9
9
2
.
0
)
6
.
7
(
7
6
0
.
0
)
7
.
1
(
8
4
2
.
0
)
3
.
6
(
7
.
4
-
0
1
.
3
-
2
P
C
L
0
1
.
3
7
.
4
3
1
5
5
.
1
8
.
8
1
2
5
0
.
6
1
0
1
-
8
0
.
2
-
2
P
C
L8
0
.
20
18
24
0
.
10
42
1
14
.
6
1
5
1
-
8
6
.
1
-
2
P
C
L
8
6
.
1
5
1
2
5
4
8
.
0
0
6
8
0
2
0
.
6
1
2
2
-
0
4
.
1
-
2
P
C
L0
4
.
12
20
70
7
.
08
80
8
22
.
6
1
3
3
-
2
3
.
1
-
2
P
C
L
2
3
.
1
3
3
3
8
6
6
.
0
2
3
1
2
3
3
0
.
6
1
7
4
-
8
0
.
1
-
2
P
C
L8
0
.
17
49
3
14
5
.
08
8
16
5
52
.
1
2
8
6
-
0
8
.
0
-
2
P
C
L
0
8
.
0
8
6
1
4
2
0
4
.
0
2
7
2
4
6
9
2
.
0
2
0
0
1
-
6
6
.
0
-
2
P
C
L6
6
.
00
0
15
9
23
3
.
00
0
40
8
1
18
.
5
1
0
5
1
-
4
5
.
0
-
2
P
C
L
4
5
.
0
0
5
1
1
2
5
7
2
.
0
0
0
6
4
8
0
2
1
.
6
1
0
2
2
-
4
4
.
0
-
2
P
C
L4
4
.
00
2
24
8
72
2
.
00
8
86
3
1
38
.
5
1
0
3
3
-
6
3
.
0
-
2
P
C
L
6
3
.
0
0
3
3
0
6
9
8
1
.
0
0
2
3
1
0
4
8
3
C
8
.
5
1
2
.
2
-
4
6
.
6
-
3
P
C
L4
6
.
62
.
25
2
3
.
38
.
80
27
.
1
3
3
3
4
.
0
)
0
.
1
1
(
3
3
4
.
0
)
0
.
1
1
(
0
7
3
.
0
)
4
.
9
(
9
7
0
0
)
0
.
2
(
8
6
2
.
0
)
8
.
6
(
7
.
4
-
6
4
.
4
-
3
P
C
L
6
4
.
4
7
.
4
2
1
3
2
.
2
8
.
8
1
8
4
2
.
2
3
0
1
-
0
0
.
3
-
3
P
C
L0
0
.
30
16
25
.
10
44
0
18
.
2
3
5
1
-
2
4
.
2
-
3
P
C
L
2
4
.
2
5
1
7
3
1
2
.
1
0
6
8
4
1
8
.
1
3
2
2
-
0
0
.
2
-
3
P
C
L0
0
.
22
25
50
0
.
18
80
2
27
.
2
3
3
3
-
2
6
.
1
-
3
P
C
L
2
6
.
1
3
3
4
8
1
8
.
0
2
3
1
6
3
3
1
.
2
3
7
4
-
4
3
.
1
-
3
P
C
L4
3
.
17
47
2
17
6
.
08
8
18
0
53
.
2
3
8
6
-
2
1
.
1
-
3
P
C
L
2
1
.
1
8
6
8
8
1
6
5
.
0
2
7
2
2
5
7
4
.
2
3
0
0
1
-
4
9
.
0
-
3
P
C
L4
9
.
00
0
10
5
27
4
.
00
0
40
0
0
12
.
2
3
0
5
1
-
6
7
.
0
-
3
P
C
L
6
7
.
0
0
5
1
6
4
3
8
3
.
0
0
0
6
4
8
3
1
8
.
1
3
0
2
2
-
2
6
.
0
-
3
P
C
L2
6
.
00
2
28
7
41
3
.
00
8
82
1
9
12
.
1
3
0
3
3
-
0
5
.
0
-
3
P
C
L
0
5
.
0
0
3
3
1
7
6
5
2
.
0
0
2
3
1
4
8
6
2
4
.
0
3
0
7
4
-
2
4
.
0
-
3
P
C
L2
4
.
00
7
43
0
0
11
2
.
00
8
8
12
1
0
45
.
0
3
0
8
6
-
6
3
.
0
-
3
P
C
L
6
3
.
0
0
8
6
0
0
5
1
8
1
.
0
0
2
7
2
0
0
0
6
3
.
2
3


Similar Part No. - LCP5-0.44-1000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LCP-04 ETC2-LCP-04 Datasheet
66Kb / 4P
   Disconnectable Crimp style connectors
logo
Delta Electronics, Inc.
LCP-1250A4FDR DELTA-LCP-1250A4FDR Datasheet
256Kb / 14P
   RoHS Compliant Multimode SFP Transceiver for GbE and Fiber Channel
LCP-1250A4FSRA DELTA-LCP-1250A4FSRA Datasheet
309Kb / 12P
   RoHS Compliant Small Form Factor Pluggable Transceiver for Gigabit Ethernet and Fiber Channel
LCP-1250A4QSRA DELTA-LCP-1250A4QSRA Datasheet
309Kb / 12P
   RoHS Compliant Small Form Factor Pluggable Transceiver for Gigabit Ethernet and Fiber Channel
LCP-1250B4FSRA DELTA-LCP-1250B4FSRA Datasheet
309Kb / 12P
   RoHS Compliant Small Form Factor Pluggable Transceiver for Gigabit Ethernet and Fiber Channel
More results

Similar Description - LCP5-0.44-1000

ManufacturerPart #DatasheetDescription
logo
Nuvotem Talema
LC1-3.00-2.2 TALEMA-LC1-3.00-2.2 Datasheet
56Kb / 1P
   Miniature Low Cost Toroidal Inductors
logo
Premier Magnetics, Inc.
VTP-00301 PMI-VTP-00301 Datasheet
43Kb / 2P
   LOW COST TOROIDAL POWER INDUCTORS
logo
Bi technologies
HM61 BITECH-HM61 Datasheet
252Kb / 2P
   Low Cost Miniature Surface Mount Inductors
logo
List of Unclassifed Man...
HM61 ETC1-HM61 Datasheet
252Kb / 2P
   Low Cost Miniature Surface Mount Inductors
logo
Abracon Corporation
ATCA-SERIES ABRACON-ATCA-SERIES Datasheet
433Kb / 4P
   LOW EMI TOROIDAL INDUCTORS
06/10/2016
logo
Pulse A Technitrol Comp...
PE-50502NL PULSE-PE-50502NL Datasheet
65Kb / 1P
   TOROIDAL INDUCTORS
PE-51507NL PULSE-PE-51507NL Datasheet
72Kb / 1P
   TOROIDAL INDUCTORS
PE-51515NL PULSE-PE-51515NL Datasheet
72Kb / 1P
   TOROIDAL INDUCTORS
P589 PULSE-P589 Datasheet
72Kb / 1P
   TOROIDAL INDUCTORS
logo
Analog Devices
AD202 AD-AD202 Datasheet
412Kb / 12P
   Low Cost, Miniature Isolation Amplifiers
REV. B
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com