Electronic Components Datasheet Search |
|
C511A Datasheet(PDF) 6 Page - Siemens Semiconductor Group |
|
C511A Datasheet(HTML) 6 Page - Siemens Semiconductor Group |
6 / 128 page Introduction Semiconductor Group 1-1 1 Introduction The C511-R, C511A-R, C513-R, C513A-R, C513A-2R, and C513A-H are members of a family of low cost microcontrollers, which are software compatible with the components of the SAB 8051, SAB 80C51 and C500 families. The five versions with the “-R” extension contain a non-volatile read-only program memory (ROM). The C513A-H is a version with a 12 Kbyte EEPROM instead of ROM. This device can be used for prototype designs which have a demand for reprogrammable on-chip code memory. The microcontroller versions differ in functionality according table 1-1. They offer different ROM sizes, different RAM/XRAM sizes and a different timer/USART configuration. Common to all devices is an advanced SSC serial port, a second synchronous serial interface, which is compatible to the SPI serial bus industry standard. Except the EEPROM size, the functionality of the C513A-H is a superset of all ROM versions of the C511/513 family. In this user manual the microcontroller family is also referenced with the term C511/513 and the ROM versions are referenced without the “-R” extension. If some of the features described are applicable to selected family members only, this will be explicitly stated. Table 1-1 Functionality of the C511/513 MCUs Note: 1) T0 and T1 are the standard 16-bit timer. T2 is the 16-bit timer with autoreload. 2) USART is the Universal Synchronous/Asynchronous Receive/Transmit interface. 3) SSC is the Synchronous Serial Channel (SPI compatible interface). According table 1-1, figure 1-1 to figure 1-4 show the functional units of the members of the C511/ 513 family microcontrollers. Device ROM Size EEPROM Size RAM Size XRAM Size Timers 1) USART 2) SSC 3) C511 2.5 KB – 128 B – T0, T1 – C511A 4 KB – 256 B – T0, T1 – C513 8 KB – 256 B – T0, T1, T2 C513A 12/16 KB – 256 B 256 B T0, T1, T2 C513A-H – 12 KB 256 B 256 B T0, T1, T2 |
Similar Part No. - C511A |
|
Similar Description - C511A |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |