Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS-150A6-J Datasheet(PDF) 1 Page - Nuvotem Talema

Part # TMS-150A6-J
Description  10 Base-T Single Port SMD Transformer Modules
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TALEMA [Nuvotem Talema]
Direct Link  http://www.nuvotem.com
Logo TALEMA - Nuvotem Talema

TMS-150A6-J Datasheet(HTML) 1 Page - Nuvotem Talema

  TMS-150A6-J Datasheet HTML 1Page - Nuvotem Talema TMS-150A6-J Datasheet HTML 2Page - Nuvotem Talema  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
• Low profile and light weight 10 Base-T modules facilitate pick
and place compatability and speed of placement
• Meets requirements of IEEE 802.3
• Consistent and reliable coplanarity
• Excellent quality at extremely competitive price due to high
volume production
• Manufactured in an ISO-9001:2000, TS-16949:2002
and ISO-14001:2004 certified Talema facility
• Fully RoHS compliant and meets lead free
reflow level J-STD-020C
Electrical Specifications @ 25°C
Minimum isolation voltage: 1500 Vrms
Operating Temperature Range: -40°C to +85°C
Storage Temperature: -40°C to +125°C
THE TALEMA GROUP
World Wide Toroidal Specialists
TM Series • 10 Base-T Single Port SMD Transformer Modules
Applications
Talema 10Base-T transformer modules contain transmit and receive isolation transformers to maintain consistant wave
shape and suppression of common mode noise while providing equipment isolation per IEEE 802.3. High impedance
common mode quad chokes for additional EMI suppression have been added on some models as required for FCC and
CISPR 22 Class B certification.
Ordering Information:
TM * -XXX- X X-J * Specify desired Package Style “S” or “M”.
S” = Chip style surface mount, 0.100” (2,54mm) terminal spacing.
M” = Chip style miniature surface mount, 0.050” (1,27mm) terminal
spacing.
Example: Without choke, “S” style package and schematic “A” - TMS-100 A1
Without choke, “M” style package and schematic “B” - TM
M-140 B2.
With choke, “S” style package, Schematic “B” - TM
CS-110 B2
With choke, “M” style package, Schematic”A”
- TMC
M-100 A1
See next page for electrical specifications for modules with common mode chokes for EMI
noise suppression and for packaging styles, dimensions and schematics.
Schematics without Choke
r
e
b
m
u
N
t
r
a
P
o
i
t
a
R
s
n
r
u
T
%
5
±
L
C
O
.i
r
P
)
n
i
M
H
μ
(
LL
)
x
a
M
H
μ
(
C W
/
W
)
x
a
M
F
p
(
R
C
D
)
.
x
a
M
s
m
h
O
(
VP
)
s
m
r
V
(
c
i
t
a
m
e
h
c
S
4
1
-
6
1
:
3
-
19
-
1
1
:
8
-
6c
e
S
/
i
r
Pc
e
S
/
i
r
P3
-
14
1
-
6
18
-
69
-
1
1
J
-
1
A
0
0
1
-
_
_
M
T
t
c
1
:
t
c
1
t
c
1
:
t
c
1
0
0
1
5
2
.
0
9
0
3
.
0
0
3
.
0
0
3
.
0
0
3
.
0
0
0
5
1
A
J
-
6
A
0
0
1
-
_
_
M
Tt
c
1
:
t
c
2t
c
1
:
t
c
10
0
15
2
.
02
10
6
.
00
3
.
00
3
.
00
3
.
00
0
5
1A
J
-
3
A
2
1
1
-
_
_
M
T
t
c
1
:
t
c
1
t
c
2
:
t
c
1
2
1
1
0
3
.
0
8
0
3
.
0
0
3
.
0
0
3
.
0
0
6
.
0
0
0
5
1
A
J
-
2
A
0
4
1
-
_
_
M
Tt
c
1
:
t
c
1t
c
4
1
4
.
1
:
t
c
10
4
10
2
.
02
10
3
.
00
3
.
00
3
.
05
4
.
00
0
5
1A
J
-
3
A
0
4
1
-
_
_
M
T
t
c
1
:
t
c
1
t
c
2
:
t
c
1
5
2
/
0
4
1
0
3
.
0
2
1
0
3
.
0
0
3
.
0
0
3
.
0
5
4
.
0
0
0
5
1
A
J
-
6
A
0
5
1
-
_
_
M
Tt
c
1
:
t
c
2t
c
1
:
t
c
10
5
10
2
.
02
10
6
.
00
3
.
00
3
.
00
3
.
00
0
5
1A
J
-
1
A
0
0
2
-
_
_
M
T
t
c
1
:
t
c
1
t
c
1
:
t
c
1
0
0
2
0
2
.
0
0
1
0
3
.
0
0
3
.
0
0
3
.
0
0
3
.
0
0
0
5
1
A
J
-
2
A
0
0
2
-
_
_
M
Tt
c
1
:
t
c
1t
c
4
1
4
.
1
:
t
c
10
0
20
5
.
05
10
3
.
00
3
.
00
3
.
05
4
.
00
0
5
1A
J
-
4
A
0
0
2
-
_
_
M
T
t
c
1
:
t
c
1
t
c
5
.
2
:
t
c
1
5
3
/
0
0
2
0
4
.
0
5
1
0
3
.
0
0
3
.
0
0
3
.
0
0
8
.
0
0
0
5
1
A
J
-
5
A
0
0
2
-
_
_
M
Tt
c
2
:
t
c
1t
c
1
:
t
c
10
0
2
/
0
50
2
.
02
10
3
.
00
6
.
00
3
.
00
3
.
00
0
5
1A
J
-
1
B
0
4
1
-
_
_
M
T
g
n
i
d
n
i
W
.
c
e
S
:
g
n
i
d
n
i
W
.i
r
P
0
4
1
0
2
.
0
2
1
s
g
n
i
d
n
i
W
.i
r
P
s
g
n
i
d
n
i
W
.
c
e
S
0
0
5
1
B
)
x
4
(
1
:
1
0
3
.
0
0
3
.
0
J
-
2
B
0
4
1
-
_
_
M
T)
x
4
(
1
4
.
1
:
10
4
10
2
.
02
10
3
.
05
4
.
00
0
5
1B
A
B
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
16
15
14
11
10
9
1
2
3
6
7
8
Test Frequency: Inductance, Interwinding Capacitance and
Leakage Inductance measured @ 100kHz/20mVrms
Standard Packing: Tape and Reel
TM Series • 10 Base-T Single Port SMD Transformer Modules
(10-07) Communications\Networks\TM Series
Quality and consistency are guaranteed through 100% testing of the specified parameters for primary inductance, leakage
inductance, turns ratio, DC resistance and interwinding capacitance.This ensures that the return loss and pulse wave shape
requirements can be fully maintained. Additionally, all parts are tested for 1500V minimum isolation.
THE TALEMA GROUP • Magnetic Components for Universal Applications


Similar Part No. - TMS-150A6-J

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
TMS-150-01-G-D-RA SAMTEC-TMS-150-01-G-D-RA Datasheet
506Kb / 1P
   THROUGH-HOLE MICRO HEADER
TMS-150-01-G-S SAMTEC-TMS-150-01-G-S Datasheet
780Kb / 1P
   THROUGH-HOLE MICRO HEADER
TMS-150-01-G-S-RA SAMTEC-TMS-150-01-G-S-RA Datasheet
506Kb / 1P
   THROUGH-HOLE MICRO HEADER
TMS-150-01-G-S-XXX SAMTEC-TMS-150-01-G-S-XXX Datasheet
506Kb / 1P
   THROUGH-HOLE MICRO HEADER
TMS-150-01-L-D-RA SAMTEC-TMS-150-01-L-D-RA Datasheet
506Kb / 1P
   THROUGH-HOLE MICRO HEADER
More results

Similar Description - TMS-150A6-J

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
16ST1086-LF BOTHHAND-16ST1086-LF Datasheet
70Kb / 1P
   10/100 BASE-T SINGLE PORT TRANSFORMER MODULES
16ST1086 BOTHHAND-16ST1086 Datasheet
186Kb / 1P
   10/100 BASE-T SINGLE PORT TRANSFORMER MODULES
16ST8522 BOTHHAND-16ST8522 Datasheet
151Kb / 1P
   10/100 BASE-T SINGLE PORT TRANSFORMER MODULES
logo
Pulse A Technitrol Comp...
HX1148NL PULSE-HX1148NL Datasheet
582Kb / 3P
   10/100 BASE-T SINGLE PORT TRANSFORMER MODULES
HX1148NLT PULSE-HX1148NLT Datasheet
482Kb / 5P
   10/100 BASE-T SINGLE PORT TRANSFORMER MODULES
H303 PULSE-H303_15 Datasheet
419Kb / 3P
   10/100 Base-T Single Port Transformer Modules
logo
Bothhand USA, LP.
12ST1112LF BOTHHAND-12ST1112LF Datasheet
159Kb / 2P
   10/100 BASE-T SINGLE PORT TRANSFORMER MODULES
logo
Pulse A Technitrol Comp...
H1012NLT PULSE-H1012NLT Datasheet
418Kb / 4P
   10/100 Base-T Single Port Transformer Modules
H1012NL PULSE-H1012NL Datasheet
582Kb / 3P
   10/100 BASE-T SINGLE PORT TRANSFORMER MODULES
logo
Bothhand USA, LP.
16ST8516 BOTHHAND-16ST8516 Datasheet
185Kb / 1P
   10/100 BASE-T SINGLE PORT TRANSFORMER MODULES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com