Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

19649 Datasheet(PDF) 1 Page - Nuvotem Talema

Part # 19649
Description  E1/T1/PRI/CEPT Single Interface Transformers
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TALEMA [Nuvotem Talema]
Direct Link  http://www.nuvotem.com
Logo TALEMA - Nuvotem Talema

19649 Datasheet(HTML) 1 Page - Nuvotem Talema

  19649 Datasheet HTML 1Page - Nuvotem Talema  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
(10-06) Communications\ E1/T1\19649
E1/T1/PRI/CEPT Single Interface Transformers
Features
industry standard through-hole footprint
controlled parameters ensure full compliance with
ITU-T G.703 when matched with recommended IC
ideal for all 1.544 and 2.048 Mbs interface applications
manufactured in an ISO-9001:2000, TS-16949:2002
and ISO-14001:2004 certified Talema facility
1500Vrms minimum isolation voltage
operating temperature : -40° to 85°C
fully RoHS compliant
Electrical Specifications @ 25°C
Dimensions: Inches (Millimeters)
Tolerance: ±0.010 (0.25) unless specified otherwise
Units will be supplied in tubes
Weight: 3.7grams
Dimensions & Schematics
0.571
(14.50)
0.018 x 0.026
(0.45 x 0.66)
0.059
(1.50)
0.138
(3.50)
0.300
(7.62)
0.354
(9.00)
0.400
(10.16)
0.200
(5.08)
5
6
1
10
0.551
(14.00)
Schematic “A”
W1
W2
W3
W4
W5
10
9
8
7
6
1
2
3
4
5
Test Conditions:
Inductance:
Windings 1 + 2 +3 in series - measurement at 10kHz, 100mV
Leakage Inductance: Windings 1 + 3 +5 in series, windings 2 + 4 short circuited - measurement at 100kHz, 100mV
Turns Ratio:
10kHz, 100mV
High Voltage:
2.0kV for 2 seconds, winding to winding
1
:
1
:
0.666
:
1
:
1
S
M
2
s
r
e
m
r
o
f
s
n
a
r
T
e
c
a
f
r
e
t
n
I
t
r
a
P
r
e
b
m
u
N
o
i
t
a
R
s
n
r
u
T
%
2
±
)
.
n
i
M
H
m
(
L
C
O
3
W
+
2
W
+
1
W
s
e
i
r
e
S
n
i
L
L
)
.
x
a
M
H
µ
(
R
C
D
)
.
x
a
M
s
m
h
O
m
(
5
W
=
4
W
=
2
W
=
1
W
R
C
D
)
.
x
a
M
s
m
h
O
m
(
3
W
V
P
)
s
m
r
V
(
c
i
t
a
m
e
h
c
S
9
4
6
9
11
:
1
:
6
6
6
.
0
:
1
:
10
,
50
,
15
6
10
2
10
0
5
1A
THE TALEMA GROUP • Magnetic Components for ISDN / xDSL / LAN Data Communications
Sales & Marketing, Design and Manufacturing Facilities
http://www.talema-nuvotem.com
Ireland
NUVOTEMTEO.
Crolly
Co. Donegal
Tel: Int. + 353 74 - 954 8666
Fax: Int. + 353 74 - 954 8139
Email: info@nuvotem.com
Germany
TALEMA ELEKTRONIK GMBH
Sembdnerstr. 5, Postfach 2523
82110 Germering
Tel: Int. + 49 89 - 841 00 - 0
Fax: Int. + 49 89 - 841 00 25
Email: info@talema.de
Eastern Europe &
Czech Republic
NT MAGNETICS s.r.o.
Chebská 27
322 00 Plzeñ
Tel: Int. + 420 377 - 338 351
Fax: Int. + 420 377 - 338 350
Email: talema@talema.cz
Web Site:
www.ntmagnetics.cz
India
TALEMA ELECTRONIC PVT. LTD.
Opposite the SIDCO Industrial Estate
Gins Towers
4/5S.H/1, Omalur Main Road
Salem - 636 004, Tamil Nadu
Tel: Int. + 91 427 - 244 1325
Fax: Int. + 91 427 - 243 0034
E-mail: talema@talemaindia.com
Web Site: www.talemaindia.com


Similar Part No. - 19649

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1964996 PHOENIX-1964996 Datasheet
56Kb / 4P
   Printed-circuit board connector - FK-MC 0,5/10-ST-2,5 BD:1-10
More results

Similar Description - 19649

ManufacturerPart #DatasheetDescription
logo
Nuvotem Talema
19794 TALEMA-19794 Datasheet
41Kb / 1P
   E1/T1/PRI/CEPT Single Interface Transformers
IS2M-6 TALEMA-IS2M-6 Datasheet
45Kb / 1P
   E1/T1/ PRI/CEPT Single Transformers
logo
PCA ELECTRONICS INC.
EPR1401G PCA-EPR1401G Datasheet
23Kb / 1P
   T1/E1/CEPT/ISDN-PRI Interface Transformers
EPR1051G PCA-EPR1051G Datasheet
39Kb / 1P
   T1/E1/CEPT/ISDN-PRI Interface Transformers
logo
Bothhand USA, LP.
S1076 BOTHHAND-S1076 Datasheet
92Kb / 1P
   T1/E1/CEPT/ISDN-PRI TRANSFORMERS
logo
Pulse A Technitrol Comp...
T1064NL PULSE-T1064NL Datasheet
1Mb / 5P
   T1/E1/CEPT/ISDN-PRI TRANSFORMERS
T1231NLT PULSE-T1231NLT Datasheet
601Kb / 5P
   T1/E1/CEPT/ISDN-PRI TRANSFORMERS
T1068NLT PULSE-T1068NLT Datasheet
1Mb / 5P
   T1/E1/CEPT/ISDN-PRI TRANSFORMERS
T1108NLT PULSE-T1108NLT Datasheet
1Mb / 5P
   T1/E1/CEPT/ISDN-PRI TRANSFORMERS
logo
PCA ELECTRONICS INC.
EPR1511S PCA-EPR1511S Datasheet
55Kb / 1P
   T1/E1/CEPT/ISDN-PRI Quad Port Interface Transformers
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com