Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATXMEGA16A4-MU Datasheet(PDF) 10 Page - ATMEL Corporation

Part # ATXMEGA16A4-MU
Description  8/16-bit XMEGA A1 Microcontroller
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATXMEGA16A4-MU Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button ATXMEGA16A4-MU Datasheet HTML 6Page - ATMEL Corporation ATXMEGA16A4-MU Datasheet HTML 7Page - ATMEL Corporation ATXMEGA16A4-MU Datasheet HTML 8Page - ATMEL Corporation ATXMEGA16A4-MU Datasheet HTML 9Page - ATMEL Corporation ATXMEGA16A4-MU Datasheet HTML 10Page - ATMEL Corporation ATXMEGA16A4-MU Datasheet HTML 11Page - ATMEL Corporation ATXMEGA16A4-MU Datasheet HTML 12Page - ATMEL Corporation ATXMEGA16A4-MU Datasheet HTML 13Page - ATMEL Corporation ATXMEGA16A4-MU Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 74 page
background image
10
8069D–AVR–08/08
XMEGA A4
7.4
Data Memory
The Data Memory consist of the I/O Memory, EEPROM and SRAM memories, all within one lin-
ear address space, see Figure 7-2 on page 10. To simplify development, the memory map for all
devices in the family is identical and with empty, reserved memory space for smaller devices.
7.4.1
I/O Memory
All peripherals and modules are addressable through I/O memory locations in the data memory
space. All I/O memory locations can be accessed by the Load (LD/LDS/LDD) and Store
(ST/STS/STD) instructions, transferring data between the 32 general purpose registers in the
CPU and the I/O Memory.
The IN and OUT instructions can address I/O memory locations in the range 0x00 - 0x3F
directly.
I/O registers within the address range 0x00 - 0x1F are directly bit-accessible using the SBI and
CBI instructions. The value of single bits can be checked by using the SBIS and SBIC instruc-
tions on these registers.
The I/O memory address for all peripherals and modules in XMEGA A4 is shown in the ”Periph-
eral Module Address Map” on page 51.
Figure 7-2.
Data Memory Map (Hexadecimal address)
Byte Address
ATxmega64A4
Byte Address
ATxmega32A4
Byte Address
ATxmega16A4
0
I/O Registers
(4KB)
0
I/O Registers
(4KB)
0
I/O Registers
(4KB)
FFF
FFF
FFF
1000
EEPROM
(2K)
1000
EEPROM
(2K)
1000
EEPROM
(1K)
17FF
17FF
17FF
RESERVED
RESERVED
RESERVED
2000
Internal SRAM
(4K)
2000
Internal SRAM
(4K)
2000
Internal SRAM
(2K)
2FFF
2FFF
27FF
3000
External Memory
(0 to 16 MB)
3000
External Memory
(0 to 16 MB)
2800
External Memory
(0 to 16 MB)
FFFFFF
FFFFFF
FFFFFF
Byte Address
ATxmega128A4
0
I/O Registers
(4KB)
FFF
1000
EEPROM
(2K)
17FF
RESERVED
2000
Internal SRAM
(8K)
3FFF
4000
External Memory
(0 to 16 MB)
FFFFFF


Similar Part No. - ATXMEGA16A4-MU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATXMEGA16A4-MU ATMEL-ATXMEGA16A4-MU Datasheet
806Kb / 69P
   8/16-bit XMEGA A4 Microcontroller
More results

Similar Description - ATXMEGA16A4-MU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATXMEGA128A1 ATMEL-ATXMEGA128A1_14 Datasheet
2Mb / 122P
   8/16-bit XMEGA A1 Microcontroller
ATCMEGA384A1 ATMEL-ATCMEGA384A1 Datasheet
1Mb / 82P
   8/16-bit XMEGA A1 Microcontroller
ATXMEGA384A1 ATMEL-ATXMEGA384A1_10 Datasheet
3Mb / 107P
   8/16-bit XMEGA A1 Microcontroller
ATXMEGA384A1 ATMEL-ATXMEGA384A1_09 Datasheet
3Mb / 99P
   8/16-bit XMEGA A1 Microcontroller
ATXMEGA256A3B ATMEL-ATXMEGA256A3B_10 Datasheet
3Mb / 105P
   8/16-bit XMEGA A3B Microcontroller
ATXMEGA256A3 ATMEL-ATXMEGA256A3_09 Datasheet
3Mb / 108P
   8/16-bit XMEGA A3 Microcontroller
ATXMEGA256A3_1012 ATMEL-ATXMEGA256A3_1012 Datasheet
3Mb / 134P
   8/16-bit XMEGA A3 Microcontroller
ATXMEGA128A4_1012 ATMEL-ATXMEGA128A4_1012 Datasheet
3Mb / 108P
   8/16-bit XMEGA A4 Microcontroller
ATXMEGA256A3B ATMEL-ATXMEGA256A3B Datasheet
888Kb / 75P
   8/16-bit XMEGA A3B Microcontroller
ATXMEGA256A3B ATMEL-ATXMEGA256A3B_09 Datasheet
3Mb / 102P
   8/16-bit XMEGA A3B Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com