Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATXMEGA192A3-MU Datasheet(PDF) 9 Page - ATMEL Corporation

Part # ATXMEGA192A3-MU
Description  8/16-bit XMEGA A3 Microcontroller
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATXMEGA192A3-MU Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button ATXMEGA192A3-MU Datasheet HTML 5Page - ATMEL Corporation ATXMEGA192A3-MU Datasheet HTML 6Page - ATMEL Corporation ATXMEGA192A3-MU Datasheet HTML 7Page - ATMEL Corporation ATXMEGA192A3-MU Datasheet HTML 8Page - ATMEL Corporation ATXMEGA192A3-MU Datasheet HTML 9Page - ATMEL Corporation ATXMEGA192A3-MU Datasheet HTML 10Page - ATMEL Corporation ATXMEGA192A3-MU Datasheet HTML 11Page - ATMEL Corporation ATXMEGA192A3-MU Datasheet HTML 12Page - ATMEL Corporation ATXMEGA192A3-MU Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 76 page
background image
9
8068E–AVR–08/08
XMEGA A3
7.3
In-System Programmable Flash Program Memory
The XMEGA A3 devices contains On-chip In-System Programmable Flash memory for program
storage, see Figure 7-1 on page 9. Since all AVR instructions are 16- or 32-bits wide, each Flash
address location is 16 bits.
The Program Flash memory space is divided into Application and Boot sections. Both sections
have dedicated Lock Bits for setting restrictions on write or read/write operations. The Store Pro-
gram Memory (SPM) instruction must reside in the Boot Section when used to write to the Flash
memory.
A third section inside the Application section is referred to as the Application Table section which
has separate Lock bits for storage of write or read/write protection. The Application Table sec-
tion can be used for storing non-volatile data or application software.
The Application Table Section and Boot Section can also be used for general application
software.
Figure 7-1.
Flash Program Memory (Hexadecimal address)
Word Address
0
Application Section
(256K/192K/128K/64K)
...
1EFFF
/
16FFF
/
EFFF
/
77FF
1F000
/
17000
/
F000
/
7800
Application Table Section
(8K/8K/8K/4K)
1FFFF
/
17FFF
/
FFFF
/
7FFF
20000
/
18000
/
10000
/
8000
Boot Section
(8K/8K/8K/4K)
20FFF
/
18FFF
/
10FFF
/
87FF


Similar Part No. - ATXMEGA192A3-MU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATxmega192A3-MH ATMEL-ATxmega192A3-MH Datasheet
3Mb / 108P
   8/16-bit XMEGA A3 Microcontroller
ATXMEGA192A3-MH ATMEL-ATXMEGA192A3-MH Datasheet
3Mb / 110P
   8/16-bit AVR XMEGA A3 Microcontroller
More results

Similar Description - ATXMEGA192A3-MU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATXMEGA256A3 ATMEL-ATXMEGA256A3_09 Datasheet
3Mb / 108P
   8/16-bit XMEGA A3 Microcontroller
ATXMEGA256A3_1012 ATMEL-ATXMEGA256A3_1012 Datasheet
3Mb / 134P
   8/16-bit XMEGA A3 Microcontroller
ATXMEGA256A3 ATMEL-ATXMEGA256A3_10 Datasheet
3Mb / 110P
   8/16-bit AVR XMEGA A3 Microcontroller
ATXMEGA256A3B ATMEL-ATXMEGA256A3B_10 Datasheet
3Mb / 105P
   8/16-bit XMEGA A3B Microcontroller
ATXMEGA128A4_1012 ATMEL-ATXMEGA128A4_1012 Datasheet
3Mb / 108P
   8/16-bit XMEGA A4 Microcontroller
ATXMEGA256A3B ATMEL-ATXMEGA256A3B Datasheet
888Kb / 75P
   8/16-bit XMEGA A3B Microcontroller
ATXMEGA256A3B ATMEL-ATXMEGA256A3B_09 Datasheet
3Mb / 102P
   8/16-bit XMEGA A3B Microcontroller
ATXMEGA128A1 ATMEL-ATXMEGA128A1_14 Datasheet
2Mb / 122P
   8/16-bit XMEGA A1 Microcontroller
ATXMEGA128A4 ATMEL-ATXMEGA128A4 Datasheet
806Kb / 69P
   8/16-bit XMEGA A4 Microcontroller
ATXMEGA384A1 ATMEL-ATXMEGA384A1_10 Datasheet
3Mb / 107P
   8/16-bit XMEGA A1 Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com