Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8XC251TA Datasheet(PDF) 5 Page - Intel Corporation

Part # 8XC251TA
Description  Hardware Description
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

8XC251TA Datasheet(HTML) 5 Page - Intel Corporation

  8XC251TA Datasheet HTML 1Page - Intel Corporation 8XC251TA Datasheet HTML 2Page - Intel Corporation 8XC251TA Datasheet HTML 3Page - Intel Corporation 8XC251TA Datasheet HTML 4Page - Intel Corporation 8XC251TA Datasheet HTML 5Page - Intel Corporation 8XC251TA Datasheet HTML 6Page - Intel Corporation 8XC251TA Datasheet HTML 7Page - Intel Corporation 8XC251TA Datasheet HTML 8Page - Intel Corporation 8XC251TA Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
1
8xC251Tx Hardware Description
1.0 INTRODUCTION TO THE 8xC251Tx
This Hardware Description describes the 8xC251TA, 8xC251TB, 8xC251TP, 8xC251TQ (referred to collec-
tively as the 8xC251Tx) embedded microcontroller, which is the newest member of the MCS
® 251 microcon-
troller family. The 8xC251Tx is pin and code compatible with the 8xC251Sx but is enhanced with the addition
of new features.
This document addresses the differences between the two members of the MCS 251 microcontroller family.
For a detailed description of the MCS 251 microcontroller core and standard peripherals shared by both the
8xC251Sx and 8xC251Tx, please refer to the
8xC251SA, 8xC251SB, 8xC251SP, 8xC251SQ Embedded
Microcontroller User’s Manual (272795).
1.1
Comparing the 8xC251Tx and 8xC251Sx
The differences between the 8xC251Tx and the 8xC251Sx are briefly described here.
The maximum operating frequency of the 8xC251Tx is 24 Mhz compared to 16 MHz for the 8xC251Sx.
The 8xC251Tx has two serial I/O ports while the 8xC251Sx has one. The pins for the second serial I/O
port are multiplexed with other functional pins.
The 8xC251Tx has a new configuration option (Extended Data Float timing) to allow interfacing with
slower memories. This feature is supported by a bit in the configuration byte, UCONFIG1. The corre-
sponding bit in the 8xC251Sx has a different function.
The 8xC251Tx is offered in with factory programmed ROM while the 8xC251Sx is also offered with
OTPROM/EPROM.
Figure 1. 8xC251Tx Block Diagram
PORT
0-3
EPROM/
ROM
RAM
BUS INTERFACE UNIT
Instruction
Sequencer
ALU
Register
File
Program
Counter
Clock and
Reset Unit
Interrupt
Handler Unit
Peripherals
3 Timers
WDT
PCA
Serial I/O
824
8
16
INSTR
24
PC
16
16
Memory Data
Memory Address
CPU
SRC1, SRC2
DST
RESET
P0 (A7-
0/D7-0)
P2 (A15-8)
P3
PSEN
ALE
VCC
VSS
P1
XTAL1
XTAL2
2nd Serial
I/O


Similar Part No. - 8XC251TA

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
8XC251TA INTEL-8XC251TA Datasheet
238Kb / 34P
   HIGH-PERFORMANCE CHMOS MICROCONTROLLER
More results

Similar Description - 8XC251TA

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
MINIE-MLX MELEXIS-MINIE-MLX Datasheet
805Kb / 15P
   Hardware Description
logo
Semtech Corporation
SX1272MB2DAS SEMTECH-SX1272MB2DAS Datasheet
844Kb / 4P
   Hardware Description
logo
Hitachi Semiconductor
HD6475328CG HITACHI-HD6475328CG Datasheet
1Mb / 459P
   Manual Gives a Hardware Description
logo
EM Microelectronic - MA...
EME66XX EMMICRO-EME66XX Datasheet
136Kb / 24P
   IN-CIRCUIT EMULATOR HARDWARE DESCRIPTION
logo
Hitachi Semiconductor
HD6475328CG HITACHI-HD6475328CG Datasheet
1Mb / 459P
   Manual Gives a Hardware Description
logo
Exar Corporation
XRT86VL34 EXAR-XRT86VL34_1 Datasheet
1Mb / 63P
   QUAD T1/E1/J1 FRAMER/LIU COMBO - HARDWARE DESCRIPTION
XRT86VX38_0906 EXAR-XRT86VX38_0906 Datasheet
551Kb / 53P
   OCTAL T1/E1/J1 FRAMER/LIU COMBO - HARDWARE DESCRIPTION
XRT86VL32_0709 EXAR-XRT86VL32_0709 Datasheet
372Kb / 65P
   DUAL T1/E1/J1 FRAMER/LIU COMBO - HARDWARE DESCRIPTION
XRT86VL32 EXAR-XRT86VL32_1 Datasheet
1Mb / 65P
   DUAL T1/E1/J1 FRAMER/LIU COMBO - HARDWARE DESCRIPTION
XRT86VL38 EXAR-XRT86VL38_1 Datasheet
1Mb / 66P
   OCTAL T1/E1/J1 FRAMER/LIU COMBO - HARDWARE DESCRIPTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com