Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DPC-2.0-330 Datasheet(PDF) 4 Page - Nuvotem Talema

Part # DPC-2.0-330
Description  Low Cost Power Inductors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TALEMA [Nuvotem Talema]
Direct Link  http://www.nuvotem.com
Logo TALEMA - Nuvotem Talema

DPC-2.0-330 Datasheet(HTML) 4 Page - Nuvotem Talema

  DPC-2.0-330 Datasheet HTML 1Page - Nuvotem Talema DPC-2.0-330 Datasheet HTML 2Page - Nuvotem Talema DPC-2.0-330 Datasheet HTML 3Page - Nuvotem Talema DPC-2.0-330 Datasheet HTML 4Page - Nuvotem Talema  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Type O - Open Mount
Base Mount
Type B- I
Type B-II
Type C - Clip Mount
c
e
d
4
1
3
2
1
2
c
e
d
g
1
2
Mounting Styles • DP Series - Low Cost Power Inductors
TALEMA
DPB-XX-XXX
4.0 ±1
3.8
f
x
f
5.1
4.0 ±1
TALEMA
DPB-XX-XXX
x
b
a
9.5 min.
Type V - Vertical Mount
Type F - Flat Mount
e
4.0 ±1
TALEMA
DPV-XX-XXX
8
7
6
5
1
2
3
4
d
f
h
i
c
g
c
e
3.5 ±0.3
g
TALEMA
DPF-XX-XXX
d
f
1
4
2
3
d
e
1/2
c
c
X
4.0 ±1
g
n
i
t
n
u
o
M
e
l
y
t
S
e
z
i
S
e
d
o
C
)
m
m
(
s
n
o
i
s
n
e
m
i
D
cd
e
f
g
h
i
x
Ø
n
i
P
"
C
"
p
i
l
C
t
n
u
o
M
2
5
.
6
1
4
.
1
1
6
.
7
-
-
-
-
-
-
-
-
8
.
2
+
.
D
.
O
li
o
C
e
e
S
a
t
a
D
e
g
a
P
3
0
.
1
2
4
.
1
1
6
.
7
-
-
-
-
-
-
-
-
8
.
2
+
.
D
.
O
li
o
C
4
1
.
4
2
2
.
5
1
4
.
1
1
-
-
-
-
-
-
-
-
8
.
2
+
.
D
.
O
li
o
C
5
8
.
1
3
8
.
7
1
7
.
2
1
-
-
-
-
-
-
-
-
3
.
3
+
.
D
.
O
li
o
C
"
V
"
l
a
c
i
t
r
e
V
t
n
u
o
M
28
.
7
18
.
2
10
.
0
20
.
0
10
.
50
.
5
10
.
5-
-
8
8
.
0
x
0
6
.
0
30
.
3
25
.
5
10
.
5
25
.
2
10
.
0
10
.
0
20
.
5-
-
40
.
7
20
.
8
10
.
0
30
.
5
15
.
2
15
.
2
20
.
5-
-
50
.
2
35
.
0
20
.
5
35
.
7
15
.
2
15
.
7
25
.
7-
-
0
1
.
1
x
5
7
.
0
60
.
2
30
.
3
20
.
5
30
.
0
25
.
2
15
.
7
25
.
7-
-
90
.
3
40
.
8
25
.
7
40
.
5
20
.
5
20
.
0
45
.
7-
-
"
F
"
t
a
l
F
t
n
u
o
M
2
5
.
7
1
0
.
7
1
5
.
2
1
0
.
0
1
0
.
5
1
-
-
-
-
-
-
8
8
.
0
x
0
6
.
0
3
5
.
2
2
0
.
2
2
0
.
5
1
5
.
2
1
0
.
0
2
-
-
-
-
-
-
4
5
.
7
2
0
.
7
2
5
.
7
1
0
.
5
1
0
.
5
2
-
-
-
-
-
-
6
5
.
2
3
0
.
2
3
0
.
0
2
0
.
0
2
0
.
0
3
-
-
-
-
-
-
9
5
.
2
4
0
.
2
4
5
.
8
2
0
.
5
2
0
.
5
3
-
-
-
-
-
-
e
s
a
B
t
n
u
o
M
"
I
-
B
"
54
.
5
22
.
5
12
.
0
13
.
0
23
.
4
3-
--
-
5
.
3
+
.
D
.
O
li
o
C7
2
.
1
89
.
7
23
.
0
22
.
5
19
.
2
28
.
6
3-
--
-
0
16
.
5
39
.
2
28
.
7
15
.
0
35
.
4
4-
--
-
1
12
.
3
49
.
7
29
.
2
21
.
8
31
.
2
5-
--
-
"
I
I
-
B
"
3
1
.
9
1
8
.
0
1
4
.
6
2
.
5
1
9
.
5
1
-
-
-
-
8
.
3
+
.
D
.
O
li
o
C
2
0
.
1
THE TALEMA GROUP • Magnetic Components for Universal Applications


Similar Part No. - DPC-2.0-330

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
DPC-20-1200 PULSE-DPC-20-1200 Datasheet
275Kb / 2P
   Signals PC low power transformers are designed to operate between 50 Hz and 500 Hz without any degradation in output voltage.
logo
Bel Fuse Inc.
DPC-20-1200 BEL-DPC-20-1200 Datasheet
1Mb / 3P
   Miniature Low Power Transformers
logo
Pulse A Technitrol Comp...
DPC-20-1200B16 PULSE-DPC-20-1200B16 Datasheet
105Kb / 1P
   Low Frequency, Open-Style Laminated, Concentric Vertical Profile, PC Plug-In Series
DPC-20-1200B16 PULSE-DPC-20-1200B16 Datasheet
162Kb / 1P
   Low Frequency, Open-Style Laminated Concentric Vertical Profile, PC Plug-In Series
DPC-20-220 PULSE-DPC-20-220 Datasheet
275Kb / 2P
   Signals PC low power transformers are designed to operate between 50 Hz and 500 Hz without any degradation in output voltage.
More results

Similar Description - DPC-2.0-330

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LSRC2-4R7M ETC-LSRC2-4R7M Datasheet
292Kb / 1P
   Low Cost Power Inductors
HM53 ETC-HM53 Datasheet
64Kb / 5P
   High Power Low Cost Inductors
logo
Bi technologies
HM53 BITECH-HM53 Datasheet
1Mb / 4P
   High Power Low Cost Inductors
logo
TT Electronics.
HM53 TTELEC-HM53 Datasheet
1Mb / 4P
   High Power Low Cost Inductors
logo
Bi technologies
HM53 BITECH-HM53_15 Datasheet
1Mb / 4P
   High Power Low Cost Inductors
logo
Premier Magnetics, Inc.
VTP-00301 PMI-VTP-00301 Datasheet
43Kb / 2P
   LOW COST TOROIDAL POWER INDUCTORS
logo
Bi technologies
HM79 BITECH-HM79_15 Datasheet
277Kb / 2P
   Low Cost Medium Power Surface Mount Inductors
logo
TT Electronics.
HM79 TTELEC-HM79 Datasheet
301Kb / 2P
   Low Cost Medium Power Surface Mount Inductors
logo
Bi technologies
HM79 BITECH-HM79 Datasheet
429Kb / 2P
   Low Cost Medium Power Surface Mount Inductors
logo
Bel Fuse Inc.
0580-0296-20 BEL-0580-0296-20 Datasheet
47Kb / 1P
   DC POWER INDUCTORS LOW COST THROUGH HOLE COMPONENTS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com