Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATXMEGA192A1 Datasheet(PDF) 11 Page - ATMEL Corporation

Part # ATXMEGA192A1
Description  8/16-bit XMEGA A1 Microcontroller
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATXMEGA192A1 Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button ATXMEGA192A1 Datasheet HTML 7Page - ATMEL Corporation ATXMEGA192A1 Datasheet HTML 8Page - ATMEL Corporation ATXMEGA192A1 Datasheet HTML 9Page - ATMEL Corporation ATXMEGA192A1 Datasheet HTML 10Page - ATMEL Corporation ATXMEGA192A1 Datasheet HTML 11Page - ATMEL Corporation ATXMEGA192A1 Datasheet HTML 12Page - ATMEL Corporation ATXMEGA192A1 Datasheet HTML 13Page - ATMEL Corporation ATXMEGA192A1 Datasheet HTML 14Page - ATMEL Corporation ATXMEGA192A1 Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 82 page
background image
11
8067D–AVR–08/08
XMEGA A1
7.4.1
I/O Memory
All peripherals and modules are addressable through I/O memory locations in the data memory
space. All I/O memory locations can be accessed by the Load (LD/LDS/LDD) and Store
(ST/STS/STD) instructions, transferring data between the 32 general purpose registers in the
CPU and the I/O Memory.
The IN and OUT instructions can address I/O memory locations in the range 0x00 - 0x3F
directly.
I/O registers within the address range 0x00 - 0x1F are directly bit-accessible using the SBI and
CBI instructions. The value of single bits can be checked by using the SBIS and SBIC instruc-
tions on these registers.
The I/O memory address for all peripherals and modules in XMEGA A1 is shown in the “Periph-
eral Module Address Map” on page 54.
7.4.2
SRAM Data Memory
The XMEGA A1 devices has internal SRAM memory for data storage.
7.4.3
EEPROM Data Memory
The XMEGA A1 devices has internal EEPROM memory for non-volatile data storage. It is
addressable either in a separate data space or it can be memory mapped into the normal data
memory space. The EEPROM memory supports both byte and page access.
Byte Address
ATxmega384A1
Byte Address
ATxmega256A1
0
I/O Registers
(4KB)
0
I/O Registers
(4KB)
FFF
FFF
1000
EEPROM
(4K)
1000
EEPROM
(4K)
1FFF
1FFF
2000
Internal SRAM
(32K)
2000
Internal SRAM
(16K)
9FFF
5FFF
10000
External Memory
(0 to 16 MB)
6000
External Memory
(0 to 16 MB)
FFFFFF
FFFFFF


Similar Part No. - ATXMEGA192A1

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATXMEGA192A1 ATMEL-ATXMEGA192A1 Datasheet
3Mb / 99P
   8/16-bit XMEGA A1 Microcontroller
ATXMEGA192A1 ATMEL-ATXMEGA192A1 Datasheet
3Mb / 107P
   8/16-bit XMEGA A1 Microcontroller
ATXMEGA192A1-AU ATMEL-ATXMEGA192A1-AU Datasheet
3Mb / 99P
   8/16-bit XMEGA A1 Microcontroller
ATXMEGA192A1-AU ATMEL-ATXMEGA192A1-AU Datasheet
3Mb / 107P
   8/16-bit XMEGA A1 Microcontroller
ATXMEGA192A1-CU ATMEL-ATXMEGA192A1-CU Datasheet
3Mb / 99P
   8/16-bit XMEGA A1 Microcontroller
More results

Similar Description - ATXMEGA192A1

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATXMEGA128A1 ATMEL-ATXMEGA128A1_14 Datasheet
2Mb / 122P
   8/16-bit XMEGA A1 Microcontroller
ATXMEGA128A4_0808 ATMEL-ATXMEGA128A4_0808 Datasheet
937Kb / 74P
   8/16-bit XMEGA A1 Microcontroller
ATXMEGA384A1 ATMEL-ATXMEGA384A1_10 Datasheet
3Mb / 107P
   8/16-bit XMEGA A1 Microcontroller
ATXMEGA384A1 ATMEL-ATXMEGA384A1_09 Datasheet
3Mb / 99P
   8/16-bit XMEGA A1 Microcontroller
ATXMEGA256A3B ATMEL-ATXMEGA256A3B_10 Datasheet
3Mb / 105P
   8/16-bit XMEGA A3B Microcontroller
ATXMEGA256A3 ATMEL-ATXMEGA256A3_09 Datasheet
3Mb / 108P
   8/16-bit XMEGA A3 Microcontroller
ATXMEGA256A3_1012 ATMEL-ATXMEGA256A3_1012 Datasheet
3Mb / 134P
   8/16-bit XMEGA A3 Microcontroller
ATXMEGA128A4_1012 ATMEL-ATXMEGA128A4_1012 Datasheet
3Mb / 108P
   8/16-bit XMEGA A4 Microcontroller
ATXMEGA256A3B ATMEL-ATXMEGA256A3B Datasheet
888Kb / 75P
   8/16-bit XMEGA A3B Microcontroller
ATXMEGA256A3B ATMEL-ATXMEGA256A3B_09 Datasheet
3Mb / 102P
   8/16-bit XMEGA A3B Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com