Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS87C520 Datasheet(PDF) 7 Page - Dallas Semiconductor

Part # DS87C520
Description  EPROM/ROM High-Speed Micro
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS87C520 Datasheet(HTML) 7 Page - Dallas Semiconductor

Back Button DS87C520_1 Datasheet HTML 3Page - Dallas Semiconductor DS87C520_1 Datasheet HTML 4Page - Dallas Semiconductor DS87C520_1 Datasheet HTML 5Page - Dallas Semiconductor DS87C520_1 Datasheet HTML 6Page - Dallas Semiconductor DS87C520_1 Datasheet HTML 7Page - Dallas Semiconductor DS87C520_1 Datasheet HTML 8Page - Dallas Semiconductor DS87C520_1 Datasheet HTML 9Page - Dallas Semiconductor DS87C520_1 Datasheet HTML 10Page - Dallas Semiconductor DS87C520_1 Datasheet HTML 11Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 42 page
background image
DS87C520/DS83C520
7 of 42
The relative time of two instructions might be different in the new architecture than it was previously. For
example, in the original architecture, the “MOVX A, @DPTR” instruction and the “MOV direct, direct”
instruction used two machine cycles or 24 oscillator cycles. Therefore, they required the same amount of
time. In the DS87C520/DS83C520, the MOVX instruction takes as little as two machine cycles or eight
oscillator cycles but the “MOV direct, direct” uses three machine cycles or 12 oscillator cycles. While
both are faster than their original counterparts, they now have different execution times. This is because
the DS87C520/DS83C520 usually uses one instruction cycle for each instruction byte. The user
concerned with precise program timing should examine the timing of each instruction for familiarity with
the changes. Note that a machine cycle now requires just 4 clocks, and provides one ALE pulse per cycle.
Many instructions require only one cycle, but some require five. In the original architecture, all were one
or two cycles except for MUL and DIV. Refer to the High-Speed Microcontroller User’s Guide for details
and individual instruction timing.
SPECIAL FUNCTION REGISTERS
Special Function Registers (SFRs) control most special features of the DS87C520/DS83C520. This
allows the DS87C520/DS83C520 to have many new features but use the same instruction set as the 8051.
When writing software to use a new feature, an equate statement defines the SFR to an assembler or
comp iler. This is the only change needed to access the new function. The DS87C520/DS83C520
duplicates the SFRs contained in the standard 80C52. Table 2 shows the register addresses and bit
locations. The High-Speed Microcontroller User’s Guide describes all SFRs.


Similar Part No. - DS87C520_1

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS87C520-ECL DALLAS-DS87C520-ECL Datasheet
1Mb / 45P
   EPROM/ROM High-Speed Micro
DS87C520-ECL DALLAS-DS87C520-ECL Datasheet
877Kb / 44P
   EPROM/ROM High-Speed Microcontrollers
logo
Maxim Integrated Produc...
DS87C520-ECL MAXIM-DS87C520-ECL Datasheet
715Kb / 43P
   EPROM/ROM High-Speed Microcontrollers
REV: 022207
DS87C520-ECL++ MAXIM-DS87C520-ECL+ Datasheet
715Kb / 43P
   EPROM/ROM High-Speed Microcontrollers
REV: 022207
logo
Dallas Semiconductor
DS87C520-ENL DALLAS-DS87C520-ENL Datasheet
1Mb / 45P
   EPROM/ROM High-Speed Micro
More results

Similar Description - DS87C520_1

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS87C520 DALLAS-DS87C520 Datasheet
1Mb / 45P
   EPROM/ROM High-Speed Micro
DS83C520 DALLAS-DS83C520_07 Datasheet
715Kb / 43P
   EPROM/ROM High-Speed Microcontrollers
DS87C520MCL DALLAS-DS87C520MCL Datasheet
877Kb / 44P
   EPROM/ROM High-Speed Microcontrollers
logo
Maxim Integrated Produc...
QX87C196KT16 MAXIM-QX87C196KT16 Datasheet
715Kb / 43P
   EPROM/ROM High-Speed Microcontrollers
REV: 022207
DS87C520-QNL MAXIM-DS87C520-QNL Datasheet
715Kb / 43P
   EPROM/ROM High-Speed Microcontrollers
REV: 022207
logo
Dallas Semiconductor
DS87C530 DALLAS-DS87C530_1 Datasheet
800Kb / 44P
   EPROM/ROM Micro with Real Time Clock
logo
STMicroelectronics
ST7282 STMICROELECTRONICS-ST7282 Datasheet
260Kb / 23P
   ROM FROM EPROM
logo
Dallas Semiconductor
DS87C550 DALLAS-DS87C550 Datasheet
763Kb / 50P
   EPROM High-Speed Micro with A/D and PWM
logo
Microchip Technology
PIC17LC42AT-08I-PT MICROCHIP-PIC17LC42AT-08I-PT Datasheet
1Mb / 241P
   High-Performance 8-Bit CMOS EPROM/ROM Microcontroller
01/18/02
PIC17C4X MICROCHIP-PIC17C4X Datasheet
1Mb / 240P
   High-Performance 8-Bit CMOS EPROM/ROM Microcontroller
1996 - 1999
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com