Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSPIC30F9020CT-30E Datasheet(PDF) 3 Page - Microchip Technology

Part # DSPIC30F9020CT-30E
Description  28/44-Pin High-Performance Switch Mode Power Supply Digital Signal Controllers
Download  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F9020CT-30E Datasheet(HTML) 3 Page - Microchip Technology

  DSPIC30F9020CT-30E Datasheet HTML 1Page - Microchip Technology DSPIC30F9020CT-30E Datasheet HTML 2Page - Microchip Technology DSPIC30F9020CT-30E Datasheet HTML 3Page - Microchip Technology DSPIC30F9020CT-30E Datasheet HTML 4Page - Microchip Technology DSPIC30F9020CT-30E Datasheet HTML 5Page - Microchip Technology DSPIC30F9020CT-30E Datasheet HTML 6Page - Microchip Technology DSPIC30F9020CT-30E Datasheet HTML 7Page - Microchip Technology DSPIC30F9020CT-30E Datasheet HTML 8Page - Microchip Technology DSPIC30F9020CT-30E Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 274 page
background image
© 2006 Microchip Technology Inc.
Advance Information
DS70178A-page 1
dsPIC30F1010/202X
High-Performance Modified RISC CPU:
• Modified Harvard architecture
• C compiler optimized instruction set architecture
• 83 base instructions with flexible addressing
modes
• 24-bit wide instructions, 16-bit wide data path
• 12 Kbytes on-chip Flash program space
• 512 bytes on-chip data RAM
• 16 x 16-bit working register array
• Up to 30 MIPs operation:
- Dual Internal RC 9.7 and 14.55 MHz (±1%)
- 32X PLL with 480 MHz VCO
- PLL inputs ±3%
- External EC clock 9.7 and 14.55 MHz
- HS Crystal mode 9.7 and 14.55 MHz
• 32 interrupt sources
• Three external interrupt sources
• 8 user-selectable priority levels for each interrupt
• 4 processor exceptions and software traps
DSP Engine Features:
• Modulo and Bit-Reversed modes
• Two 40-bit wide accumulators with optional
saturation logic
• 17-bit x 17-bit single-cycle hardware fractional/
integer multiplier
• Single-cycle Multiply-Accumulate (MAC)
operation
• 40-stage Barrel Shifter
• Dual data fetch
Peripheral Features:
• High-current sink/source I/O pins: 25 mA/25 mA
• Three 16-bit timers/counters; optionally pair up
16-bit timers into 32-bit timer modules
• Four 16-bit Capture input functions
• Two 16-bit Compare/PWM output functions
- Dual Compare mode available
• 3-wire SPI modules (supports 4 Frame modes)
•I2CTM module supports Multi-Master/Slave mode
and 7-bit/10-bit addressing
• UART Module:
- Supports RS-232, RS-485 and LIN 1.2
- Supports IrDA® with on-chip hardware endec
- Auto wake-up on Start bit
- Auto-Baud Detect
- 4-level FIFO buffer
SMPS PWM Module Features:
• Four PWM generators with 8 outputs
• Each PWM generator has independent time base
and duty cycle
• Duty cycle resolution of 1.1 ns at 30 MIPS
• Individual dead time for each PWM generator:
- Dead-time resolution 4.2 ns at 30 MIPS
- Dead time for rising and falling edges
• Phase-shift resolution of 4.2 ns @ 30 MIPS
• Frequency resolution of 8.4 ns @ 30 MIPS
• PWM modes supported:
- Complementary
-Push-Pull
- Multi-Phase
- Variable Phase
- Current Reset
- Current-Limit
• Independent Current-Limit and Fault Inputs
• Output Override Control
• Special Event Trigger
• PWM generated ADC Trigger
Note: This data sheet summarizes features of this group
of dsPIC30F devices and is not intended to be a complete
reference source. For more information on the CPU,
peripherals, register descriptions and general device
functionality, refer to the “dsPIC30F Family Reference
Manual” (DS70046). For more information on the device
instruction set and programming, refer to the “dsPIC30F/
33F Programmer’s Reference Manual” (DS70157).
28/44-pin dsPIC30F1010/202X Enhanced Flash
SMPS 16-bit Digital Signal Controller


Similar Part No. - DSPIC30F9020CT-30E

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
DSPIC30F9020CT-30EMM MICROCHIP-DSPIC30F9020CT-30EMM Datasheet
4Mb / 286P
   28/44-Pin High-Performance Switch Mode Power Supply Digital Signal Controllers
10/19/06
DSPIC30F9020CT-30EPT MICROCHIP-DSPIC30F9020CT-30EPT Datasheet
4Mb / 286P
   28/44-Pin High-Performance Switch Mode Power Supply Digital Signal Controllers
10/19/06
DSPIC30F9020CT-30ES MICROCHIP-DSPIC30F9020CT-30ES Datasheet
4Mb / 286P
   28/44-Pin High-Performance Switch Mode Power Supply Digital Signal Controllers
10/19/06
DSPIC30F9020CT-30ESO MICROCHIP-DSPIC30F9020CT-30ESO Datasheet
4Mb / 286P
   28/44-Pin High-Performance Switch Mode Power Supply Digital Signal Controllers
10/19/06
DSPIC30F9020CT-30ESP MICROCHIP-DSPIC30F9020CT-30ESP Datasheet
4Mb / 286P
   28/44-Pin High-Performance Switch Mode Power Supply Digital Signal Controllers
10/19/06
More results

Similar Description - DSPIC30F9020CT-30E

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
DSPIC30F1010 MICROCHIP-DSPIC30F1010 Datasheet
4Mb / 286P
   28/44-Pin High-Performance Switch Mode Power Supply Digital Signal Controllers
2006
DSPIC30F2023-30I-PT MICROCHIP-DSPIC30F2023-30I-PT Datasheet
4Mb / 286P
   28/44-Pin High-Performance Switch Mode Power Supply Digital Signal Controllers
10/19/06
DSPIC30F1010-20E MICROCHIP-DSPIC30F1010-20E Datasheet
2Mb / 286P
   28/44-Pin High-Performance Switch Mode Power Supply Digital Signal Controllers
10/19/06
DSPIC30F2020-30I MICROCHIP-DSPIC30F2020-30I Datasheet
4Mb / 286P
   28/44-Pin High-Performance Switch Mode Power Supply
10/19/06
DSPIC30F3014 MICROCHIP-DSPIC30F3014 Datasheet
4Mb / 220P
   High-Performance Digital Signal Controllers
2004
DSPIC30F6010 MICROCHIP-DSPIC30F6010 Datasheet
5Mb / 218P
   High-Performance Digital Signal Controllers
2004
DSPIC30F6014 MICROCHIP-DSPIC30F6014 Datasheet
3Mb / 222P
   High Performance Digital Signal Controllers
2004
DSPIC30F2011 MICROCHIP-DSPIC30F2011 Datasheet
3Mb / 207P
   High-Performance Digital Signal Controllers
2005
DSPIC30F5011 MICROCHIP-DSPIC30F5011 Datasheet
3Mb / 220P
   High-Performance Digital Signal Controllers
2004
DSPIC30F6011A MICROCHIP-DSPIC30F6011A_05 Datasheet
3Mb / 238P
   High-Performance Digital Signal Controllers
2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com