Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DR80390 Datasheet(PDF) 7 Page - Digital Core Design

Part # DR80390
Description  8-bit RISC Microcontroller Instructions set details ver 3.10
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCD [Digital Core Design]
Direct Link  http://www.digitalcoredesign.com
Logo DCD - Digital Core Design

DR80390 Datasheet(HTML) 7 Page - Digital Core Design

Back Button DR80390 Datasheet HTML 3Page - Digital Core Design DR80390 Datasheet HTML 4Page - Digital Core Design DR80390 Datasheet HTML 5Page - Digital Core Design DR80390 Datasheet HTML 6Page - Digital Core Design DR80390 Datasheet HTML 7Page - Digital Core Design DR80390 Datasheet HTML 8Page - Digital Core Design DR80390 Datasheet HTML 9Page - Digital Core Design DR80390 Datasheet HTML 10Page - Digital Core Design DR80390 Datasheet HTML 11Page - Digital Core Design Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 84 page
background image
DR80390 Instructions set details
- 7 -
All trademarks mentioned in this document
http://www.DigitalCoreDesign.com
are trademarks of their respective owners.
http://www.dcd.pl
Copyright 1999-2003 DCD – Digital Core Design. All Rights Reserved.
1. OVERVIEW
1.1. DOCUMENT STRUCTURE.
Document contains brief description of DR80390 instructions. This manual is
intended for design engineers who are planning to use the DR80390 HDL core in
conjunction with software assembler, compiler and debugger tools.
2. INSTRUCTIONS SET BRIEF
Some instruction opcodes of DR80390 are different in FLAT and LARGE modes. The
details are described in this chapter.
2.1. INSTRUCTION SET NOTES
The DR80390 has five different addressing modes: immediate, direct, register, indirect
and relative. In the immediate addressing mode the data is contained in the opcode. By
direct addressing an eight bit address is a part of the opcode, by register addressing, a
register is selected in the opcode for the operation. In the indirect addressing mode, a
register is selected in the opcode to point to the address used by the operation. The
relative addressing mode is used for jump instructions.
The following tables give a survey about the instruction set cycles of the DR80390
microcontroller core. One cycle is equal to one clock period.
First two tables contain notes for mnemonics used in Instruction set tables. The next
tables show instruction hexadecimal codes, number of bytes and machine cycles that
each instruction takes to execute.
Rn
Working register R0-R7
direct
128 internal RAM locations, any Special Function Registers
@Ri
Indirect internal or external RAM location addressed by register R0 or R1
#data
8-bit constant included in instruction
#data16
16-bit constant included as bytes 2 and 3 of instruction
#data24
24-bit constant included as bytes 2,3 and 4 of instruction
bit
256 software flags, any bit-addressable l/O pin, control or status bit
A
Accumulator
Table 1. Notes on data addressing modes
addr24
Destination address for LCALL and LJMP may be anywhere within the 16 MB of
program memory address space in FLAT mode.
addr19
Destination address for ACALL and AJMP will be within the same 512 KB page of
program memory as the first byte of the following instruction in FLAT mode
addr16
Destination address for LCALL and LJMP may be anywhere within the 64 kB of
program memory address space in LARGE mode.
addr11
Destination address for ACALL and AJMP will be within the same 2 KB page of
program memory as the first byte of the following instruction in LARGE mode
rel
SJMP and all conditional jumps include an 8-bit offset byte. Range is +127/-128
bytes relative to the first byte of the following instruction
Table 2. Notes on program addressing modes


Similar Part No. - DR80390

ManufacturerPart #DatasheetDescription
logo
Digital Core Design
DR80390 DCD-DR80390 Datasheet
116Kb / 8P
   High Performance 8-bit Microcontroller ver 3.10
DR80390CPU DCD-DR80390CPU Datasheet
110Kb / 7P
   High Performance 8-bit Microcontroller ver 3.10
DR80390XP DCD-DR80390XP Datasheet
134Kb / 11P
   High Performance Configurable 8-bit Microcontroller ver 3.10
DR80390 DCD-DR80390_1 Datasheet
116Kb / 8P
   High Performance 8-bit Microcontroller ver 3.10
More results

Similar Description - DR80390

ManufacturerPart #DatasheetDescription
logo
Digital Core Design
DR805X DCD-DR805X Datasheet
248Kb / 79P
   8-bit RISC Microcontroller Instructions set details ver 3.10
DP805X DCD-DP805X Datasheet
248Kb / 79P
   Pipelined High Performance Microcontroller Instructions set details ver 3.10
DP80390 DCD-DP80390_03 Datasheet
266Kb / 84P
   Pipelined High Performance Microcontroller Instructions set details ver 3.10
DR8051 DCD-DR8051 Datasheet
112Kb / 8P
   High Performance 8-bit Microcontroller ver 3.10
DR80390 DCD-DR80390_1 Datasheet
116Kb / 8P
   High Performance 8-bit Microcontroller ver 3.10
DR8051CPU DCD-DR8051CPU Datasheet
106Kb / 7P
   High Performance 8-bit Microcontroller ver 3.10
DR80390CPU DCD-DR80390CPU Datasheet
110Kb / 7P
   High Performance 8-bit Microcontroller ver 3.10
DP80390XP DCD-DP80390XP_03 Datasheet
151Kb / 12P
   Pipelined High Performance 8-bit Microcontroller ver 3.10
logo
List of Unclassifed Man...
DR8051 ETC-DR8051 Datasheet
70Kb / 4P
   8-bit RISC Microcontroller ver 2.00
logo
Digital Core Design
DP8051CPU DCD-DP8051CPU_03 Datasheet
129Kb / 9P
   Pipelined High Performance 8-bit Microcontroller ver 3.10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com