Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT90USB162 Datasheet(PDF) 12 Page - ATMEL Corporation

Part # AT90USB162
Description  USB DFU Bootloader
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB162 Datasheet(HTML) 12 Page - ATMEL Corporation

Back Button AT90USB162 Datasheet HTML 8Page - ATMEL Corporation AT90USB162 Datasheet HTML 9Page - ATMEL Corporation AT90USB162 Datasheet HTML 10Page - ATMEL Corporation AT90USB162 Datasheet HTML 11Page - ATMEL Corporation AT90USB162 Datasheet HTML 12Page - ATMEL Corporation AT90USB162 Datasheet HTML 13Page - ATMEL Corporation AT90USB162 Datasheet HTML 14Page - ATMEL Corporation AT90USB162 Datasheet HTML 15Page - ATMEL Corporation AT90USB162 Datasheet HTML 16Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
12
7618C–AVR–07/08
4.7.4
Answers from the Device to a Blank Check Command
The Host controller sends a GET_STATUS request to the device. Once internal blank check has
been completed, the device sends its status.
• If the device status is “OK”:
the device memory is then blank and the device waits for the next Host request.
• If the device status is “errCHECK_ERASED”:
the device memory is not blank. The device waits for an DFU_UPLOAD request to send the
first address where the byte is not 0xFF.
4.8
Reading Configuration Information or Manufacturer Information
The flow described hereafter allows the user to read the configuration or manufacturer
information.
4.8.1
Requests From Host
To start the programming operation, the Host sends DFU_DNLOAD request with the Read com-
mand in the data field (2 bytes).
4.8.2
Answers from Bootloader
The device has two possible answers to a DFU_GETSTATUS request:
• If the chip is protected from program access, an “err_VENDOR” status is returned to the
Host.
• Otherwise, the device status is “OK“. The Host can send a DFU_UPLOAD request to the
device in order to get the value of the requested field.
Command Identifier
data[0]
data[1]
data[2]
data[3]
data[4]
Description
Id_read_command
05h
00h
00h
Read Bootloader Version
01h
Read Device boot ID1
02h
Read Device boot ID2
01h
30h
Read Manufacturer Code
31h
Read Family Code
60h
Read Product Name
61h
Read Product Revision
OUT
Read_command (2 bytes)
SETUP
DFU_DNLOAD
IN
ZLP


Similar Part No. - AT90USB162

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT90USB162 ATMEL-AT90USB162 Datasheet
2Mb / 306P
   8-bit Microcontroller with 8/16K Bytes of ISP Flash
AT90USB162 ATMEL-AT90USB162 Datasheet
3Mb / 306P
   8-bit Microcontroller with 8/16K Bytes of ISP Flash and USB Controller
logo
List of Unclassifed Man...
AT90USB162 ETC1-AT90USB162 Datasheet
3Mb / 307P
   Microcontroller with 8/16K Bytes of ISP Flash and USB Controller
logo
ATMEL Corporation
AT90USB162-16AU ATMEL-AT90USB162-16AU Datasheet
3Mb / 307P
   8-bit Microcontroller with 8/16K Bytes of ISP Flash and USB Controller
AT90USB162 ATMEL-AT90USB162_14 Datasheet
195Kb / 28P
   Software Entry-points for on-chip flash drivers
More results

Similar Description - AT90USB162

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN3156 STMICROELECTRONICS-AN3156 Datasheet
400Kb / 26P
   USB DFU protocol used in the STM32 bootloader
logo
SparkFun Electronics
SPX-14804 SPARKFUN-SPX-14804 Datasheet
894Kb / 2P
   Atto84 with Arduino Bootloader
12????9
logo
STMicroelectronics
AN3155 STMICROELECTRONICS-AN3155 Datasheet
1Mb / 37P
   USART protocol used in the STM32 bootloader
AN3154 STMICROELECTRONICS-AN3154 Datasheet
638Kb / 34P
   CAN protocol used in the STM32 bootloader
logo
Microchip Technology
AN1302 MICROCHIP-AN1302 Datasheet
100Kb / 8P
   An I2C??Bootloader for the PIC16F1XXX Enhanced Core
03/26/09
logo
STMicroelectronics
AN3262 STMICROELECTRONICS-AN3262 Datasheet
1Mb / 27P
   Using the over-the-air bootloader with STM32W108 devices
logo
Microchip Technology
AN247 MICROCHIP-AN247 Datasheet
719Kb / 32P
   A CAN Bootloader for PIC18F CAN Microcontrollers
02/12/03
logo
STMicroelectronics
AN4221 STMICROELECTRONICS-AN4221 Datasheet
663Kb / 51P
   I2C protocol used in the STM32 bootloader
AN4286 STMICROELECTRONICS-AN4286 Datasheet
555Kb / 38P
   SPI protocol used in the STM32 bootloader
logo
ATMEL Corporation
T89C51IC2 ATMEL-T89C51IC2_14 Datasheet
50Kb / 3P
   No Active Erratas in Latest Version of Bootloader
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com