Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DR805X Datasheet(PDF) 8 Page - Digital Core Design

Part # DR805X
Description  8-bit RISC Microcontroller Instructions set details ver 3.10
Download  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCD [Digital Core Design]
Direct Link  http://www.digitalcoredesign.com
Logo DCD - Digital Core Design

DR805X Datasheet(HTML) 8 Page - Digital Core Design

Back Button DR805X Datasheet HTML 4Page - Digital Core Design DR805X Datasheet HTML 5Page - Digital Core Design DR805X Datasheet HTML 6Page - Digital Core Design DR805X Datasheet HTML 7Page - Digital Core Design DR805X Datasheet HTML 8Page - Digital Core Design DR805X Datasheet HTML 9Page - Digital Core Design DR805X Datasheet HTML 10Page - Digital Core Design DR805X Datasheet HTML 11Page - Digital Core Design DR805X Datasheet HTML 12Page - Digital Core Design Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 79 page
background image
DR805x Instructions set details
- 8 -
All trademarks mentioned in this document
http://www.DigitalCoreDesign.com
are trademarks of their respective owners.
http://www.dcd.pl
Copyright 1999-2003 DCD – Digital Core Design. All Rights Reserved.
2.2.2. LOGIC OPERATIONS
Mnemonic
Description
Code
Bytes Cycles
ANL A,Rn
AND register to accumulator
0x58-0x5F
1
2
ANL A,direct
AND direct byte to accumulator
0x55
2
3
ANL A,@Ri
AND indirect RAM to accumulator
0x56-0x57
1
3
ANL A,#data
AND immediate data to accumulator
0x54
2
2
ANL direct,A
AND accumulator to direct byte
0x52
2
4
ANL direct,#data
AND immediate data to direct byte
0x53
3
4
ORL A,Rn
OR register to accumulator
0x48-0x4F
1
2
ORL A,direct
OR direct byte to accumulator
0x45
2
3
ORL A,@Ri
OR indirect RAM to accumulator
0x46-0x47
1
3
ORL A,#data
OR immediate data to accumulator
0x44
2
2
ORL direct,A
OR accumulator to direct byte
0x42
2
4
ORL direct,#data
OR immediate data to direct byte
0x43
3
4
XRL A,Rn
Exclusive OR register to accumulator
0x68-0x6F
1
2
XRL A,direct
Exclusive OR direct byte to accumulator
0x65
2
3
XRL A,@Ri
Exclusive OR indirect RAM to accumulator
0x66-0x67
1
3
XRL A,#data
Exclusive OR immediate data to accumulator
0x64
2
2
XRL direct,A
Exclusive OR accumulator to direct byte
0x62
2
4
XRL direct,#data
Exclusive OR immediate data to direct byte
0x63
3
4
CLR A
Clear accumulator
0xE4
1
1
CPL A
Complement accumulator
0xF4
1
2
RL A
Rotate accumulator left
0x23
1
1
RLC A
Rotate accumulator left through carry
0x33
1
1
RR A
Rotate accumulator right
0x03
1
1
RRC A
Rotate accumulator right through carry
0x13
1
1
SWAP A
Swap nibbles within the accumulator
0xC4
1
1
Table 4. Logic operations
2.2.3. BOOLEAN MANIPULATION
Mnemonic
Description
Code
Bytes Cycles
CLR C
Clear carry flag
0xC3
1
1
CLR bit
Clear direct bit
0xC2
2
4
SETB C
Set carry flag
0xD3
1
1
SETB bit
Set direct bit
0xD2
2
4
CPL C
Complement carry flag
0xB3
1
1
CPL bit
Complement direct bit
0xB2
2
4
ANL C,bit
AND direct bit to carry flag
0x82
2
3
ANL C,/bit
AND complement of direct bit to carry
0xB0
2
3
ORL C,bit
OR direct bit to carry flag
0x72
2
3
ORL C,/bit
OR complement of direct bit to carry
0xA0
2
3
MOV C,bit
Move direct bit to carry flag
0xA2
2
3
MOV bit,C
Move carry flag to direct bit
0x92
2
4
Table 5. Boolean manipulation


Similar Part No. - DR805X

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DR8051 ETC-DR8051 Datasheet
70Kb / 4P
   8-bit RISC Microcontroller ver 2.00
DR8051 ETC-DR8051 Datasheet
101Kb / 7P
   High Performance Configurable 8-bit Microcontroller ver 3.01
logo
Digital Core Design
DR8051 DCD-DR8051 Datasheet
112Kb / 8P
   High Performance 8-bit Microcontroller ver 3.10
logo
List of Unclassifed Man...
DR8051CPU ETC-DR8051CPU Datasheet
101Kb / 7P
   High Performance Configurable 8-bit Microcontroller ver 3.01
logo
Digital Core Design
DR8051CPU DCD-DR8051CPU Datasheet
106Kb / 7P
   High Performance 8-bit Microcontroller ver 3.10
More results

Similar Description - DR805X

ManufacturerPart #DatasheetDescription
logo
Digital Core Design
DR80390 DCD-DR80390 Datasheet
267Kb / 84P
   8-bit RISC Microcontroller Instructions set details ver 3.10
DP805X DCD-DP805X Datasheet
248Kb / 79P
   Pipelined High Performance Microcontroller Instructions set details ver 3.10
DP80390 DCD-DP80390_03 Datasheet
266Kb / 84P
   Pipelined High Performance Microcontroller Instructions set details ver 3.10
DR8051 DCD-DR8051 Datasheet
112Kb / 8P
   High Performance 8-bit Microcontroller ver 3.10
DR80390 DCD-DR80390_1 Datasheet
116Kb / 8P
   High Performance 8-bit Microcontroller ver 3.10
DR8051CPU DCD-DR8051CPU Datasheet
106Kb / 7P
   High Performance 8-bit Microcontroller ver 3.10
DR80390CPU DCD-DR80390CPU Datasheet
110Kb / 7P
   High Performance 8-bit Microcontroller ver 3.10
DP80390XP DCD-DP80390XP_03 Datasheet
151Kb / 12P
   Pipelined High Performance 8-bit Microcontroller ver 3.10
logo
List of Unclassifed Man...
DR8051 ETC-DR8051 Datasheet
70Kb / 4P
   8-bit RISC Microcontroller ver 2.00
logo
Digital Core Design
DP8051CPU DCD-DP8051CPU_03 Datasheet
129Kb / 9P
   Pipelined High Performance 8-bit Microcontroller ver 3.10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com