Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SDR1183TX Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SDR1183TX
Description  35 Amp 50-600 Volt 5 nsec STANDARD RECOVERY RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SDR1183TX Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SDR1183TX Datasheet HTML 1Page - Solid States Devices, Inc SDR1183TX Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: R00005B
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
Part Number/Ordering Information 1/
SDR11
__ __
Screening 2/ __ = Not Screened
TX = TX Level
TXV = TXV Level
S = S Level
Pin Configuration __ = Normal (Cathode to Stud)
(See Table 1)
R = Reverse (Anode to Stud)
Family/Voltage
83 = 50V
84 = 100V
85 = 150V
86 = 200V
87 = 300V
88 = 400V
89 = 500V
90 = 600V
SDR1183
Thru
SDR1190
35 Amp
50-600 Volt
5
μsec
STANDARD RECOVERY
RECTIFIER
Features:
Low Reverse Leakage Current
Single Chip Construction
PIV to 600V
Hermetically Sealed
Low Thermal Resistance
Higher Voltage Devices Up to 1400V Available*
Fast and Ultra Fast Recovery Versions Available*
For Reverse Polarity Add Suffix “R”
Replacement for 1N1183, 1N1184, 1N1185, 1N1186,
1N1187, 1N1188, 1N1189, and 1N1190
TX, TXV, and S-Level Screening Available
2/
*Contact Factory
Maximum Ratings
Symbol
Value
Units
Peak Repetitive Reverse and DC Blocking
Voltage
SDR1183
SDR1184
SDR1185
SDR1186
SDR1187
SDR1188
SDR1189
SDR1190
VRRM
VRWM
VR
50
100
150
200
300
400
500
600
Volts
Average Rectified Forward Current
(Resistive Load, 60 Hz Sine Wave, TA = 25 °C)
Io
35
Amps
Peak Surge Current
(8.3 ms Pulse, Half Sine Wave, TA = 25 °C)
IFSM
500
Amps
Operating & Storage Temperature
TOP & TSTG
-65 to +150
ºC
Maximum Total Thermal Resistance
Junction to Case
RθJC
1.0
ºC/W
Notes:
1/ For ordering information, price, operating curves, and availability- contact factory.
2/ Screening based on MIL-PRF-19500. Screening flows available on request.
DO-5:


Similar Part No. - SDR1183TX

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
SDR11 RECTRON-SDR11 Datasheet
389Kb / 6P
   GPP SNUBBER DAMPING RECTIFIER
logo
Bourns Electronic Solut...
SDR1105 BOURNS-SDR1105 Datasheet
145Kb / 1P
   SMD Power Inductors
SDR1105-100ML BOURNS-SDR1105-100ML Datasheet
145Kb / 1P
   SMD Power Inductors
SDR1105-100ML BOURNS-SDR1105-100ML Datasheet
151Kb / 1P
   SMD Power Inductors
SDR1105-100ML BOURNS-SDR1105-100ML Datasheet
262Kb / 1P
   SMD Power Inductors
More results

Similar Description - SDR1183TX

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SPD10192 SSDI-SPD10192 Datasheet
78Kb / 2P
   35 Amp FAST RECOVERY RECTIFIER 800 - 1400 Volt 250 nsec
SPD3899 SSDI-SPD3899 Datasheet
75Kb / 2P
   20 Amp 50-400 Volt 120 nsec FAST RECOVERY RECTIFIER
SPD6557 SSDI-SPD6557_1 Datasheet
125Kb / 2P
   6AMPS 1300VOLTS 5 nsec STANDARD RECOVERY RECTIFIER
SDR643CTS1 SSDI-SDR643CTS1 Datasheet
80Kb / 2P
   50 AMP 300-700 Volts 35 nsec Centertap Rectifier
SHF1100SM SSDI-SHF1100SM Datasheet
199Kb / 2P
   1 AMP 50 - 300 VOLTS 35 nsec HYPER FAST RECTIFIER
SDR953 SSDI-SDR953 Datasheet
216Kb / 2P
   50 AMP 300 - 500 VOLTS 35 nsec HYPER FAST RECTIFIER
SDR1AHF SSDI-SDR1AHF Datasheet
72Kb / 2P
   1 AMP 50 - 1200 V 35 nsec Hyper Fast Rectifier
SPD3595 SSDI-SPD3595 Datasheet
166Kb / 2P
   150mA 125 VOLT 3 nsec STANDARD RECOVERY
logo
International Rectifier
OM5008ST IRF-OM5008ST_15 Datasheet
23Kb / 2P
   14 Amp, 400 & 600 Volts, 35 nsec trr
logo
Solid States Devices, I...
SDR953-61 SSDI-SDR953-61 Datasheet
215Kb / 2P
   50 AMP 300 - 500 VOLTS 35 nsec HYPER FAST RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com