Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATMEGA32U4 Datasheet(PDF) 17 Page - ATMEL Corporation

Part # ATMEGA32U4
Description  8-bit Microcontroller with 16/32K Bytes of ISP Flash and USB Controller
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA32U4 Datasheet(HTML) 17 Page - ATMEL Corporation

Back Button ATMEGA32U4 Datasheet HTML 13Page - ATMEL Corporation ATMEGA32U4 Datasheet HTML 14Page - ATMEL Corporation ATMEGA32U4 Datasheet HTML 15Page - ATMEL Corporation ATMEGA32U4 Datasheet HTML 16Page - ATMEL Corporation ATMEGA32U4 Datasheet HTML 17Page - ATMEL Corporation ATMEGA32U4 Datasheet HTML 18Page - ATMEL Corporation ATMEGA32U4 Datasheet HTML 19Page - ATMEL Corporation ATMEGA32U4 Datasheet HTML 20Page - ATMEL Corporation ATMEGA32U4 Datasheet HTML 21Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
17
7766BS–AVR–07/08
ATmega16U4/ATmega32U4
6.
Ordering Information
7.
Package Information
Table 6-1.
Possible Order Entries
Ordering Code
USB
interface
Speed
(MHz)
Power Supply
(V)
Package
Operation Range
Product Marking
ATmega32U4-16AU
Device
only
8-16
2.7 - 5.5
TQFP44
Industrial (-40° to +85°C)
Green
mega32U4-16AU
ATmega32U4-16MU
Device
only
8-16
2.7 - 5.5
QFN44
Industrial (-40° to +85°C)
Green
mega32U4-16MU
Package Type
ML
ML, 44 - Lead, 10 x 10 mm Body Size, 1.0 mm Body Thickness
0.8 mm Lead Pitch, Thin Profile Plastic Quad Flat Package (TQFP)
PW
PW, 44 - Lead 7.0 x 7.0 mm Body, 0.50 mm Pitch
Quad Flat No Lead Package (QFN)


Similar Part No. - ATMEGA32U4

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA32U4 ATMEL-ATMEGA32U4 Datasheet
194Kb / 28P
   USB DFU Bootloader
ATmega32U4 ATMEL-ATmega32U4 Datasheet
664Kb / 22P
   8-bit Microcontroller with 16/32K Bytes of ISP Flash and USB Controller
ATmega32U4 ATMEL-ATmega32U4 Datasheet
6Mb / 408P
   8-bit Microcontroller with 16/32K Bytes of ISP Flash and USB Controller
ATMEGA32U4 ATMEL-ATMEGA32U4 Datasheet
733Kb / 26P
   8-bit Microcontroller with 16/32K Bytes of ISP Flash and USB Controller
ATMEGA32U4 ATMEL-ATMEGA32U4 Datasheet
694Kb / 26P
   High Performance, Low Power AVR 8-Bit Microcontroller Advanced RISC Architecture
More results

Similar Description - ATMEGA32U4

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA16U4 ATMEL-ATMEGA16U4_1 Datasheet
6Mb / 408P
   8-bit Microcontroller with 16/32K Bytes of ISP Flash and USB Controller
ATMEGA16U4 ATMEL-ATMEGA16U4_10 Datasheet
733Kb / 26P
   8-bit Microcontroller with 16/32K Bytes of ISP Flash and USB Controller
ATMEGA16U4 ATMEL-ATMEGA16U4_08 Datasheet
633Kb / 21P
   8-bit Microcontroller with 16/32K Bytes of ISP Flash and USB Controller
ATMEGA16U4 ATMEL-ATMEGA16U4_V01 Datasheet
518Kb / 27P
   8-bit Microcontroller with 16/32K bytes of ISP Flash and USB Controller
09/2014
ATMEGA16U4 ATMEL-ATMEGA16U4_09 Datasheet
664Kb / 22P
   8-bit Microcontroller with 16/32K Bytes of ISP Flash and USB Controller
ATMEGA8U2 ATMEL-ATMEGA8U2_1 Datasheet
353Kb / 21P
   8-bit Microcontroller with 8/16/32K Bytes of ISP Flash and USB Controller
ATMEGA8U2 ATMEL-ATMEGA8U2 Datasheet
5Mb / 314P
   8-bit Microcontroller with 8/16/32K Bytes of ISP Flash and USB Controller
ATMEGA8U2 ATMEL-ATMEGA8U2_12 Datasheet
325Kb / 22P
   Microcontroller with 8/16/32K Bytes of ISP Flash and USB Controller
ATMEGA16U4 ATMEL-ATMEGA16U4_14 Datasheet
852Kb / 26P
   8-bit Microcontroller with 16/32 Bytes of ISP Flash and USB Controller
ATMEGA32U4 ATMEL-ATMEGA32U4_14 Datasheet
7Mb / 28P
   8-bit Microcontroller with 16/32 Bytes of ISP Flash and USB Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com