Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CC1010R Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # CC1010R
Description  Single Chip Very Low Power RF Transceiver with 8051-Compatible Microcontroller
Download  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CC1010R Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button CC1010R Datasheet HTML 6Page - List of Unclassifed Manufacturers CC1010R Datasheet HTML 7Page - List of Unclassifed Manufacturers CC1010R Datasheet HTML 8Page - List of Unclassifed Manufacturers CC1010R Datasheet HTML 9Page - List of Unclassifed Manufacturers CC1010R Datasheet HTML 10Page - List of Unclassifed Manufacturers CC1010R Datasheet HTML 11Page - List of Unclassifed Manufacturers CC1010R Datasheet HTML 12Page - List of Unclassifed Manufacturers CC1010R Datasheet HTML 13Page - List of Unclassifed Manufacturers CC1010R Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 133 page
background image
Chipcon
Chipcon
Chipcon
Chipcon
SmartRF
SmartRF
SmartRF
SmartRF â CC1010
Chipcon AS
SmartRFâ CC1010 PRELIMINARY Datasheet (rev. 1.0) 2002-09-18
Page 10 of 133
Parameter
Min.
Typ.
Max.
Unit
Condition
RSSI accuracy
± 6
dB
See p. 115 for details
RSSI linearity
± 2
dB
Frequency Synthesiser
Section
Crystal Oscillator Frequency
3
24
MHz
Crystal frequency can be 3-4,
6-8 or 9-24 MHz.
Recommended frequencies
are 3.6864, 7.3728, 11.0592,
14.7456, 18.4320 and
22.1184 MHz. See page 30
for details.
Crystal frequency accuracy
requirement
± 50
± 25
ppm
433 MHz
868 MHz
The crystal frequency
accuracy and drift (ageing
and temperature
dependency) will determine
the frequency accuracy of the
transmitted signal.
Crystal operation
Parallel
C171 and C181 are loading
capacitors
Crystal load capacitance
12
12
12
12
20
16
16
12
30
30
16
16
pF
pF
pF
pF
3-4 MHz, 20 pF recommended
6-8 MHz, 16 pF recommended
9-16 MHz, 16 pF recommended
16-24 MHz, 12 pF recommended
Crystal oscillator start-up time
5
1.5
2
ms
ms
ms
3.6864 MHz, 16 pF load
7.3728 MHz, 16 pF load
16 MHz, 16 pF load
Output signal phase noise
-85
dBc/Hz
At 100 kHz offset from carrier
PLL lock time (RX / TX turn
time)
200
µs
PLL turn-on time
250
µs


Similar Part No. - CC1010R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC1010 TI-CC1010 Datasheet
1Mb / 152P
[Old version datasheet]   Single Chip Very Low Power RF Transceiver with 8051-Compatible Microcontroller
CC1010-RTR1 TI-CC1010-RTR1 Datasheet
1Mb / 152P
[Old version datasheet]   Single Chip Very Low Power RF Transceiver with 8051-Compatible Microcontroller
CC1010-RTY1 TI-CC1010-RTY1 Datasheet
1Mb / 152P
[Old version datasheet]   Single Chip Very Low Power RF Transceiver with 8051-Compatible Microcontroller
CC1010-STR1 TI-CC1010-STR1 Datasheet
1Mb / 152P
[Old version datasheet]   Single Chip Very Low Power RF Transceiver with 8051-Compatible Microcontroller
CC1010-STY1 TI-CC1010-STY1 Datasheet
1Mb / 152P
[Old version datasheet]   Single Chip Very Low Power RF Transceiver with 8051-Compatible Microcontroller
More results

Similar Description - CC1010R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC1010PAGR TI-CC1010PAGR Datasheet
1Mb / 149P
[Old version datasheet]   Single Chip Very Low Power RF Transceiver with 8051-Compatible Microcontroller
CC1010 TI-CC1010 Datasheet
1Mb / 152P
[Old version datasheet]   Single Chip Very Low Power RF Transceiver with 8051-Compatible Microcontroller
CC1000 TI-CC1000 Datasheet
593Kb / 55P
[Old version datasheet]   Single Chip Very Low Power RF Transceiver
logo
Future Technology Devic...
FT51BQ-T FTDI-FT51BQ-T Datasheet
1Mb / 43P
   Advanced Microcontroller with 8051 Compatible Core
logo
List of Unclassifed Man...
CC2510FX ETC1-CC2510FX Datasheet
1Mb / 253P
   True System-on-Chip with Low Power RF Transceiver and 8051 MCU
logo
Texas Instruments
CC1110 TI-CC1110 Datasheet
1Mb / 203P
[Old version datasheet]   True System-on-Chip with Low Power RF Transceiver and 8051 MCU
logo
ATMEL Corporation
AT89LP51RC2 ATMEL-AT89LP51RC2_14 Datasheet
7Mb / 254P
   8-bit Microcontroller Compatible with 8051 Products
AT89LP51ED2 ATMEL-AT89LP51ED2_14 Datasheet
809Kb / 26P
   8-bit Microcontroller Compatible with 8051 Products
AT89LP51IC2 ATMEL-AT89LP51IC2_14 Datasheet
7Mb / 254P
   8-bit Microcontroller Compatible with 8051 Products
AT89LP51 ATMEL-AT89LP51_14 Datasheet
4Mb / 117P
   8-bit Microcontroller Compatible with 8051 Products
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com