Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

942C20S22K-F Datasheet(PDF) 1 Page - Cornell Dubilier Electronics

Part # 942C20S22K-F
Description  Type 942C Very High dV/dt, Round Polypropylene Film Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

942C20S22K-F Datasheet(HTML) 1 Page - Cornell Dubilier Electronics

  942C20S22K-F Datasheet HTML 1Page - Cornell Dubilier Electronics 942C20S22K-F Datasheet HTML 2Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CDE Cornell Dubilier•1605 E. Rodney French Blvd.•New Bedford, MA 02740•Phone: (508)996-8561•Fax: (508)996-3830 www.cde.com
Type 942C Very High dV/dt, Round Polypropylene Film Capacitors
CDE Cornell Dubilier•1605 E. Rodney French Blvd.•New Bedford, MA 02740•Phone: (508)996-8561•Fax: (508)996-3830 www.cde.com
Round, Film/Foil/Metallized Hybrid, Axial Leaded
Specifications
Capacitance Range: 0.01 to 2.5 µF
Voltage Range: 600 to 2000 Vdc
(300 to 500 Vac, 60 Hz)
Capacitance Tolerance: ±10%
Operating Temperature Range: –55°C to +105°C*
*Full-rated voltage at 85°C, derate linearly to 50% rated voltage at +105 °C
Ratings
Type 942C round, axial film capacitors utilize a hybrid section design of
polypropylene film, metal foils and metallized polypropylene dielectric to achieve
both high peak current as well as superior rms current ratings. This series is ideal
for high pulse operation and high peak current circuits.
Construction
600 Vdc and Higher
Foil
Polypropylene
Metallized Polypropylene
NOTE:
Other capacitance values, sizes and performance specifications are available. Contact us.
1.625”
(41 mm)
Min.
1.625”
(41 mm)
Min.
D Max.
d
L Max.
I
RMS
Typical Typical
70 ºC
Cap.
Catalog
D
L
d
ESR
ESL
dV/dt
I
PEAK
100 kHz
(µF)
Part Number
Inches(mm)
Inches(mm) Inches(mm)
(mΩ)
(nH)
(V/µs)
(A)
(A)
600 Vdc (300 Vac)
.15
942C6P15K-F
.551(14.0)
1.339(34.0)
.040(1.0)
5
21
1427
214
7.7
.22
942C6P22K-F
.630(16.0)
1.339(34.0)
.040(1.0)
7
22
1427
314
7.0
.33
942C6P33K-F
.748(19.0)
1.339(34.0)
.040(1.0)
6
23
1427
471
8.4
.47
942C6P47K-F
.866(22.0)
1.339(34.0)
.040(1.0)
5
24
1427
671
10.1
.68
942C6P68K-F
1.010(25.6)
1.339(34.0)
.047(1.2)
4
26
1427
970
12.4
1.00
942C6W1K-F
.925(23.5)
1.811(46.0)
.047(1.2)
5
30
800
800
11.8
1.50
942C6W1P5K-F
1.122(28.5)
1.811(46.0)
.047(1.2)
4
32
800
1200
14.8
2.00
942C6W2K-F
1.122(28.5)
2.126(54.0)
.047(1.2)
3
36
628
1256
18.2
2.20
942C6W2P2K-F
1.181(30.0)
2.126(54.0)
.047(1.2)
3
36
628
1382
18.8
2.50
942C6W2P5K-F
1.260(32.0)
2.126(54.0)
.047(1.2)
3
37
628
1570
19.5
850 Vdc (360 Vac)
.15
942C8P15K-F
.610(15.5)
1.339(34.0)
.040(1.0)
5
22
1712
257
8.1
.22
942C8P22K-F
.709(18.0)
1.339(34.0)
.040(1.0)
7
23
1712
377
7.5
.33
942C8P33K-F
.846(21.5)
1.339(34.0)
.040(1.0)
6
24
1712
565
7.7
.47
942C8P47K-F
.984(25.0)
1.339(34.0)
.047(1.2)
5
26
1712
805
10.9
.68
942C8P68K-F
1.161(29.5)
1.339(34.0)
.047(1.2)
4
27
1712
1164
13.6
1.00
942C8W1K-F
1.102(28.0)
1.811(46.0)
.047(1.2)
5
32
960
960
13.1
1.50
942C8W1P5K-F
1.142(29.0)
2.126(54.0)
.047(1.2)
4
36
754
1131
15.9
2.00
942C8W2K-F
1.161(29.5)
2.520(64.0)
.047(1.2)
3
41
574
1148
19.9
NOTE: Other capacitance values, sizes and performance specifications are
available. Contact us.
Complies with the EU Directive 2002/95/EC requirement restricting the use of Lead
(Pb), Mercury (Hg), Cadmium (Cd), Hexavalent chromium (Cr(VI)), PolyBrominated
Biphenyls (PBB) and PolyBrominated Diphenyl Ethers (PBDE).


Similar Part No. - 942C20S22K-F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
942C20S22K-F ETC2-942C20S22K-F Datasheet
220Kb / 2P
   Very High dV/dt, Round Polypropylene Film Capacitors
logo
Cornell Dubilier Electr...
942C20S22K-F CDE-942C20S22K-F Datasheet
285Kb / 6P
   Very High dV/dt for Snubber Applications
More results

Similar Description - 942C20S22K-F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
942C6P15K-F ETC2-942C6P15K-F Datasheet
220Kb / 2P
   Very High dV/dt, Round Polypropylene Film Capacitors
940C6P1K-F ETC2-940C6P1K-F Datasheet
285Kb / 3P
   High dV/dt, Round Polypropylene Film Capacitors
943C6P15K-F ETC2-943C6P15K-F Datasheet
226Kb / 2P
   Very High dV/dt, Oval Polypropylene Film Capacitors
logo
Cornell Dubilier Electr...
943C6P15K-F CDE-943C6P15K-F Datasheet
226Kb / 2P
   Type 943C Very High dV/dt, Oval Polypropylene Film Capacitors
logo
List of Unclassifed Man...
946C8P15J-F ETC2-946C8P15J-F Datasheet
234Kb / 2P
   High dV/dt, Round Polypropylene Capacitors
logo
Cornell Dubilier Electr...
946C8P15J-F CDE-946C8P15J-F Datasheet
234Kb / 2P
   Type 946 High dV/dt, Round Polypropylene Capacitors
logo
List of Unclassifed Man...
941C6P1K-F ETC2-941C6P1K-F Datasheet
152Kb / 2P
   High dV/dt, Metallized Polypropylene Film Capacitors
logo
Cornell Dubilier Electr...
941C6P1K-F CDE-941C6P1K-F Datasheet
152Kb / 2P
   Type 941C High dV/dt, Metallized Polypropylene Film Capacitors
942C CDE-942C Datasheet
285Kb / 6P
   Very High dV/dt for Snubber Applications
logo
Surge Components
C24 SURGE-C24 Datasheet
5Mb / 16P
   High dv/dt ability
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com