Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADUC7022BCP62 Datasheet(PDF) 3 Page - Analog Devices

Part # ADUC7022BCP62
Description  Precision Analog Microcontroller 12-bit Analog I/O, ARM7TDMI MCU
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUC7022BCP62 Datasheet(HTML) 3 Page - Analog Devices

  ADUC7022BCP62 Datasheet HTML 1Page - Analog Devices ADUC7022BCP62 Datasheet HTML 2Page - Analog Devices ADUC7022BCP62 Datasheet HTML 3Page - Analog Devices ADUC7022BCP62 Datasheet HTML 4Page - Analog Devices ADUC7022BCP62 Datasheet HTML 5Page - Analog Devices ADUC7022BCP62 Datasheet HTML 6Page - Analog Devices ADUC7022BCP62 Datasheet HTML 7Page - Analog Devices ADUC7022BCP62 Datasheet HTML 8Page - Analog Devices ADUC7022BCP62 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 78 page
background image
Preliminary Technical Data
ADuC702x Series
Rev. PrA | Page 3 of 78
ADUC702X—SPECIFICATIONS 1
Table 1. (AVDD = IOVDD = 2.7 V to 3.6 V, VREF = 2.5 V Internal Reference, fCORE = 45MHz, All specifications TA = TMAX to TMIN,
unless otherwise noted.)
Parameter
ADuC702x
Unit
Test Conditions/Comments
ADC CHANNEL SPECIFICATIONS
ADC Powerup Time
500
uS
DC Accuracy 2, 3
fSAMPLE = 1MSPS
Resolution
12
Bits
Integral Nonlinearity
Integral Nonlinearity 4
±1.5
±0.5
±2.0
LSB max
LSB typ
LSB max
2.5V internal reference
2.5V internal reference
1.0V external reference
Differential Nonlinearity
Differential Nonlinearity 4
DC Code Distribution
+1/-0.9
±0.5
+1/-0.9
1
LSB max
LSB typ
LSB max
LSB typ
2.5V internal reference
2.5V internal reference
1.0V external reference
ADC input is a dc voltage
CALIBRATED ENDPOINT ERRORS 5
Offset Error
Offset Error Match
±5
±1
LSB max
LSB typ
Gain Error
Gain Error Match
±5
±1
LSB max
LSB typ
DYNAMIC PERFORMANCE
Fin = 10kHz Sine Wave, fSAMPLE = 1MSPS
Signal-to-Noise Ratio (SNR) 6
71
dB typ
Total Harmonic Distortion (THD)
-78
dB typ
Peak Harmonic or Spurious Noise
Channel-to-Channel Crosstalk 7
-78
-80
dB typ
dB typ
ANALOG INPUT
Input Voltage Ranges
Differential mode
VCM8±VREF/2
Volts
Single-ended mode
0 to VREF
Volts
Leakage Current
±5
µA max
Input Capacitance
20
pF typ
During ADC Acquisition
ON-CHIP VOLTAGE REFERENCE
Output Voltage
2.5
V
0.47µF from VREF to AGND
Accuracy
±10
mV max
Measured at TA = 25°C
Reference Temperature Coefficient
Power Supply Rejection Ratio
±10
80
ppm/°C typ
dB typ
Output Impedance
Internal VREF Power-On Time
10
1
Ω typ
ms typ
EXTERNAL REFERENCE INPUT9
Input Voltage Range
Input Impedance
0.625
AVDD
TBD
V min
V max
KΩ typ
DAC CHANNEL SPECIFICATIONS
RL = 5k
Ω, C
L
= 100pF
DC ACCURACY
Resolution
12
Bits
Relative Accuracy
±2
LSB typ
Differential Nonlinearity
±1
LSB max
Guaranteed Monotonic
Offset Error
±2
±5
mV max
mV max
DAC output unbuffered
DAC output buffered
Gain Error
Gain Error Mismatch
±0.5
TBD
% max
% typ
% of fullscale on DAC0


Similar Part No. - ADUC7022BCP62

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUC7022BCP62 AD-ADUC7022BCP62 Datasheet
840Kb / 80P
   Precision Analog Microcontroller 12-bit Analog I/O, ARM7TDMI MCU
Rev. PrB
More results

Similar Description - ADUC7022BCP62

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUC7019 AD-ADUC7019 Datasheet
987Kb / 92P
   Precision Analog Microcontroller 12-bit Analog I/O, ARM7TDMI MCU
REV. A
ADUC7024BSTZ62 AD-ADUC7024BSTZ62 Datasheet
1Mb / 104P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
ADUC7121 AD-ADUC7121 Datasheet
1Mb / 96P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
REV. 0
ADUC7022 AD-ADUC7022_15 Datasheet
1Mb / 104P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
ADUC7019 AD-ADUC7019_15 Datasheet
1Mb / 104P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
ADUC7021 AD-ADUC7021_15 Datasheet
1Mb / 104P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
ADUC7026 AD-ADUC7026_15 Datasheet
1Mb / 104P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
ADUC7028 AD-ADUC7028_15 Datasheet
1Mb / 104P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
ADUC7021BCPZ62 AD-ADUC7021BCPZ62 Datasheet
1Mb / 104P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
ADUC7029 AD-ADUC7029_15 Datasheet
1Mb / 104P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com